Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

142-0711-821 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 142-0711-821
Description  Intermediate Frequency Digital Variable Gain Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

142-0711-821 Datasheet(HTML) 3 Page - Integrated Device Technology

  142-0711-821 Datasheet HTML 1Page - Integrated Device Technology 142-0711-821 Datasheet HTML 2Page - Integrated Device Technology 142-0711-821 Datasheet HTML 3Page - Integrated Device Technology 142-0711-821 Datasheet HTML 4Page - Integrated Device Technology 142-0711-821 Datasheet HTML 5Page - Integrated Device Technology 142-0711-821 Datasheet HTML 6Page - Integrated Device Technology 142-0711-821 Datasheet HTML 7Page - Integrated Device Technology 142-0711-821 Datasheet HTML 8Page - Integrated Device Technology 142-0711-821 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Intermediate Frequency Digital Variable Gain Amplifier
IDTF1200
RevO
Page 3 of 13
April, 2011
DATASHEET
IDTF1200 SPECIFICATION
VCC = +5.0V, fRF = 100MHz, TC= +25°C, STBY = GND, R6 = 2.87K +/-1%, POUT = +3 dBm, unless otherwise noted in the condition column.
EVkit trace, transformer & matching losses are de-embedded for specification purposes (note: de-embedded losses = 0.4dB input and
0.4dB output at 100MHz).
Parameter
Condition
Symbol
min
typ
max
units
Operating Temp.
Range
Case Temperature Measured
at the exposed paddle
TC
-40 to +85
C
Logic Input High
VIH
2.0
1
V
Logic Input Low
VIL
0.8
V
Logic Current
IIH, IIL
-1
+1
μA
Operating voltage
range
Analog & Digital Supplies
VCC
4.75 to 5.25
V
Supply Current
Total, All VCC; R6= 2.87K +/-1%
ISUPP
103
110
117
mA
Standby Current
Total, All VCC
All digital inputs at 2.0VDC
VCC=5.25VDC
ISTBY
2.5
mA
Frequency Range
Output IP3 > +40 dBm
fRF
50 to 160
MHz
Input Resistance
Differential
RIN
200
Ω
Output Resistance
Differential
ROUT
200
Ω
Maximum Gain
GC = [0000000]
GMAX
20.7
21.7
22.6
dB
Minimum Gain
GC = [1011101]
GMIN
-2.8
-1.7
-0.7
dB
Gain Step
LSB
0.25
dB
Phase Slope
ΔΦ due to change in gain
ΦSLOPE
0.3
deg/dB
Differential Gain Error
Between adjacent 1dB steps
DNL
.05
dB
Integral Gain Error
Error vs. straight line
INL
+/-0.20
dB
Noise Figure
At Maximum Gain
NF
2.6
dB
Noise Figure
GC = [0110100] (gain = 9dB)
NFBACK
4.55
dB
Output IP3
Set code = 0000000, (GMAX)
Pout = +3 dBm per tone
800 KHz Tone Separation
IP3O1
48
dBm
Output IP3 –
at Gback
Set code = 0110100,
, (Gain = 9dB)
Pout = +3 dBm per tone
800 KHz Tone Separation
IP3O2
44
dBm
Settling Time
Gain Step from 22 to 21 dB setting
Settles to within 0.1 dB of final
value
FRF = 100 MHz
T1dB
15
2
nsec
2
nd Harmonic
Set code = 0000000, (GMAX)
Pout = +3 dBm
H2
-82
dBc
# Control Bits
Parallel
CB
7
#
1 dB Compression
Set code = 0000000, (GMAX)
Single Tone Test
P1dBO
+16.7
+19.4
dBm
1 –Items in bold italics are Guaranteed by Test
2 – See Graph on Page 8


Similar Part No. - 142-0711-821

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
142-0711-821 MICREL-142-0711-821 Datasheet
1Mb / 10P
   TXRX_982_R1 Evaluation Board
logo
Integrated Device Techn...
142-0711-821 IDT-142-0711-821 Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
142-0711-821 IDT-142-0711-821 Datasheet
3Mb / 43P
   Dual Path Highband RF Receiver 1400MHz to 2700MHz
142-0711-821 IDT-142-0711-821 Datasheet
4Mb / 26P
   RF to IF Dual Downconverting Mixer
142-0711-821 IDT-142-0711-821 Datasheet
2Mb / 17P
   7-bit 0.25 dB Digital Step Attenuator
More results

Similar Description - 142-0711-821

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDTF1200 RENESAS-IDTF1200 Datasheet
2Mb / 14P
   Intermediate Frequency Digital Variable Gain Amplifier
logo
Integrated Device Techn...
IDTF1240NBGI IDT-IDTF1240NBGI Datasheet
1Mb / 23P
   Dual Intermediate Frequency Digital Variable Gain Amplifier
logo
BeRex Corporation
BVA303B BEREX-BVA303B Datasheet
1Mb / 18P
   DIGITAL VARIABLE GAIN AMPLIFIER
BVA304B BEREX-BVA304B Datasheet
1Mb / 20P
   DIGITAL VARIABLE GAIN AMPLIFIER
BVA305 BEREX-BVA305_18 Datasheet
1Mb / 16P
   DIGITAL VARIABLE GAIN AMPLIFIER
BVA305B BEREX-BVA305B Datasheet
1Mb / 18P
   DIGITAL VARIABLE GAIN AMPLIFIER
BVA303 BEREX-BVA303_18 Datasheet
1Mb / 16P
   DIGITAL VARIABLE GAIN AMPLIFIER
BVA304 BEREX-BVA304_18 Datasheet
5Mb / 29P
   DIGITAL VARIABLE GAIN AMPLIFIER
logo
Mini-Circuits
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
   Digital Controlled Variable Gain Amplifier
logo
RF Micro Devices
RFDA0015 RFMD-RFDA0015 Datasheet
934Kb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com