Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM1555C1H161JA01D Datasheet(PDF) 9 Page - Integrated Device Technology

Part # GRM1555C1H161JA01D
Description  DPD Demodulator for PA Linearization
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

GRM1555C1H161JA01D Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button GRM1555C1H161JA01D Datasheet HTML 5Page - Integrated Device Technology GRM1555C1H161JA01D Datasheet HTML 6Page - Integrated Device Technology GRM1555C1H161JA01D Datasheet HTML 7Page - Integrated Device Technology GRM1555C1H161JA01D Datasheet HTML 8Page - Integrated Device Technology GRM1555C1H161JA01D Datasheet HTML 9Page - Integrated Device Technology GRM1555C1H161JA01D Datasheet HTML 10Page - Integrated Device Technology GRM1555C1H161JA01D Datasheet HTML 11Page - Integrated Device Technology GRM1555C1H161JA01D Datasheet HTML 12Page - Integrated Device Technology GRM1555C1H161JA01D Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
DPD Demodulator for PA Linearization
550MHz to 1150MHz
IDT Zero-Distortion
TM, Glitch-FreeTM DPD Receiver
9
Rev4 January 2014
F1300
DATASHEET
IDTF1320NBGI
Datasheet
ARY DATASHEET
F1320 ATTENUATION TABLE
The F1320 gain/attenuation setting is controlled by 6 bits in the data word. The device provides an added attenuation
range from 0 dB to 25.5 dB in 0.5 dB steps. A “high” or “1” bit corresponds to attenuation stepped IN, while a “low” or
“0” bit corresponds to attenuation stepped OUT.
Because the first and last bits of the Data Word are not presently used by the F1320, two additional hex character
pairs exists for each of those in this table. For example, data words of either H00, H80, or H01 (binary
“00000000,” “10000000,” or 00000001) will place the F1320 in its minimum attenuation state. Likewise, data
words of either H66, HE6, or H67 (binary “01100110” or “11100110” or “01100111”) will place the F1320 in its
maximum attenuation state of 25.5 added attenuation.
F1320 DPD Demodulator - Attenuation Table (Data Word D7-D0)
BINARY
HEX
Added Atten (dB)
BINARY
HEX
Added Atten (dB)
00000000
00
0
00110100
34
13
00000010
02
0.5
00110110
36
13.5
00000100
04
1
00111000
38
14
00000110
06
1.5
00111010
3A
14.5
00001000
08
2
00111100
3C
15
00001010
0A
2.5
00111110
3E
15.5
00001100
0C
3
01000000
40
16
00001110
0E
3.5
01000010
42
16.5
00010000
10
4
01000100
44
17
00010010
12
4.5
01000110
46
17.5
00010100
14
5
01001000
48
18
00010110
16
5.5
01001010
4A
18.5
00011000
18
6
01001100
4C
19
00011010
1A
6.5
01001110
4E
19.5
00011100
1C
7
01010000
50
20
00011110
1E
7.5
01010010
52
20.5
00100000
20
8
01010100
54
21
00100010
22
8.5
01010110
56
21.5
00100100
24
9
01011000
58
22
00100110
26
9.5
01011010
5A
22.5
00101000
28
10
01011100
5C
23
00101010
2A
10.5
01011110
5E
23.5
00101100
2C
11
01100000
60
24
00101110
2E
11.5
01100010
62
24.5
00110000
30
12
01100100
64
25
00110010
32
12.5
01100110
66
25.5


Similar Part No. - GRM1555C1H161JA01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM1555C1H160JA01 MURATA-GRM1555C1H160JA01 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
More results

Similar Description - GRM1555C1H161JA01D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTF1370NBGI IDT-IDTF1370NBGI Datasheet
1Mb / 25P
   DPD Demodulator for PA Linearization
IDTF1358NBGI IDT-IDTF1358NBGI Datasheet
1Mb / 37P
   DPD Demodulator for PA Linearization
logo
Renesas Technology Corp
F1375 RENESAS-F1375 Datasheet
1Mb / 27P
   DPD Demodulator for PA Linearization 1300MHz to 2900MHz
February 7, 2022
F1300 RENESAS-F1300 Datasheet
1Mb / 31P
   DPD Demodulator for PA Linearization 550MHz to 1150MHz
February 7, 2022
IDTF1350 RENESAS-IDTF1350 Datasheet
1Mb / 27P
   DPD Demodulator for PA Linearization, 1300MHz to 2900MHz
January 21, 2020
F1385 RENESAS-F1385 Datasheet
1Mb / 42P
   DPD Demodulator for PA Linearization 3200 to 4400 MHz
February 7, 2022
logo
Sony Corporation
CXA3018R SONY-CXA3018R Datasheet
485Kb / 17P
   Demodulator for Satellite Receivers
logo
Keysight Technologies
M9451A KEYSIGHT-M9451A Datasheet
588Kb / 10P
   M9451A-DPD PXIe Measurement Accelerator
logo
Sony Corporation
CXA3218N SONY-CXA3218N Datasheet
241Kb / 16P
   FM Demodulator for BS/CS
logo
NXP Semiconductors
TBA120U PHILIPS-TBA120U Datasheet
93Kb / 9P
   Sound I.F. amplifier/demodulator for TV
March 1986
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com