Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z89305 Datasheet(PDF) 6 Page - Zilog, Inc.

Part # Z89305
Description  DIGITAL TELEVISION CONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89305 Datasheet(HTML) 6 Page - Zilog, Inc.

  Z89305 Datasheet HTML 1Page - Zilog, Inc. Z89305 Datasheet HTML 2Page - Zilog, Inc. Z89305 Datasheet HTML 3Page - Zilog, Inc. Z89305 Datasheet HTML 4Page - Zilog, Inc. Z89305 Datasheet HTML 5Page - Zilog, Inc. Z89305 Datasheet HTML 6Page - Zilog, Inc. Z89305 Datasheet HTML 7Page - Zilog, Inc. Z89305 Datasheet HTML 8Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
PRELIMINARY
Z89303/05/07
CPS DC-4222-03
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Min
Max
Units
Conditions
V
CC
Power Supply Voltage
0
7
V
V
ID
Input Voltage
–0.3
V
CC +0.3
V
Digital Inputs
V
IA
Input Voltage
–0.3
V
CC +0.3
V
Analog Inputs (A/D0...A/D4)
V
O
Output Voltage
–0.3
V
CC +0.3
V
All Push-Pull Digital Output
V
O
Output Voltage
–0.3
V
CC +8.0
V
Open-Drain PWM Outputs
(PWM1...PWM8)
I
OH
Output Current High
–10
mA
One Pin
I
OH
Output Current High
–100
mA
All Pins
I
OL
Output Current Low
20
mA
One Pin
I
OL
Output Current Low
200
mA
All Pins
T
A
Operating Temperature
0
7 0
°C
T
A
Storage Temperature
–65
150
°C
DC CHARACTERISTICS
T
A = 0°C to + 70°C; VCC = 4.5
V to + 5.5 V; F
OSC = 32.768 KHz
Symbol
Parameter
Min
Max
Typical
Units
Conditions
V
IL
Input Voltage Low
0
0.2 V
CC
0.4
V
V
IH
Input Voltage High
0.6 V
CC
V
CC
3.6
V
V
PU
Max. Pull-Up Voltage
1 2
V
PWM0...PWM8 Only
V
OL
Output Voltage Low
0.4
0.16
V
@ I
OL = 1 mA
V
OL
Output Voltage High
V
CC –0.9
4.75
V
@ I
OL = 0.75 mA
V
XL
Input Voltage XTAL1 Low
0.3 V
CC
1.0
V
External Clock
V
XH
Input Voltage XTAL1 High
V
CC –2.0
3.5
V
Generator Driven
V
HY
Schmitt Hysteresis
3.0
0.75
0.5
V
On XTAL1 Input Pin
I
IR
Reset Input Current
150
90
µAV
RL = 0 V
I
IL
Input Leakage
–3.0
3.0
0.01
µA
@ 0 V and V
CC
I
CC
Supply Current
100
6 0
mA
I
CC1E
Supply Current of the OTP
700
300
µA
Sleep Mode @ 32 KHz
I
CC1
Supply Current
300
100
µA
Sleep Mode @ 32 KHz
I
CC2
Supply Current
1 0
5
µA
Sleep Mode


Similar Part No. - Z89305

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z89300 ZILOG-Z89300 Datasheet
86Kb / 8P
   DIGITAL TELEVISION CONTROLLER
Z89301 ZILOG-Z89301 Datasheet
86Kb / 8P
   DIGITAL TELEVISION CONTROLLER
Z89302 ZILOG-Z89302 Datasheet
74Kb / 8P
   Digital Television Controller
Z89304 ZILOG-Z89304 Datasheet
74Kb / 8P
   Digital Television Controller
Z89306 ZILOG-Z89306 Datasheet
74Kb / 8P
   Digital Television Controller
More results

Similar Description - Z89305

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z89302 ZILOG-Z89302 Datasheet
74Kb / 8P
   Digital Television Controller
Z90365 ZILOG-Z90365 Datasheet
35Kb / 8P
   Digital Television Controller
Z89300 ZILOG-Z89300 Datasheet
86Kb / 8P
   DIGITAL TELEVISION CONTROLLER
Z90341 ZILOG-Z90341 Datasheet
69Kb / 7P
   DIGITAL TELEVISION CONTROLLER
Z89313 ZILOG-Z89313 Datasheet
52Kb / 8P
   DIGITAL TELEVISION CONTROLLER
Z89314 ZILOG-Z89314 Datasheet
85Kb / 8P
   DIGITAL TELEVISION CONTROLLER
Z89332 ZILOG-Z89332 Datasheet
62Kb / 8P
   Digital Television Controller
Z86127 ZILOG-Z86127 Datasheet
106Kb / 8P
   LOW-COST DIGITAL TELEVISION CONTROLLER (LDTC)
Z90102 ZILOG-Z90102 Datasheet
232Kb / 36P
   40-Pin Low-Cost Digital Television Controller
Z90110 ZILOG-Z90110 Datasheet
69Kb / 8P
   40-PIN LOW-COST DIGITAL TELEVISION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com