Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTF1370NBGI Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDTF1370NBGI
Description  DPD Demodulator for PA Linearization
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTF1370NBGI Datasheet(HTML) 3 Page - Integrated Device Technology

  IDTF1370NBGI Datasheet HTML 1Page - Integrated Device Technology IDTF1370NBGI Datasheet HTML 2Page - Integrated Device Technology IDTF1370NBGI Datasheet HTML 3Page - Integrated Device Technology IDTF1370NBGI Datasheet HTML 4Page - Integrated Device Technology IDTF1370NBGI Datasheet HTML 5Page - Integrated Device Technology IDTF1370NBGI Datasheet HTML 6Page - Integrated Device Technology IDTF1370NBGI Datasheet HTML 7Page - Integrated Device Technology IDTF1370NBGI Datasheet HTML 8Page - Integrated Device Technology IDTF1370NBGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
DPD Demodulator for PA Linearization
1300MHz to 2900MHz
IDT Zero-Distortion
TM, Glitch-FreeTM DPD Receiver
3
Rev4, January 2014
PRELIMINARY DATASHEET
IDTF1370NBGI
Datasheet
IDTF1370 SPECIFICATION
Specifications apply at VCC = +5.0V, TC = 25C, FRF = 2100 MHz, FLO = 2300 MHz, Gain = GMAX, PLO = 0 dBm, TC= +25°C, STBY = GND
unless otherwise noted. Full Lineup measured through to I or Q path. IF Transformers and RF input trace losses de-embedded.
Parameter
Comment
Symbol
min
typ
max
units
Logic Input High
For STBY, DATA, CSb, CLK, SW_Latch
VIH
2.3
V
Logic Input Low
For STBY, DATA, CSb, CLK, SW_Latch
VIL
0.5
V
Logic Current
VH = 2.3V, VL = 0V
IIH, IIL
-120
+100
μA
Supply Voltage(s)
All VCC (operating range)
VCC
4.75 to
5.25
V
Temperature Range
Operating Range
TCASE
-40
+105
degC
Supply Current
Total VCC
ISUPP
275
325
mA
Supply Current
Standby Mode: STBY > V
IH
ISTBY
30
40
mA
RF Freq Range
Sets LO freq range
FRF
1450
2700
MHz
IF center Freq Range
Sets LO freq range
FIF
100
300
MHz
Oversample RF Range
Measure Gain at I&Q
Gain setting = G
MAX
F
LO = 1800 MHz, 2920 MHz
Gain Delta < 2.5 dB
FRFD
1300
2900
MHz
Oversample IF Range
Measure Gain at I&Q
Gain setting = G
MAX
F
LO = 1800 MHz, 2920 MHz
Gain Delta < 2.5 dB
FIFD
20
500
MHz
IF Linearity BW
RF Freq = 2100 MHz
IP3O > +38 dBm
From RF_INX to I+,I- & Q+,Q-
Pin = -11 dBm/Tone;
Gain setting = G
MAX
IFLIN
100
300
MHz
RF Linearity BW
IF Freq = 200 MHz
IP3O > +39 dBm
From RF_INX to I+,I- & Q+,Q-
Pin = -11 dBm/Tone
Gain setting = G
MAX
RFLIN
1600
2700
MHz
LO Freq Range
Operating Range
FLO
1400
2900
MHz
LO Power
PLO
-3 to +3
dBm
RF Input Impedance
Single Ended (RL > 10 dB)
ZRF
50
Ω
IF Output Impedance
Differential (RL > 10 dB)
ZIF
200
Ω
LO port Impedance
Single Ended (RL > 10 dB)
ZLO
50
Ω
Gain maximum
From RF_INX to I+,I- & Q+,Q-
Gain setting = G
MAX
Pin = -11 dBm
GMAX
10.8
1
12.5
13.8
dB
Gain maximum Low
Side Injection
From RF_INX to I+,I- & Q+,Q-
Gain setting = G
MAX
Pin = -11 dBm
RF = 2000MHz
LO = 1800MHz
GMAX_LSLO
12.7
dB
Gain minimum
From RF_INX to I+,I- & Q+,Q-
Gain setting = G
MIN
Pin = +14 dBm
GMIN
-13.5
-12.8
-12
dB


Similar Part No. - IDTF1370NBGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDTF1370NBGI8 RENESAS-IDTF1370NBGI8 Datasheet
1Mb / 26P
   Wide flat performance IF BW
Rev4, January 2014
More results

Similar Description - IDTF1370NBGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTF1320NBGI IDT-IDTF1320NBGI Datasheet
1Mb / 28P
   DPD Demodulator for PA Linearization
IDTF1358NBGI IDT-IDTF1358NBGI Datasheet
1Mb / 37P
   DPD Demodulator for PA Linearization
logo
Renesas Technology Corp
F1375 RENESAS-F1375 Datasheet
1Mb / 27P
   DPD Demodulator for PA Linearization 1300MHz to 2900MHz
February 7, 2022
F1300 RENESAS-F1300 Datasheet
1Mb / 31P
   DPD Demodulator for PA Linearization 550MHz to 1150MHz
February 7, 2022
IDTF1350 RENESAS-IDTF1350 Datasheet
1Mb / 27P
   DPD Demodulator for PA Linearization, 1300MHz to 2900MHz
January 21, 2020
F1385 RENESAS-F1385 Datasheet
1Mb / 42P
   DPD Demodulator for PA Linearization 3200 to 4400 MHz
February 7, 2022
logo
Sony Corporation
CXA3018R SONY-CXA3018R Datasheet
485Kb / 17P
   Demodulator for Satellite Receivers
logo
Keysight Technologies
M9451A KEYSIGHT-M9451A Datasheet
588Kb / 10P
   M9451A-DPD PXIe Measurement Accelerator
logo
Sony Corporation
CXA3218N SONY-CXA3218N Datasheet
241Kb / 16P
   FM Demodulator for BS/CS
logo
NXP Semiconductors
TBA120U PHILIPS-TBA120U Datasheet
93Kb / 9P
   Sound I.F. amplifier/demodulator for TV
March 1986
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com