Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERJ-2RKF1502X Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ERJ-2RKF1502X
Description  High Reliability SP5T RF Switch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ERJ-2RKF1502X Datasheet(HTML) 3 Page - Integrated Device Technology

  ERJ-2RKF1502X Datasheet HTML 1Page - Integrated Device Technology ERJ-2RKF1502X Datasheet HTML 2Page - Integrated Device Technology ERJ-2RKF1502X Datasheet HTML 3Page - Integrated Device Technology ERJ-2RKF1502X Datasheet HTML 4Page - Integrated Device Technology ERJ-2RKF1502X Datasheet HTML 5Page - Integrated Device Technology ERJ-2RKF1502X Datasheet HTML 6Page - Integrated Device Technology ERJ-2RKF1502X Datasheet HTML 7Page - Integrated Device Technology ERJ-2RKF1502X Datasheet HTML 8Page - Integrated Device Technology ERJ-2RKF1502X Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Rev O 12/14/2015
F2915 RECOMMENDED OPERATING C
Parameter
Symbol
Supply Voltage (s)
VDD
Pin 20 grounded
Pin 20 Driven with VSS
VSSEXT
Negative Supply
Operating Temp Range
TCASE
Expos
RF Frequency Range
FRF
RF Continuous
Input CW Power 2
PRF
Selected Port
Terminated Ports
RF Continuous
Input CW Power for
Hot RF Switching2
PRFSW
RFC as
the input
RF1 thru
RF5 as
the inputs
RF1 - 5 Port Impedance
ZRFx
RFC Port Impedance
ZRFC
Note 1: For normal operation, connect VSS
By applying VSSEXT to pin 20, the negative voltage generator is disabled completely eliminating any
generator spurious responses.
Note 2: Levels based on TC ≤ 85C. See Figure 1 power de
Note 3: In any of the insertion loss modes or switching into any insertion loss mode, any 3 of the 4 remaining
terminated port paths may be each exposed to the maximum stated power le
switching operation.
Figure 1 - MAXIMUM RF
3
High Reliability SP5T RF
CONDITIONS
Conditions
Min
Typ
Pin 20 grounded
2.7
Pin 20 Driven with VSSEXT
2.7
Negative Supply
1
-3.6
-3.4
Exposed Paddle Temperature
-40
400
Selected Port
Terminated Ports
3
RFC as
the input
Switch to RF1
thru RF5.
Switched into or
out of all off
state.
RF1 thru
RF5 as
the inputs
Switched to RFC
or into Term
3.
Switch into or
out of all off
condition.
50
50
For normal operation, connect VSSEXT = 0 V (pin 20) to GND to enable the internal negative voltage generator.
to pin 20, the negative voltage generator is disabled completely eliminating any
≤ 85C. See Figure 1 power de-rating curve for higher case temperatures.
In any of the insertion loss modes or switching into any insertion loss mode, any 3 of the 4 remaining
be each exposed to the maximum stated power level during continuous or hot
MAXIMUM RF OPERATING INPUT POWER vs. RF FREQUENCY
F2915
High Reliability SP5T RF Switch
Max
Units
5.5
V
5.5
-3.2
+105
OC
8000
MHz
33
dBm
27
27
dBm
24
27
27
V (pin 20) to GND to enable the internal negative voltage generator.
to pin 20, the negative voltage generator is disabled completely eliminating any
rating curve for higher case temperatures.
In any of the insertion loss modes or switching into any insertion loss mode, any 3 of the 4 remaining
vel during continuous or hot
. RF FREQUENCY


Similar Part No. - ERJ-2RKF1502X

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ERJ-2RKF1502X RENESAS-ERJ-2RKF1502X Datasheet
1Mb / 19P
   75廓 SPST RF Switch 1MHz to 3500MHz
ERJ-2RKF1502X RENESAS-ERJ-2RKF1502X Datasheet
3Mb / 24P
   High Reliability SP2T RF Switch 9 kHz to 9000 MHz
ERJ-2RKF1502X RENESAS-ERJ-2RKF1502X Datasheet
757Kb / 19P
   High Reliability SP5T RF Switch 50MHz to 8000MHz
ERJ-2RKF1502X RENESAS-ERJ-2RKF1502X Datasheet
4Mb / 21P
   High Reliability SP2T RF Switch 50 MHz to 8000 MHz
ERJ-2RKF1502X RENESAS-ERJ-2RKF1502X Datasheet
4Mb / 20P
   High Reliability SP2T RF Switch 50 MHz to 8000 MHz
More results

Similar Description - ERJ-2RKF1502X

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F2915 RENESAS-F2915 Datasheet
757Kb / 19P
   High Reliability SP5T RF Switch 50MHz to 8000MHz
F2955 RENESAS-F2955 Datasheet
1Mb / 22P
   High Reliability SP5T RF Switch 50MHz to 8000MHz
logo
Mini-Circuits
JSW5-23DR-75 MINI-JSW5-23DR-75 Datasheet
408Kb / 7P
   SP5T RF Switch
logo
Spectrum Microwave, Inc...
TWH5017 SPECTRUM-TWH5017 Datasheet
71Kb / 1P
   SP5T RF SWITCH
logo
Mini-Circuits
JSW5-272DR MINI-JSW5-272DR Datasheet
402Kb / 7P
   SP5T RF Switch
logo
Peregrine Semiconductor
PE42452 PSEMI-PE42452_14 Datasheet
493Kb / 11P
   UltraCMOS짰 SP5T RF Switch
logo
API Technologies Corp
TWH5017 APITECH-TWH5017 Datasheet
193Kb / 1P
   SP5T RF SWITCH MODEL
logo
Peregrine Semiconductor
PE42451 PSEMI-PE42451 Datasheet
619Kb / 11P
   SP5T Absorptive UltraCMOS High-Isolation RF Switch
PE42451 PSEMI-PE42451_14 Datasheet
403Kb / 11P
   SP5T Absorptive UltraCMOS짰 High-Isolation RF Switch
PE42452 PSEMI-PE42452 Datasheet
458Kb / 11P
   SP5T RF Switch 450??000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com