Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM1555C1H9R0DZ01D Datasheet(PDF) 8 Page - Integrated Device Technology

Part # GRM1555C1H9R0DZ01D
Description  Matched Broadband RF VGA
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

GRM1555C1H9R0DZ01D Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button GRM1555C1H9R0DZ01D Datasheet HTML 4Page - Integrated Device Technology GRM1555C1H9R0DZ01D Datasheet HTML 5Page - Integrated Device Technology GRM1555C1H9R0DZ01D Datasheet HTML 6Page - Integrated Device Technology GRM1555C1H9R0DZ01D Datasheet HTML 7Page - Integrated Device Technology GRM1555C1H9R0DZ01D Datasheet HTML 8Page - Integrated Device Technology GRM1555C1H9R0DZ01D Datasheet HTML 9Page - Integrated Device Technology GRM1555C1H9R0DZ01D Datasheet HTML 10Page - Integrated Device Technology GRM1555C1H9R0DZ01D Datasheet HTML 11Page - Integrated Device Technology GRM1555C1H9R0DZ01D Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Matched Broadband RF VGA
400MHz to 2700MHz
Glitch-Free
TM, Zero-DistortionTM, RF VGA
8
Rev 3, April 2015
IDTF0480NBGI
Datasheet
SERIAL CONTROL MODE
Data is clocked in LSB first via serial mode. Note the timing diagram below.
Note
The IDTF0480 includes a CLK inhibit feature designed to minimize sensitivity to CLK bus noise
when the device is not being programmed. When CSb is high (> VIH), the CLK input is disabled and serial
data (DATA) is not clocked into the shift register. It is recommended that CSb be pulled high (>VIH) when
the device is not being programmed.
SERIAL REGISTER TIMING DIAGRAM: (Note the Timing Spec Intervals in Blue)
SERIAL MODE DEFAULT CONDITION:
When the device is first powered up it will default to the Maximum Attenuation setting as described below:
Figure 1 - SPI timing diagram & default register settings


Similar Part No. - GRM1555C1H9R0DZ01D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
GRM1555C1H9R0DZ01D RENESAS-GRM1555C1H9R0DZ01D Datasheet
2Mb / 28P
   400 MHz ??2700 MHz 13 dB typical max gain
More results

Similar Description - GRM1555C1H9R0DZ01D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2480 IDT-F2480 Datasheet
3Mb / 34P
   Broadband RF Analog VGA 400 to 3000 MHz
logo
Renesas Technology Corp
F2480 RENESAS-F2480 Datasheet
4Mb / 35P
   Broadband RF Analog VGA 400 to 3000 MHz
F0440 RENESAS-F0440_V01 Datasheet
3Mb / 29P
   Dual Matched Broadband RF DVGA 400MHz to 2700MHz
November 4, 2021
F0440 RENESAS-F0440 Datasheet
2Mb / 31P
   Dual Matched Broadband RF DVGA 450MHz to 2700MHz
F0443 RENESAS-F0443 Datasheet
6Mb / 65P
   Dual Matched Broadband RF DVGA 0.6GHz to 2.7GHz
F0448 RENESAS-F0448 Datasheet
3Mb / 35P
   Dual Matched Broadband RF DVGA 3.4GHz to 3.8GHz
logo
Infineon Technologies A...
BFP843F INFINEON-BFP843F Datasheet
1Mb / 26P
   Robust Low Noise Broadband Pre-Matched Bipolar RF Transistor
Revision 1.0, 2013-06-19
BFP843 INFINEON-BFP843 Datasheet
1Mb / 26P
   Robust Low Noise Broadband Pre-Matched Bipolar RF Transistor
Revision 1.0, 2013-06-19
BFR843EL3 INFINEON-BFR843EL3 Datasheet
1Mb / 27P
   Robust Low Noise Broadband Pre-Matched Bipolar RF Transistor
Revision 1.0, 2014-08-05
logo
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
   Broadband RF Power MOSFET Broadband RF Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com