Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM188R60J106M Datasheet(PDF) 9 Page - Integrated Device Technology

Part # GRM188R60J106M
Description  TX Differential Input RF Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

GRM188R60J106M Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button GRM188R60J106M Datasheet HTML 5Page - Integrated Device Technology GRM188R60J106M Datasheet HTML 6Page - Integrated Device Technology GRM188R60J106M Datasheet HTML 7Page - Integrated Device Technology GRM188R60J106M Datasheet HTML 8Page - Integrated Device Technology GRM188R60J106M Datasheet HTML 9Page - Integrated Device Technology GRM188R60J106M Datasheet HTML 10Page - Integrated Device Technology GRM188R60J106M Datasheet HTML 11Page - Integrated Device Technology GRM188R60J106M Datasheet HTML 12Page - Integrated Device Technology GRM188R60J106M Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
F1423
Rev O 11/6/2015
9
Zero-Distortion
TM, TX Amplifier
TOCS [TRANSFORMER BOARD, OIP3, P1dB, NOISE FIGURE, ICC, BROAD-BAND BIAS](-2-)
OIP3 vs. Vcc and TCASE
Output P1dB vs. Vcc and TCASE
Icc vs. Vcc and TCASE
OIP3 vs. Pout Level
Noise Figure vs. Vcc and TCASE
10
15
20
25
30
35
40
45
50
55
60
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
Frequency (GHz)
4.75V, -40C
5.00V, -40C
5.25V, -40C
4.75V, 25C
5.00V, 25C
5.25V, 25C
4.75V, 105C
5.00V, 105C
5.25V, 105C
18
19
20
21
22
23
24
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
Frequency (GHz)
4.75V, -40C
5.00V, -40C
5.25V, -40C
4.75V, 25C
5.00V, 25C
5.25V, 25C
4.75V, 105C
5.00V, 105C
5.25V, 105C
100
105
110
115
120
125
130
135
140
4.75
5
5.25
Vcc (Volts)
-40C
25C
105C
10
15
20
25
30
35
40
45
50
55
60
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
Frequency (GHz)
0dBm/tone
2dBm/tone
4dBm/tone
4
4.5
5
5.5
6
6.5
7
7.5
8
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
Frequency (GHz)
4.75V, -40C
5.00V, -40C
5.25V, -40C
4.75V, 25C
5.00V, 25C
5.25V, 25C
4.75V, 105C
5.00V, 105C
5.25V, 105C


Similar Part No. - GRM188R60J106M

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM188R60J106M MURATA-GRM188R60J106M Datasheet
64Kb / 1P
   Chip Monolithic Ceramic Capacitor 0603 X5R 10關F 6.3V
logo
Texas Instruments
GRM188R60J106M TI-GRM188R60J106M Datasheet
1Mb / 25P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
GRM188R60J106M TI1-GRM188R60J106M Datasheet
786Kb / 22P
[Old version datasheet]   1.2A High Efficient Step Down Converter in 2x2mm SON Package
GRM188R60J106M TI1-GRM188R60J106M Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
GRM188R60J106M TI1-GRM188R60J106M Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
More results

Similar Description - GRM188R60J106M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1423 RENESAS-F1423 Datasheet
4Mb / 27P
   TX Differential Input RF Amplifier 600 MHz to 3000 MHz
logo
ON Semiconductor
MC4741C ONSEMI-MC4741C Datasheet
138Kb / 6P
   DIFFERENTIAL INPUT OPERATIONAL AMPLIFIER
REV 5
logo
Frequency Devices, Inc.
D86-60-D FREQUENCYDEVICES-D86-60-D Datasheet
193Kb / 2P
   Differential Input Buffer Amplifier
logo
Fairchild Semiconductor
KH600 FAIRCHILD-KH600 Datasheet
319Kb / 12P
   1GHz, Differential Input/Output Amplifier
logo
First Components Intern...
LM324 FCI-LM324 Datasheet
53Kb / 2P
   Quad Differential Input Operational Amplifier
logo
Cadeka Microcircuits LL...
KH600 CADEKA-KH600 Datasheet
355Kb / 13P
   1GHz, Differential Input/Output Amplifier
logo
M.S. Kennedy Corporatio...
MSK801 MSK-MSK801 Datasheet
234Kb / 6P
   FET INPUT DIFFERENTIAL OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8351ARMZ-REEL7 AD-AD8351ARMZ-REEL7 Datasheet
405Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
AD8351 AD-AD8351 Datasheet
471Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
AD8351 AD-AD8351_15 Datasheet
479Kb / 19P
   Low Distortion Differential RF/IF Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com