Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

961103-6404-AR Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 961103-6404-AR
Description  RF to IF Dual Downconverting Mixer
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

961103-6404-AR Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 961103-6404-AR Datasheet HTML 7Page - Integrated Device Technology 961103-6404-AR Datasheet HTML 8Page - Integrated Device Technology 961103-6404-AR Datasheet HTML 9Page - Integrated Device Technology 961103-6404-AR Datasheet HTML 10Page - Integrated Device Technology 961103-6404-AR Datasheet HTML 11Page - Integrated Device Technology 961103-6404-AR Datasheet HTML 12Page - Integrated Device Technology 961103-6404-AR Datasheet HTML 13Page - Integrated Device Technology 961103-6404-AR Datasheet HTML 14Page - Integrated Device Technology 961103-6404-AR Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
RF to IF Dual Downconverting Mixer
1700 - 2200 MHz F1150NBGI
IDT Zero-Distortion
TM Mixer
11
Rev2, July 2012
DATASHEET
TYPICAL OPERATING CONDITIONS – GENERAL (-1-)
NF v. Blocker (RF = 1850 MHz, IF = 250 MHz, TA = 25C)
Settling Time (STBY -> VIL)
EVKit LO Port Match (TA = 25C, PMEAS = 0 dBm)
5x-4 Spur (+5 dBm Pin, IF = 350 MHz, STD Mode)
Settling Time (STBY -> VIH)
EVkit RF Port Match (TA = 25C)
7
11
15
19
23
27
-30
-22
-14
-6
2
10
Blocker Level (dBm)
STD Mode (Green)
LC Mode (Blue)
ChA (Solid Line)
ChB (Dotted Line)
-0.5
-0.3
-0.1
0.1
0.3
0.5
-40
0
40
80
120
160
200
Time (nsec)
0
2
4
6
8
10
Vrf
VSTBY
Turn On Settling Time: 155 nsec
-25
-20
-15
-10
-5
0
1.8E+09
2.0E+09
2.2E+09
2.4E+09
2.6E+09
LO Freq (Hz)
STD Mode
LC Mode
LC STBY
STD STBY
-115
-110
-105
-100
-95
-90
-85
-80
-75
-70
-65
1.718E+09
1.748E+09
1.778E+09
1.830E+09
1.854E+09
1.878E+09
Spur Freq (Hz)
Solid Lines - Channel A
Dotted Lines - Channel B
Blue: -40C TC
Green: 25C TC
Red: 85C TC
-0.5
-0.3
-0.1
0.1
0.3
0.5
-40
0
40
80
120
160
Time (nsec)
0
2
4
6
8
10
Vrf
VSTBY
Turn Off Settling Time: 30 nsec
-25
-20
-15
-10
-5
0
1.7E+09
1.8E+09
1.9E+09
2.0E+09
2.1E+09
2.2E+09
RF Freq (Hz)
ChA STD Mode
ChB STD Mode
ChA LC Mode
ChB LC Mode


Similar Part No. - 961103-6404-AR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
961103-6404-AR TI1-961103-6404-AR Datasheet
574Kb / 13P
[Old version datasheet]   DRV411EVM Users Guide
logo
Integrated Device Techn...
961103-6404-AR IDT-961103-6404-AR Datasheet
4Mb / 26P
   RF to IF Dual Downconverting Mixer
961103-6404-AR IDT-961103-6404-AR Datasheet
1Mb / 20P
   RF to IF Dual Downconverting Mixer
961103-6404-AR IDT-961103-6404-AR Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
961103-6404-AR IDT-961103-6404-AR Datasheet
4Mb / 21P
   RF to IF Dual Downconverting Mixer
More results

Similar Description - 961103-6404-AR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1100 RENESAS-F1100 Datasheet
1Mb / 18P
   RF to IF Dual Downconverting Mixer
logo
Integrated Device Techn...
F1152NBGI IDT-F1152NBGI Datasheet
1Mb / 20P
   RF to IF Dual Downconverting Mixer
IDTF1178NBGI IDT-IDTF1178NBGI Datasheet
4Mb / 21P
   RF to IF Dual Downconverting Mixer
F1100 IDT-F1100 Datasheet
956Kb / 17P
   RF to IF Dual Downconverting Mixer
F1102NBGI IDT-F1102NBGI Datasheet
4Mb / 26P
   RF to IF Dual Downconverting Mixer
F1162NBGI IDT-F1162NBGI Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
IDTF1751NBGI IDT-IDTF1751NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
IDTF1701NBGI IDT-IDTF1701NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
IDTF1763NBGI IDT-IDTF1763NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
logo
Renesas Technology Corp
F1192B RENESAS-F1192B Datasheet
1Mb / 36P
   RF Dual Wideband Gain-Settable Downconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com