Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM1555C1H4R7CZ01D Datasheet(PDF) 3 Page - Integrated Device Technology

Part # GRM1555C1H4R7CZ01D
Description  RF to IF Dual Downconverting Mixer
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

GRM1555C1H4R7CZ01D Datasheet(HTML) 3 Page - Integrated Device Technology

  GRM1555C1H4R7CZ01D Datasheet HTML 1Page - Integrated Device Technology GRM1555C1H4R7CZ01D Datasheet HTML 2Page - Integrated Device Technology GRM1555C1H4R7CZ01D Datasheet HTML 3Page - Integrated Device Technology GRM1555C1H4R7CZ01D Datasheet HTML 4Page - Integrated Device Technology GRM1555C1H4R7CZ01D Datasheet HTML 5Page - Integrated Device Technology GRM1555C1H4R7CZ01D Datasheet HTML 6Page - Integrated Device Technology GRM1555C1H4R7CZ01D Datasheet HTML 7Page - Integrated Device Technology GRM1555C1H4R7CZ01D Datasheet HTML 8Page - Integrated Device Technology GRM1555C1H4R7CZ01D Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
RF to IF Dual Downconverting Mixer
2300 - 2700 MHz F1162NBGI
IDT Zero-Distortion
TM Mixer
3
Rev1, July 2012
DATASHEET
IDTF1162 SPECIFICATION
Specifications apply at VCC = +5.00V, TC = +25°C FRF = 2600 MHz, FIF = 400MHz, Low Side Injection, PLO = 0 dBm, STBY = GND, LCMODE
= VIH (STD Mode), EVKit BOM = Standard Mode, Transformer Loss included (not de-embedded) unless otherwise noted.
Parameter
Comment
Symbol
min
typ
max
units
Logic Input High
For Standby, LCMODE
Pins
VIH
2
V
Logic Input Low
For Standby, LCMODE
Pins
VIL
0.8
V
Logic Current
For Standby Pin
IIH, IIL
-30
+30
µA
Logic Current
For LCMODE Pin
IIH, IIL
-100
-20
µA
Supply Voltage(s)
All VCC pins
VCC
4.75 to
5.25
V
Operating
Temperature Range
Case Temperature
TCASE
-40 to
+100
degC
Supply Current
Total VCC , STD Mode
Total Both Channels
ISTD
330
375
1
mA
Supply Current
Total VCC , LC Mode
LCMODE = GND
EVkit BOM = LC Mode
Total Both Channels
ILC
230
260
mA
Supply Current
Standby Mode
STBY = VIH
LCMODE > VIH (STD Mode)
Total Both Channels
ISTBY
23
30
mA
RF Freq Range
Operating Range
FRF
2300 to
2700
MHz
IF Freq Range
Operating Range
FIF
50 to 500
MHz
LO Freq Range
Operating Range
FLO
1800 to
2900
MHz
LO Power
Operating Range
PLO
-6 to +6
dBm
RF Input Impedance
Single Ended
Return Loss ~20 dB
ZRF
50
IF Output Impedance
Differential
Return Loss ~ 15 dB
ZIF
200
LO port Impedance
Single Ended
Return Loss ~15 dB
ZLO
50
Settling Time
• Pin = -13 dBm
• Gate STBY from V
IH to VIL
• Time for IF Signal to settle to
within 0.1 dB of final value
TSETT
0.150
µsec
Gain STD Mode
Conversion Gain
• F
RF = 2300 MHz
• LC
MODE = VIH
• EVkit BOM = STD Mode
• F
IF = 400 MHz (Low Side Inj.)
GSTD
7.2
8.4
9.6
dB


Similar Part No. - GRM1555C1H4R7CZ01D

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
GRM1555C1H4R7CZ01D MICROCHIP-GRM1555C1H4R7CZ01D Datasheet
1Mb / 50P
   Wireless Security Remote Control Development Kit User?셲 Guide
2012
More results

Similar Description - GRM1555C1H4R7CZ01D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1100 RENESAS-F1100 Datasheet
1Mb / 18P
   RF to IF Dual Downconverting Mixer
logo
Integrated Device Techn...
F1152NBGI IDT-F1152NBGI Datasheet
1Mb / 20P
   RF to IF Dual Downconverting Mixer
IDTF1178NBGI IDT-IDTF1178NBGI Datasheet
4Mb / 21P
   RF to IF Dual Downconverting Mixer
F1100 IDT-F1100 Datasheet
956Kb / 17P
   RF to IF Dual Downconverting Mixer
F1150NBGI IDT-F1150NBGI Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
F1102NBGI IDT-F1102NBGI Datasheet
4Mb / 26P
   RF to IF Dual Downconverting Mixer
IDTF1751NBGI IDT-IDTF1751NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
IDTF1701NBGI IDT-IDTF1701NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
IDTF1763NBGI IDT-IDTF1763NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
logo
Renesas Technology Corp
F1192B RENESAS-F1192B Datasheet
1Mb / 36P
   RF Dual Wideband Gain-Settable Downconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com