Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM1555C1H101J Datasheet(PDF) 1 Page - Integrated Device Technology

Part # GRM1555C1H101J
Description  High Reliability SP5T RF Switch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

GRM1555C1H101J Datasheet(HTML) 1 Page - Integrated Device Technology

  GRM1555C1H101J Datasheet HTML 1Page - Integrated Device Technology GRM1555C1H101J Datasheet HTML 2Page - Integrated Device Technology GRM1555C1H101J Datasheet HTML 3Page - Integrated Device Technology GRM1555C1H101J Datasheet HTML 4Page - Integrated Device Technology GRM1555C1H101J Datasheet HTML 5Page - Integrated Device Technology GRM1555C1H101J Datasheet HTML 6Page - Integrated Device Technology GRM1555C1H101J Datasheet HTML 7Page - Integrated Device Technology GRM1555C1H101J Datasheet HTML 8Page - Integrated Device Technology GRM1555C1H101J Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
F2915
Datasheet
High Reliability SP5T RF Switch
400 MHz to 8000 MHz
F2915, Rev O 12/14/2015
1
© 2015 Integrated Device Technology, Inc.
GENERAL DESCRIPTION
The F2915 is a high reliability, low insertion loss, 50
SP5T absorptive RF switch designed for a multitude of
RF applications including wireless communications.
This device covers a broad frequency range from 400
MHz to 8000 MHz. In addition to providing low
insertion loss, the F2915 also delivers excellent
linearity and isolation performance while providing a
50
termination to the unused RF input ports. The
F2915 also includes a patent pending constant
impedance (KZ) feature. KZ improves system hot
switching ruggedness, minimizes LO pulling in VCOs,
and reduces phase and amplitude variations in
distribution networks. It is also ideal for dynamic
switching/selection between two or more amplifiers
while avoiding damage to upstream /downstream
sensitive devices such as PAs and ADCs.
The F2915 uses a single positive supply voltage
supporting three logic control pins using either 3.3 V or
1.8 V control logic. Connecting a negative voltage to
pin 20 disables the internal negative voltage generator
and becomes the negative supply.
COMPETITIVE ADVANTAGE
The F2915 provides constant impedance in all RF ports
during transitions improving a system’s hot-switching
ruggedness. The device also supports high power
handling, and high isolation; particularly important for
DPD receiver use.
Constant impedance K
K||ZZ|| during switching transition
RFX to RFC Isolation = 50 dB*
Insertion Loss = 1.1 dB*
IIP3: +60.5 dBm*
Extended temperature: -40 °C to +105 °C
* 4 GHz
APPLICATIONS
Base Station 2G, 3G, 4G
Portable Wireless
Repeaters and E911 systems
Digital Pre-Distortion
Point to Point Infrastructure
Public Safety Infrastructure
Military Systems, JTRS radios
Cable Infrastructure
Test / ATE Equipment
FEATURES
Five symmetric, absorptive RF ports
High Isolation: 50 dB @ 4000 MHz
Low Insertion Loss: 1.1 dB @ 4000 MHz
High Linearity:
o
IIP2 of 124 dBm @ 2000 MHz
o
IIP3 of 60.5 dBm @ 4000 MHz
High Operating Power Handling:
o
33 dBm CW on selected RF port
o
27 dBm on terminated ports
Single 2.7 V to 5.5 V supply voltage
External Negative Supply Option
3.3 V and 1.8 V compatible control logic
Operating Temperature -40 °C to +105 °C
4 mm x 4 mm 24 pin QFN package
Pin compatible with competitors
FUNCTIONAL BLOCK DIAGRAM
K|Z|
VSSEXT
RF5
Control
Circuit
RF4
RF2
RF1
V1
V2
V3
RFC
50
50
50
50
50
RF3
ORDERING INFORMATION
F2915NBGK8
Green
Tape &
Reel
RF Product Line


Similar Part No. - GRM1555C1H101J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
GRM1555C1H101J IDT-GRM1555C1H101J Datasheet
2Mb / 21P
   Constant Impedance Kz SP2T RF Switch
GRM1555C1H101J IDT-GRM1555C1H101J Datasheet
2Mb / 24P
   Voltage Variable RF Attenuator
logo
Renesas Technology Corp
GRM1555C1H101J RENESAS-GRM1555C1H101J Datasheet
6Mb / 24P
   7-Bit 0.25 dB Wideband Digital Step Attenuator
GRM1555C1H101J RENESAS-GRM1555C1H101J Datasheet
3Mb / 24P
   High Reliability SP2T RF Switch 9 kHz to 9000 MHz
GRM1555C1H101J RENESAS-GRM1555C1H101J Datasheet
757Kb / 19P
   High Reliability SP5T RF Switch 50MHz to 8000MHz
More results

Similar Description - GRM1555C1H101J

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F2915 RENESAS-F2915 Datasheet
757Kb / 19P
   High Reliability SP5T RF Switch 50MHz to 8000MHz
F2955 RENESAS-F2955 Datasheet
1Mb / 22P
   High Reliability SP5T RF Switch 50MHz to 8000MHz
logo
Mini-Circuits
JSW5-23DR-75 MINI-JSW5-23DR-75 Datasheet
408Kb / 7P
   SP5T RF Switch
logo
Spectrum Microwave, Inc...
TWH5017 SPECTRUM-TWH5017 Datasheet
71Kb / 1P
   SP5T RF SWITCH
logo
Mini-Circuits
JSW5-272DR MINI-JSW5-272DR Datasheet
402Kb / 7P
   SP5T RF Switch
logo
Peregrine Semiconductor
PE42452 PSEMI-PE42452_14 Datasheet
493Kb / 11P
   UltraCMOS짰 SP5T RF Switch
logo
API Technologies Corp
TWH5017 APITECH-TWH5017 Datasheet
193Kb / 1P
   SP5T RF SWITCH MODEL
logo
Peregrine Semiconductor
PE42451 PSEMI-PE42451 Datasheet
619Kb / 11P
   SP5T Absorptive UltraCMOS High-Isolation RF Switch
PE42451 PSEMI-PE42451_14 Datasheet
403Kb / 11P
   SP5T Absorptive UltraCMOS짰 High-Isolation RF Switch
PE42452 PSEMI-PE42452 Datasheet
458Kb / 11P
   SP5T RF Switch 450??000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com