Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM1555C1H390JZ010 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # GRM1555C1H390JZ010
Description  RF to IF Dual Downconverting Mixer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

GRM1555C1H390JZ010 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button GRM1555C1H390JZ010 Datasheet HTML 6Page - Integrated Device Technology GRM1555C1H390JZ010 Datasheet HTML 7Page - Integrated Device Technology GRM1555C1H390JZ010 Datasheet HTML 8Page - Integrated Device Technology GRM1555C1H390JZ010 Datasheet HTML 9Page - Integrated Device Technology GRM1555C1H390JZ010 Datasheet HTML 10Page - Integrated Device Technology GRM1555C1H390JZ010 Datasheet HTML 11Page - Integrated Device Technology GRM1555C1H390JZ010 Datasheet HTML 12Page - Integrated Device Technology GRM1555C1H390JZ010 Datasheet HTML 13Page - Integrated Device Technology GRM1555C1H390JZ010 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
RF to IF Dual Downconverting Mixer
1400 - 2200 MHz F1152NBGI
IDT Zero-Distortion
TM Mixer
10
Rev1, June 2012
DATASHEET
TYPICAL OPERATING CONDITIONS (-5-)
Channel Isolation vs. TCASE
Channel Isolation vs. LO Level
Noise Figure vs. TCASE (STD Mode)
Channel Isolation vs. VCC
Noise Figure vs. TCASE (LC Mode)
NF vs. Blocker (RF = 1850 MHz, IF = 250 MHz, TA = 25C)
25
30
35
40
45
50
55
60
65
1.70E+09
1.80E+09
1.90E+09
2.00E+09
2.10E+09
RF Freq (Hz)
-40 degC - 0 dBm - 5.00 V - STD
-40 degC - 0 dBm - 5.00 V - LC
25 degC - 0 dBm - 5.00 V - STD
25 degC - 0 dBm - 5.00 V - LC
85 degC - 0 dBm - 5.00 V - STD
85 degC - 0 dBm - 5.00 V - LC
25
30
35
40
45
50
55
60
65
1.70E+09
1.80E+09
1.90E+09
2.00E+09
2.10E+09
RF Freq (Hz)
25 degC - 6 dBm - 5.00 V - STD
25 degC - 6 dBm - 5.00 V - LC
25 degC - 0 dBm - 5.00 V - STD
25 degC - 0 dBm - 5.00 V - LC
25 degC - -3 dBm - 5.00 V - STD
25 degC - -3 dBm - 5.00 V - LC
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
1.70
1.80
1.90
2.00
2.10
RF Frequency (GHz)
STD Mode Tc = +25C
STD Mode Tc = -40C
STD Mode Tc = +85C
STD Mode Tc = +100C
25
30
35
40
45
50
55
60
65
1.70E+09
1.80E+09
1.90E+09
2.00E+09
2.10E+09
RF Freq (Hz)
25 degC - 0 dBm - 5.25 V - STD
25 degC - 0 dBm - 5.25 V - LC
25 degC - 0 dBm - 5.00 V - STD
25 degC - 0 dBm - 5.00 V - LC
25 degC - 0 dBm - 4.75 V - STD
25 degC - 0 dBm - 4.75 V - LC
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
1.70
1.80
1.90
2.00
2.10
RF Frequency (GHz)
LC Mode Tc = +25C
LC Mode Tc = -40C
LC Mode Tc = +85C
LC Mode Tc = +100C
8
10
12
14
16
18
20
22
24
-28
-24
-20
-16
-12
-8
-4
0
4
8
Blocker Input Power (dBm)
STD Mode - ChA
STD Mode - ChB
LC Mode - ChA
LC Mode - ChB


Similar Part No. - GRM1555C1H390JZ010

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
GRM1555C1H390JZ010 IDT-GRM1555C1H390JZ010 Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
GRM1555C1H390JZ010 IDT-GRM1555C1H390JZ010 Datasheet
1Mb / 25P
   DPD Demodulator for PA Linearization
GRM1555C1H390JZ010 IDT-GRM1555C1H390JZ010 Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
GRM1555C1H390JZ010 IDT-GRM1555C1H390JZ010 Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
GRM1555C1H390JZ010 IDT-GRM1555C1H390JZ010 Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
More results

Similar Description - GRM1555C1H390JZ010

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1100 RENESAS-F1100 Datasheet
1Mb / 18P
   RF to IF Dual Downconverting Mixer
logo
Integrated Device Techn...
IDTF1178NBGI IDT-IDTF1178NBGI Datasheet
4Mb / 21P
   RF to IF Dual Downconverting Mixer
F1100 IDT-F1100 Datasheet
956Kb / 17P
   RF to IF Dual Downconverting Mixer
F1150NBGI IDT-F1150NBGI Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
F1102NBGI IDT-F1102NBGI Datasheet
4Mb / 26P
   RF to IF Dual Downconverting Mixer
F1162NBGI IDT-F1162NBGI Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
IDTF1751NBGI IDT-IDTF1751NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
IDTF1701NBGI IDT-IDTF1701NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
IDTF1763NBGI IDT-IDTF1763NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
logo
Renesas Technology Corp
F1192B RENESAS-F1192B Datasheet
1Mb / 36P
   RF Dual Wideband Gain-Settable Downconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com