Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F1423 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # F1423
Description  TX Differential Input RF Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F1423 Datasheet(HTML) 1 Page - Integrated Device Technology

  F1423 Datasheet HTML 1Page - Integrated Device Technology F1423 Datasheet HTML 2Page - Integrated Device Technology F1423 Datasheet HTML 3Page - Integrated Device Technology F1423 Datasheet HTML 4Page - Integrated Device Technology F1423 Datasheet HTML 5Page - Integrated Device Technology F1423 Datasheet HTML 6Page - Integrated Device Technology F1423 Datasheet HTML 7Page - Integrated Device Technology F1423 Datasheet HTML 8Page - Integrated Device Technology F1423 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
F1423
Datasheet
TX Differential Input RF Amplifier
600 MHz to 3000 MHz
F1423, Rev O 11/6/2015
1
© 2015 Integrated Device Technology, Inc.
GENERAL DESCRIPTION
The F1423 is a 600 MHz to 3000 MHz TX differential
input / single-ended output RF amplifier used in
transmitter applications.
The F1423 TX Amp provides 13.1 dB gain with
+41.8 dBm OIP3 and 5.1 dB noise figure at 2000 MHz.
This device uses a single 5 V supply and 120 mA of ICC.
This device is packaged in a 4mm x 4mm, 24-pin Thin
QFN with 50 ohm differential RF input and 50 ohm
single ended RF output impedances for ease of
integration into the signal-path.
COMPETITIVE ADVANTAGE
In typical Base Stations, RF Amplifiers are used in the
TX traffic paths to drive the transmit power amplifier.
The F1423 TX Amplifier offers very high reliability due
to its construction using silicon die in a QFN package.
The F1423 includes a broadband differential input to
accept AC-coupled signals directly from a balanced
modulator or RF DAC architecture.
APPLICATIONS
Multi-mode, Multi-carrier Transmitters
GSM850/900 Base Stations
PCS1900 Base Stations
DCS1800 Base Stations
WiMAX and LTE Base Stations
UMTS/WCDMA 3G Base Stations
PHS/PAS Base Stations
Public Safety Infrastructure
FEATURES
Broadband 600 MHz – 3000 MHz
13.1 dB typical gain @ 2000 MHz
5.1 dB NF @ 2000 MHz
+41.8 dBm OIP3 @ 2000 MHz
+21.5 dBm output P1dB @ 2000 MHz
Single 5 V supply voltage
ICC = 120 mA
Up to +105 °C TCASE operating temperature
50
differential input impedance
50
single ended output impedance
Positive gain slope for board loss
compensation
Standby mode for power savings
4 mm x 4 mm, 24-pin TQFN package
FUNCTIONAL BLOCK DIAGRAM
RFOUT
RFIN
STBY
BANDSEL
ORDERING INFORMATION
F1423NBGI8
Green
Tape &
Reel
RF Product Line


Similar Part No. - F1423

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1423 RENESAS-F1423 Datasheet
4Mb / 27P
   TX Differential Input RF Amplifier 600 MHz to 3000 MHz
F1423NBGI8 RENESAS-F1423NBGI8 Datasheet
4Mb / 27P
   TX Differential Input RF Amplifier 600 MHz to 3000 MHz
More results

Similar Description - F1423

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1423 RENESAS-F1423 Datasheet
4Mb / 27P
   TX Differential Input RF Amplifier 600 MHz to 3000 MHz
logo
ON Semiconductor
MC4741C ONSEMI-MC4741C Datasheet
138Kb / 6P
   DIFFERENTIAL INPUT OPERATIONAL AMPLIFIER
REV 5
logo
Frequency Devices, Inc.
D86-60-D FREQUENCYDEVICES-D86-60-D Datasheet
193Kb / 2P
   Differential Input Buffer Amplifier
logo
Fairchild Semiconductor
KH600 FAIRCHILD-KH600 Datasheet
319Kb / 12P
   1GHz, Differential Input/Output Amplifier
logo
First Components Intern...
LM324 FCI-LM324 Datasheet
53Kb / 2P
   Quad Differential Input Operational Amplifier
logo
Cadeka Microcircuits LL...
KH600 CADEKA-KH600 Datasheet
355Kb / 13P
   1GHz, Differential Input/Output Amplifier
logo
M.S. Kennedy Corporatio...
MSK801 MSK-MSK801 Datasheet
234Kb / 6P
   FET INPUT DIFFERENTIAL OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8351ARMZ-REEL7 AD-AD8351ARMZ-REEL7 Datasheet
405Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
AD8351 AD-AD8351 Datasheet
471Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
AD8351 AD-AD8351_15 Datasheet
479Kb / 19P
   Low Distortion Differential RF/IF Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com