Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F1152NBGI Datasheet(PDF) 11 Page - Integrated Device Technology

Part # F1152NBGI
Description  RF to IF Dual Downconverting Mixer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F1152NBGI Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button F1152NBGI Datasheet HTML 7Page - Integrated Device Technology F1152NBGI Datasheet HTML 8Page - Integrated Device Technology F1152NBGI Datasheet HTML 9Page - Integrated Device Technology F1152NBGI Datasheet HTML 10Page - Integrated Device Technology F1152NBGI Datasheet HTML 11Page - Integrated Device Technology F1152NBGI Datasheet HTML 12Page - Integrated Device Technology F1152NBGI Datasheet HTML 13Page - Integrated Device Technology F1152NBGI Datasheet HTML 14Page - Integrated Device Technology F1152NBGI Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
RF to IF Dual Downconverting Mixer
1400 - 2200 MHz F1152NBGI
IDT Zero-Distortion
TM Mixer
11
Rev1, June 2012
DATASHEET
TYPICAL OPERATING CONDITIONS (-6-)
EVkit IF Port Match (TA = 25C)
Settling Time (STBY -> VIL)
EVKit LO Port Match (TA = 25C, PMEAS = 0 dBm)
Alt. LO port (pin27) vs. Main LO port (pin19)
Settling Time (STBY -> VIH)
EVkit RF Port Match (TA = 25C)
-20
-16
-12
-8
-4
5.00E+07
1.50E+08
2.50E+08
3.50E+08
4.50E+08
IF Frequency (Hz)
STD Mode ChA
STD Mode ChB
LC Mode ChA
LC Mode ChB
0
2
4
6
8
10
-0.5
-0.3
-0.1
0.1
0.3
0.5
-40
0
40
80
120
160
200
Time (nsec)
Vif
Vstby
Turn On Settling Time: 150 nsec
-20
-16
-12
-8
-4
1.40E+09
1.50E+09
1.60E+09
1.70E+09
1.80E+09
1.90E+09
LO Frequency (Hz)
STD Mode ON
STD Mode STBY
LC Mode ON
LC Mode STBY
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
0
5
10
15
20
25
30
35
40
45
50
1.70E+09
1.80E+09
1.90E+09
2.00E+09
2.10E+09
RF Freq (Hz)
Pin19 - 25 degC - LC Mode - 0 dBm LO - 5.00 V - Average of IP3_MIN(dBm)
Pin27 - 25 degC - LC Mode - 0 dBm LO - 5.00 V - Average of IP3_MIN(dBm)
Pin19 - 25 degC - LC Mode - 0 dBm LO - 5.00 V - Average of 2x2 Spur( -dBc)
Pin27 - 25 degC - LC Mode - 0 dBm LO - 5.00 V - Average of 2x2 Spur( -dBc)
0
2
4
6
8
10
-0.5
-0.3
-0.1
0.1
0.3
0.5
-40
0
40
80
120
160
200
Time (nsec)
Vif
Vstby
Turn Off Settling Time: 70 nsec
-20
-16
-12
-8
-4
1.70E+09
1.80E+09
1.90E+09
2.00E+09
2.10E+09
RF Frequency (Hz)
STD Mode ChA
STD Mode ChB
LC Mode ChA
LC Mode ChB


Similar Part No. - F1152NBGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1152 RENESAS-F1152 Datasheet
1Mb / 18P
   RF to IF Dual Downconverting Mixer
F1152 RENESAS-F1152 Datasheet
4Mb / 22P
   This document describes the specifications for the IDTF1178 Zero-DistortionTM RF to IF Downconverting Dual Mixer.
December 2014
More results

Similar Description - F1152NBGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1100 RENESAS-F1100 Datasheet
1Mb / 18P
   RF to IF Dual Downconverting Mixer
logo
Integrated Device Techn...
IDTF1178NBGI IDT-IDTF1178NBGI Datasheet
4Mb / 21P
   RF to IF Dual Downconverting Mixer
F1100 IDT-F1100 Datasheet
956Kb / 17P
   RF to IF Dual Downconverting Mixer
F1150NBGI IDT-F1150NBGI Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
F1102NBGI IDT-F1102NBGI Datasheet
4Mb / 26P
   RF to IF Dual Downconverting Mixer
F1162NBGI IDT-F1162NBGI Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
IDTF1751NBGI IDT-IDTF1751NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
IDTF1701NBGI IDT-IDTF1701NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
IDTF1763NBGI IDT-IDTF1763NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
logo
Renesas Technology Corp
F1192B RENESAS-F1192B Datasheet
1Mb / 36P
   RF Dual Wideband Gain-Settable Downconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com