Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1812ZD107MAT2A Datasheet(PDF) 4 Page - AVX Corporation

Part # 1812ZD107MAT2A
Description  General Purpose Dielectric for Ceramic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

1812ZD107MAT2A Datasheet(HTML) 4 Page - AVX Corporation

  1812ZD107MAT2A Datasheet HTML 1Page - AVX Corporation 1812ZD107MAT2A Datasheet HTML 2Page - AVX Corporation 1812ZD107MAT2A Datasheet HTML 3Page - AVX Corporation 1812ZD107MAT2A Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
29
090215
X5R Dielectric
Capacitance Range
PREFERRED SIZES ARE SHADED
NOTE: Contact factory for non-specified capacitance values
*EIA 01005
Letter
AB
CE
G
J
K
M
N
P
Q
X
Y
Z
Max.
0.33
0.22
0.56
0.71
0.90
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
Thickness
(0.013)
(0.009)
(0.022)
(0.028)
(0.035)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED
Case Size
1206
1210
1812
Soldering
Reflow/Wave
Reflow Only
Reflow Only
Packaging
Paper/Embossed
Paper/Embossed
All Embossed
(L) Length
mm
3.20 ± 0.20
3.20 ± 0.20
4.50 ± 0.30
(in.)
(0.126 ± 0.008)
(0.126 ± 0.008)
(0.177 ± 0.012
(W) Width
mm
1.60 ± 0.20
2.50 ± 0.20
3.20 ± 0.20
(in.)
(0.063 ± 0.008)
(0.098 ± 0.008)
(0.126 ± 0.008
(t) Terminal
mm
0.50 ± 0.25
0.50 ± 0.25
0.61 ± 0.36
(in.)
(0.020 ± 0.010)
(0.020 ± 0.010)
(0.024 ± 0.014)
Voltage:
4
6.3
10
16
25
35
50
100
4
6.3
10
16
25
35
50
4
6.3
10
16
25
35
50
Cap (pF)
100
101
150
151
220
221
330
331
470
471
680
681
1000
102
1500
152
2200
222
3300
332
4700
472
6800
682
Cap (μF)
0.01
103
0.015
153
0.022
223
0.033
333
0.047
473
0.068
683
0.1
104
0.15
154
0.22
224
0.33
334
0.47
474
Q
Q
X
X
0.68
684
1.0
105
QQQQ
X
X
X
1.5
155
2.2
225
Q
QQQQQ
X
Z
Z
3.3
335
Q
Q
4.7
475
X
X
X
XXXXX
Q
Q
ZZZ
10
106
X
X
X
XXXX
XXZZZZ
Z
22
226
X
X
X
XX
ZZZZZ
47
476
X
X
X
ZZZZZ
100
107
X
X
ZZZZZ
Voltage
4
6.3
10
16
25
35
50
100
4
6.3
10
16
25
35
50
4
6.3
10
16
25
35
50
Case Size
1206
1210
1812


Similar Part No. - 1812ZD107MAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
1812ZD107MAT2A AVX-1812ZD107MAT2A Datasheet
125Kb / 4P
   General Purpose Dielectric for Ceramic Capacitors
1812ZD107MAT2A AVX-1812ZD107MAT2A Datasheet
787Kb / 4P
   General Specifications
More results

Similar Description - 1812ZD107MAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
04026D225KAT2A AVX-04026D225KAT2A Datasheet
85Kb / 3P
   General Purpose Dielectric for Ceramic Capacitors
1206YD226KAT2A AVX-1206YD226KAT2A Datasheet
85Kb / 3P
   General Purpose Dielectric for Ceramic Capacitors
0603YD105KAT4A AVX-0603YD105KAT4A Datasheet
107Kb / 4P
   General Purpose Dielectric for Ceramic Capacitors
0603ZD105KAT2A AVX-0603ZD105KAT2A Datasheet
125Kb / 4P
   General Purpose Dielectric for Ceramic Capacitors
01016D101KAT2A AVX-01016D101KAT2A Datasheet
85Kb / 3P
   General Purpose Dielectric for Ceramic Capacitors
1206SFS200F AVX-1206SFS200F Datasheet
85Kb / 3P
   General Purpose Dielectric for Ceramic Capacitors
1210YD226MAT2A AVX-1210YD226MAT2A Datasheet
85Kb / 3P
   General Purpose Dielectric for Ceramic Capacitors
02016D332KAT2A AVX-02016D332KAT2A Datasheet
70Kb / 3P
   General Purpose Dielectric for Ceramic Capacitors
0805ZD226MAT2A AVX-0805ZD226MAT2A Datasheet
85Kb / 3P
   General Purpose Dielectric for Ceramic Capacitors
logo
Murata Manufacturing Co...
GRM0335C1H7R1DA01 MURATA-GRM0335C1H7R1DA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com