Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1206ZD107MAT2A Datasheet(PDF) 1 Page - AVX Corporation

Part # 1206ZD107MAT2A
Description  General Purpose Dielectric for Ceramic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

1206ZD107MAT2A Datasheet(HTML) 1 Page - AVX Corporation

  1206ZD107MAT2A Datasheet HTML 1Page - AVX Corporation 1206ZD107MAT2A Datasheet HTML 2Page - AVX Corporation 1206ZD107MAT2A Datasheet HTML 3Page - AVX Corporation 1206ZD107MAT2A Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
26
090215
• General Purpose Dielectric for Ceramic Capacitors
• EIA Class II Dielectric
• Temperature variation of capacitance is within ±15%
from -55°C to +85°C
• Well suited for decoupling and filtering applications
• Available in High Capacitance values (up to 100μF)
X5R Dielectric
General Specifications
PART NUMBER (see page 2 for complete part number explanation)
GENERAL DESCRIPTION
-60
-40
-20
0
+20
+40
+60
+80
Temperature °C
Temperature Coefficient
20
15
10
5
0
-5
-10
-15
-20
TYPICAL ELECTRICAL CHARACTERISTICS
1,000
10,000
100
0
Insulation Resistance vs Temperature
0
20
120
40
60
80
Temperature °C
100
1210
Size
(L" x W")
0101**
0201
0402
0603
0805
1206
1210
1812
**EIA 01005
4
Voltage
4 = 4V
6 = 6.3V
Z = 10V
Y = 16V
3 = 25V
D = 35V
5 = 50V
1 = 100V
D
Dielectric
D = X5R
107
Capacitance
Code (In pF)
2 Sig. Digits +
Number of
Zeros
M
Capacitance
Tolerance
K = ±10%
M = ±20%
A
Failure
Rate
A = N/A
T
Terminations
T = Plated Ni
and Sn
2
Packaging
2 = 7" Reel
4 = 13" Reel
U = 4mm TR
(01005)
A
Special
Code
A = Std.
NOTE: Contact factory for availability of Tolerance Options for Specific Part Numbers.
Contact factory for non-specified capacitance values.


Similar Part No. - 1206ZD107MAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
1206ZD107MAT2A AVX-1206ZD107MAT2A Datasheet
125Kb / 4P
   General Purpose Dielectric for Ceramic Capacitors
1206ZD107MAT2A AVX-1206ZD107MAT2A Datasheet
787Kb / 4P
   General Specifications
More results

Similar Description - 1206ZD107MAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
04026D225KAT2A AVX-04026D225KAT2A Datasheet
85Kb / 3P
   General Purpose Dielectric for Ceramic Capacitors
1206YD226KAT2A AVX-1206YD226KAT2A Datasheet
85Kb / 3P
   General Purpose Dielectric for Ceramic Capacitors
0603YD105KAT4A AVX-0603YD105KAT4A Datasheet
107Kb / 4P
   General Purpose Dielectric for Ceramic Capacitors
0603ZD105KAT2A AVX-0603ZD105KAT2A Datasheet
125Kb / 4P
   General Purpose Dielectric for Ceramic Capacitors
01016D101KAT2A AVX-01016D101KAT2A Datasheet
85Kb / 3P
   General Purpose Dielectric for Ceramic Capacitors
1206SFS200F AVX-1206SFS200F Datasheet
85Kb / 3P
   General Purpose Dielectric for Ceramic Capacitors
1210YD226MAT2A AVX-1210YD226MAT2A Datasheet
85Kb / 3P
   General Purpose Dielectric for Ceramic Capacitors
02016D332KAT2A AVX-02016D332KAT2A Datasheet
70Kb / 3P
   General Purpose Dielectric for Ceramic Capacitors
0805ZD226MAT2A AVX-0805ZD226MAT2A Datasheet
85Kb / 3P
   General Purpose Dielectric for Ceramic Capacitors
logo
Murata Manufacturing Co...
GRM0335C1H7R1DA01 MURATA-GRM0335C1H7R1DA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com