Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z86L74 Datasheet(PDF) 10 Page - Zilog, Inc.

Part # Z86L74
Description  INFRARED REMOTE CONTROLLERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L74 Datasheet(HTML) 10 Page - Zilog, Inc.

Back Button Z86L74 Datasheet HTML 6Page - Zilog, Inc. Z86L74 Datasheet HTML 7Page - Zilog, Inc. Z86L74 Datasheet HTML 8Page - Zilog, Inc. Z86L74 Datasheet HTML 9Page - Zilog, Inc. Z86L74 Datasheet HTML 10Page - Zilog, Inc. Z86L74 Datasheet HTML 11Page - Zilog, Inc. Z86L74 Datasheet HTML 12Page - Zilog, Inc. Z86L74 Datasheet HTML 13Page - Zilog, Inc. Z86L74 Datasheet HTML 14Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
PRELIMINARY
Z86E73/E74/L73/L74
CP95LVO0801
DC CHARACTERISTICS (Z86L73/L74) (Continued)
T
A = 0°C to +70°C
Typ @
Sym
Parameter
V
CC
Min
Max
25
°C
Units
Conditions
Notes [3]
I
CC1
Standby Current
2.0V
3
1
mA
HALT Mode
[4,5]
V
IN = OV, VCC
@ 8.0 MHz
3.9V
5
4
mA
HALT Mode
[4,5]
V
IN = OV, VCC
@ 8.0 MHz
2.0V
2
0.8
mA
Clock Divide-by-16
[4,5]
@ 8.0 MHz
3.9V
4
2.5
mA
Clock Divide-by-16
[4,5]
@ 8.0 MHz
I
CC2
Standby Current
2.0V
8
2
µA
STOP Mode
[6,8]
V
IN = OV, VCC
WDT is not Running
3.9V
10
3
µA
STOP Mode
[6,8]
V
IN = OV, VCC
WDT is not Running
2.0V
500
310
µA
STOP Mode
[6,8]
V
IN = OV, VCC
WDT is Running
3.9V
800
600
µA
STOP Mode
[6,8]
V
IN = OV, VCC
WDT is Running
T
POR
Power-On Reset
2.0V
15
75
13
ms
3.9V
5
20
7
ms
V
LV
V
CC Low Voltage Protection
2.15
1.7
V
8 MHz max
[7]
Ext. CLK Freq.
Notes:
[1]
I
CC1
Typ
Max
Unit
Frequency
Crystal/Resonator
3.0 mA
5
mA
8.0 MHz
External Clock Drive
0.3 mA
5
mA
8.0 MHz
[2]
GND = 0V.
[3]
2.0V to 3.9V.
[4]
All outputs unloaded, I/O pins floating, inputs at rail.
[5]
CL1 = CL2 = 100 pF.
[6]
Same as note [4] except inputs at V
CC.
[7]
The V
LV increases as the temperature decreases.
[8]
Oscillator stopped.
[9]
Two outputs at a time, independent to other outputs.
[10] One at a time.
[11] 32 kHz clock driver input.


Similar Part No. - Z86L74

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L70 ZILOG-Z86L70 Datasheet
349Kb / 61P
   IR/Low-Voltage Microcontroller
Z86L71 ZILOG-Z86L71 Datasheet
349Kb / 61P
   IR/Low-Voltage Microcontroller
Z86L7103ZEM ZILOG-Z86L7103ZEM Datasheet
45Kb / 7P
   ICEBOX FAMILY IN-CIRCUIT EMULATOR-L71
Z86L72 ZILOG-Z86L72 Datasheet
364Kb / 71P
   IR MICROCONTROLLER
Z86L7208FSC ZILOG-Z86L7208FSC Datasheet
364Kb / 71P
   IR MICROCONTROLLER
More results

Similar Description - Z86L74

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L88 ZILOG-Z86L88 Datasheet
76Kb / 11P
   INFRARED REMOTE CONTROLLERS
logo
Maxim Integrated Produc...
MAX11041 MAXIM-MAX11041 Datasheet
310Kb / 19P
   Wired Remote Controllers
Rev 1; 8/07
MAX11041 MAXIM-MAX11041_08 Datasheet
235Kb / 17P
   Wired Remote Controllers
Rev 2; 11/08
logo
SparkFun Electronics
COM-11759 SPARKFUN-COM-11759 Datasheet
203Kb / 1P
   Infrared Remote Control
8/4/2016
COM-14865 SPARKFUN-COM-14865 Datasheet
826Kb / 3P
   Infrared Remote Control
8????8
logo
Holtek Semiconductor In...
HT6240 HOLTEK-HT6240_02 Datasheet
167Kb / 16P
   Infrared Remote Encoder
logo
Everlight Electronics C...
IRM-66XXN3S45 EVERLIGHT-IRM-66XXN3S45 Datasheet
1Mb / 6P
   Infrared Remote Control
IRM-36XXL EVERLIGHT-IRM-36XXL Datasheet
337Kb / 10P
   Infrared Remote Control
IRM-66XXN3 EVERLIGHT-IRM-66XXN3 Datasheet
266Kb / 6P
   Infrared Remote Control
logo
BRIGHT LED ELECTRONICS ...
BRM-1030-NS BRIGHT-BRM-1030-NS Datasheet
152Kb / 5P
   Infrared Remote-control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com