Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z86E72 Datasheet(PDF) 9 Page - Zilog, Inc.

Part # Z86E72
Description  OTP IR Microcontrollers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86E72 Datasheet(HTML) 9 Page - Zilog, Inc.

Back Button Z86E72 Datasheet HTML 5Page - Zilog, Inc. Z86E72 Datasheet HTML 6Page - Zilog, Inc. Z86E72 Datasheet HTML 7Page - Zilog, Inc. Z86E72 Datasheet HTML 8Page - Zilog, Inc. Z86E72 Datasheet HTML 9Page - Zilog, Inc. Z86E72 Datasheet HTML 10Page - Zilog, Inc. Z86E72 Datasheet HTML 11Page - Zilog, Inc. Z86E72 Datasheet HTML 12Page - Zilog, Inc. Z86E72 Datasheet HTML 13Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
PRELIMINARY
Z86E73/E74/L73/L74
CP95LVO0801
T
A = 0°C to +70°C
Typ @
Sym
Parameter
V
CC
Min
Max
25
°C
Units
Conditions
Notes [3]
Max Input Voltage
2.0V
7
V
I
IN 250 µA
3.9V
7
V
I
IN 250 µA
V
CH
Clock Input
2.0V
0.9 V
CC
V
CC + 0.3
V
Driven by External
High Voltage
Clock Generator
3.9V
0.9 V
CC
V
CC + 0.3
V
Driven by External
Clock Generator
V
CL
Clock Input
2.0V
V
SS – 0.3
0.2 V
CC
V
Driven by External
Low Voltage
Clock Generator
3.9V
V
SS– 0.3
0.2 V
CC
V
Driven by External
Clock Generator
V
IH
Input High Voltage
2.0V
0.7 V
CC
V
CC + 0.3
1.3
V
3.9V
0.7 V
CC
V
CC + 0.3
2.5
V
V
IL
Input Low Voltage
2.0V
V
SS – 0.3
0.2 V
CC
0.5
V
3.9V
V
SS – 0.3
0.2 V
CC
0.9
V
V
OH1
Output High Voltage
2.0V
V
CC – 0.4
1.7
V
I
OH = –0.5 mA
3.9V
V
CC – 0.4
3.7
V
I
OH = –0.5 mA
V
OH2
Output High Voltage
2.0V
0.7
V
I
OH = –7 mA
[10]
(P36, P37)
3.9V
0.7
V
I
OH ,= –7 mA
[10]
V
OL1
Output Low Voltage
2.0V
0.4
0.2
V
I
OL = 1.0 mA
3.9V
0.4
0.1
V
I
OL = 4.0 mA
V
OL2
Output Low Voltage
2.0V
0.8
0.3
V
I
OL = 2.0 mA
3 Pin Max
3.9V
0.8
0.5
V
I
OL = 8.0 mA
3 Pin Max
V
OL2
Output Low Voltage
2.0V
0.8
0.3
V
I
OL = 10 mA
[9]
(P20-P22, P36,
P00, P01, P07)
3.9V
0.8
0.5
V
I
OL = 10 mA
[9]
2 O/P only
V
RH
Reset Input
2.0V
0.8 V
CC
V
CC
1.5
V
High Voltage
3.9V
0.8 V
CC
V
CC
3.0
V
V
Rl
Reset Input
2.0V
V
SS – 0.3
0.2 V
CC
0.5
Low Voltage
3.9V
V
SS – 0.3
0.2 V
CC
0.9
V
OFFSET
Comparator Input
2.0V
25
10
mV
Offset Voltage
3.9V
25
10
mV
I
IL
Input Leakage
2.0V
–1
1
< 1
µAV
IN = OV, VCC
3.9V
–1
1
< 1
µAV
IN = OV, VCC
I
OL
Output Leakage
2.0V
–1
1
< 1
µAV
IN = OV, VCC
3.9V
–1
1
< 1
µAV
IN = OV, VCC
I
IR
Reset Input Current
2.0V
–45
–20
µA
3.9V
–55
–30
µA
I
CC
Supply Current
2.0V
10
4
mA
@ 8.0 MHz
[4, 5]
3.9V
15
10
mA
@ 8.0 MHz
[4, 5]
2.0V
100
10
µA
@ 32 kHz
[4, 5,11]
3.9V
300
10
µA
@ 32 kHz
[4, 5,11]
DC CHARACTERISTICS (Z86L73/L74)


Similar Part No. - Z86E72

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E72 ZILOG-Z86E72 Datasheet
477Kb / 74P
   OTP IR MICROCONTROLLERS
Z86E7216FSC ZILOG-Z86E7216FSC Datasheet
477Kb / 74P
   OTP IR MICROCONTROLLERS
Z86E7216PSC ZILOG-Z86E7216PSC Datasheet
477Kb / 74P
   OTP IR MICROCONTROLLERS
Z86E7216VSC ZILOG-Z86E7216VSC Datasheet
477Kb / 74P
   OTP IR MICROCONTROLLERS
More results

Similar Description - Z86E72

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E72 ZILOG-Z86E72 Datasheet
477Kb / 74P
   OTP IR MICROCONTROLLERS
Z86E0412PEG ZILOG-Z86E0412PEG Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
logo
Holtek Semiconductor In...
HT48R50-1 HOLTEK-HT48R50-1 Datasheet
2Mb / 48P
   8-bit OTP Microcontrollers
logo
Zilog, Inc.
Z86E33 ZILOG-Z86E33 Datasheet
45Kb / 10P
   CMOS Z8 OTP Microcontrollers
Z86E04 ZILOG-Z86E04 Datasheet
214Kb / 44P
   CMOS Z8 OTP MICROCONTROLLERS
Z86E0812SEG ZILOG-Z86E0812SEG Datasheet
833Kb / 45P
   CMOS Z8 OTP Microcontrollers
Z8673312PSG ZILOG-Z8673312PSG Datasheet
1Mb / 84P
   CMOS Z8 OTP Microcontrollers
Z86E03 ZILOG-Z86E03 Datasheet
66Kb / 9P
   CMOS Z8 OTP MICROCONTROLLERS
logo
Holtek Semiconductor In...
HT48R31-1 HOLTEK-HT48R31-1 Datasheet
2Mb / 46P
   8-bit OTP Microcontrollers
logo
Zilog, Inc.
Z86E0412PSG1866 ZILOG-Z86E0412PSG1866 Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com