Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFRP-S2207HPM Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EFRP-S2207HPM
Description  1U 200W Redundant Network Power
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EFRP-S2207HPM Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EFRP-S2207HPM Datasheet HTML 1Page - List of Unclassifed Manufacturers EFRP-S2207HPM Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EFRP-S2207HPM
1U 200W Redundant Network Power
Features:
1U Slim (ERP1U) Form Factor
200W with ATX Outputs
Max. 85% Power Efficiency
PMBus Support
1+1 Redundancy / Load Sharing
General Specification
Input Range: 100 to 240 VAC, +/-10%
Power Factor: ≥0.95 minimum
Efficiency: ≥80% @ 115VAC
Hold Up Time: 16ms @ 80% Load
Short Circuit Protection
Over Current Protection
Over Voltage Protection
No load Operation
Over Temperature Protection
MTBF >100,000 Hours@25℃
Operating Temperature: 0 to 50 ℃
Operating Humidity: 20 to 90 %
EMI/RFI: CE, FCC class B
Safety: UL, CB, TUV, CCC, BSMI
Input and Output Characteristics
Input
Voltage
Frequency
Current
100~240
VAC
47~63Hz
3~1.5A
Note:1: The +3.3 &+5 Volt total outputs shall not exceed 120W.
2: Noise bandwidth is from DC to 20 MHz
Ripple and Noise
Output
Load Regulation
Line Regulation
Ripple & Noise
Network Power
10%
nput and Output Characteristics
Output
Load
+3.3V
+5V
+12V
-12V
Max.Load
20A
20A
16A
0.5A
Min.Load
0.5A
0.5A
0.8A
0A
1: The +3.3 &+5 Volt total outputs shall not exceed 120W.
2: Noise bandwidth is from DC to 20 MHz
+3.3V
+5V
+12V
-12V
±5%
± 5%
± 5%
± 5%
± 1%
± 1%
± 1%
± 1%
60mV
60mV
120mV
120mV
12V
-5V
+5VSB
A
2A
0A
5Vsb
± 5%
± 1%
60mV


Similar Part No. - EFRP-S2207HPM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFRP-S2287HPM ETC2-EFRP-S2287HPM Datasheet
399Kb / 2P
   1U 280W Redundant Network Power
More results

Similar Description - EFRP-S2207HPM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFRP-S2287HPM ETC2-EFRP-S2287HPM Datasheet
399Kb / 2P
   1U 280W Redundant Network Power
EFRP-S207 ETC2-EFRP-S207 Datasheet
428Kb / 2P
   200W ERP1U Redundant Power
TC-400R2UH ETC2-TC-400R2UH Datasheet
299Kb / 8P
   1U Redundant Power Supply
TC-350R2UH ETC2-TC-350R2UH Datasheet
300Kb / 8P
   1U Redundant Power Supply
TC-300R2UH ETC2-TC-300R2UH Datasheet
311Kb / 8P
   1U redundant power supply
EFRP-G753 ETC2-EFRP-G753 Datasheet
163Kb / 2P
   1U 750W Redundant Power Module
EFRD-PA40 ETC2-EFRD-PA40 Datasheet
431Kb / 2P
   1400W 1U Redundant Power Module
EFRP-P280AH ETC2-EFRP-P280AH Datasheet
823Kb / 2P
   800W CRPS 1U Redundant Power
EFRP-G55A ETC2-EFRP-G55A Datasheet
341Kb / 2P
   550W CRPS 1U Redundant Power Module
PWS-920P-SQ ETC1-PWS-920P-SQ Datasheet
159Kb / 1P
   920W 1U Redundant Power Supply Specification
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com