Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z86L0408SSC Datasheet(PDF) 9 Page - Zilog, Inc.

Part # Z86L0408SSC
Description  Z8 8-Bit Cost-Effective Microcontrollers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L0408SSC Datasheet(HTML) 9 Page - Zilog, Inc.

Back Button Z86L0408SSC Datasheet HTML 5Page - Zilog, Inc. Z86L0408SSC Datasheet HTML 6Page - Zilog, Inc. Z86L0408SSC Datasheet HTML 7Page - Zilog, Inc. Z86L0408SSC Datasheet HTML 8Page - Zilog, Inc. Z86L0408SSC Datasheet HTML 9Page - Zilog, Inc. Z86L0408SSC Datasheet HTML 10Page - Zilog, Inc. Z86L0408SSC Datasheet HTML 11Page - Zilog, Inc. Z86L0408SSC Datasheet HTML 12Page - Zilog, Inc. Z86L0408SSC Datasheet HTML 13Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Z86L04/L08
Zilog
Z8 8-Bit Cost-Effective Microcontrollers
DS97LVO0901
P R E L I M I N A R Y
9
1
AC ELECTRICAL CHARACTERISTICS
Timing Table (Standard Mode for SCLK/TCLK = XTAL/2)
TA= 0 °C to +70 °C
8 MHz
No.
Symbol
Parameter
VCC
Min
Max
Units
Notes
1
TpC
Input Clock Period
2.0V
125
DC
ns
1
3.9V
125
DC
ns
1
2
TrC,TfC
Clock Input Rise and Fall Times
2.0V
25
ns
1
3.9V
25
ns
1
3
TwC
Input Clock Width
2.0V
62
ns
1
3.9V
62
ns
1
4
TwTinL
Timer Input Low Width
2.0V
70
ns
1
.39V
70
ns
1
5
TwTinH
Timer Input High Width
2.0V
5TpC
1
3.9V
5TpC
1
6
TpTin
Timer Input Period
2.0V
8TpC
1
3.9V
8TpC
1
7
TrTin,
TtTin
Timer Input Rise and Fall Time
2.0V
100
ns
1
3.9V
100
ns
1
8
TwIL
Int. Request Input Low Time
2.0V
70
ns
1,2,3
3.9V
70
ns
1,2,3
9
TwIH
Int. Request Input High Time
3.0V
5TpC
1,2,3
3.9V
5TpC
1,2,3
10
Twdt
Watch-Dog Timer Delay Time Before Time-Out
2.0V
25
ms
3.9V
10
ms
11
Tpor
Power-On Reset Time
2.0V
70
ms
4
3.9V
50
ms
4
2.0V
20
ms
5
3.9V
6
ms
5
Notes:
1. Timing Reference uses 0.7 VCC for a logic 1 and 0.2 VCC for a logic 0.
2. Interrupt request through Port 3 (P33-P31).
3. IRQ 0,1,2 only.
4. For Z86L08 using internal RC oscillator.
5. For Z86L04 using internal RC oscillator.
Precaution: Maximum frequency in Low EMI mode is 1 MHz.


Similar Part No. - Z86L0408SSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L02 ZILOG-Z86L02 Datasheet
1Mb / 37P
   Two On-Board Comparators
More results

Similar Description - Z86L0408SSC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF1713 MICROCHIP-PIC16LF1713 Datasheet
9Mb / 471P
   Cost Effective 8-Bit Intelligent Analog Flash Microcontrollers
Revision D 9/2018
PIC16LF1717 MICROCHIP-PIC16LF1717 Datasheet
10Mb / 482P
   Cost-Effective 8-Bit Intelligent Analog Flash Microcontrollers
Revision D 09/2020
logo
Zilog, Inc.
Z86C05 ZILOG-Z86C05 Datasheet
877Kb / 29P
   CMOS Z8 8-Bit Low-Cost 1K/2K-ROM Microcontrollers
Z86217 ZILOG-Z86217 Datasheet
63Kb / 7P
   CMOS Z8 8-BIT MICROCONTROLLERS (POINTING DEVICE/TRACKBALL)
Z8F6421PM020SC ZILOG-Z8F6421PM020SC Datasheet
1Mb / 299P
   High Performance 8-Bit Microcontrollers Z8 Encore-R 64K Series
logo
Holtek Semiconductor In...
HT48R062 HOLTEK-HT48R062_08 Datasheet
230Kb / 31P
   Cost-Effective I/O Type 8-Bit MCU
HT46R46E HOLTEK-HT46R46E Datasheet
318Kb / 45P
   Cost-Effective A/D Type 8-Bit MCU
HT48R05A-1 HOLTEK-HT48R05A-1_08 Datasheet
287Kb / 39P
   Cost-Effective I/O Type 8-Bit MCU
HT46R46E HOLTEK-HT46R46E_07 Datasheet
542Kb / 73P
   Cost-Effective A/D Type 8-Bit MCU
HT46R46 HOLTEK-HT46R46 Datasheet
291Kb / 42P
   Cost-Effective A/D Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com