Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERJ3GEY0R00V Datasheet(PDF) 11 Page - Panasonic Semiconductor

Part # ERJ3GEY0R00V
Description  7 A Synchronous DC-DC Step down Regulator,
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJ3GEY0R00V Datasheet(HTML) 11 Page - Panasonic Semiconductor

Back Button ERJ3GEY0R00V Datasheet HTML 7Page - Panasonic Semiconductor ERJ3GEY0R00V Datasheet HTML 8Page - Panasonic Semiconductor ERJ3GEY0R00V Datasheet HTML 9Page - Panasonic Semiconductor ERJ3GEY0R00V Datasheet HTML 10Page - Panasonic Semiconductor ERJ3GEY0R00V Datasheet HTML 11Page - Panasonic Semiconductor ERJ3GEY0R00V Datasheet HTML 12Page - Panasonic Semiconductor ERJ3GEY0R00V Datasheet HTML 13Page - Panasonic Semiconductor ERJ3GEY0R00V Datasheet HTML 14Page - Panasonic Semiconductor ERJ3GEY0R00V Datasheet HTML 15Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
NN31001A
Page 11 of 33
Product Standards
Pin No.
Pin name
Type
Description
35
FSEL
Input
Frequency select pin
This is set to 400 kHz at Low level input, 800 kHz at High level input,
and 600 kHz at open.
36
MODE
Input
Skip (discontinuous) mode / FCCM (Forced Continuous Conduction Mode)
select pin
Skip mode is set at Low level input, FCCM is set at High level input.
37
PRTCNT
Input
Protection Control Set pin for Latch mode / Auto recovery mode during
OVD / SCP operations
38
VREG
Output
LDO output pin
This is Output pin of Power supply (LDO) for internal control circuit.
40
OCPCNT
Input
Programmable over-current protection. Connected resistor on this pin will
adjust the over-current protection threshold.
41
PGOOD
Output
Power good open drain pin
A pull up resistor between PGOOD and VREG terminal is necessary.
Output is low during Over or Under Voltage Detection conditions.
42
SS
Output
Soft start capacitor connect pin
The output voltage at a start up is smoothly controlled
by adjusting Soft Start time.
Please connect capacitor between SS and GND.
43
VFB
Input
Comparator negative input pin / 1.0 V, 3.3 V output voltage select pin
VFB terminal voltage is regulated to REF output (internal reference voltage).
Since VFB is a high impedance terminal, it should not be routed near
other noisy path (LX, BST, etc.)
Routing path should be kept as short as possible.
44
46
VOUTM
Input
Output voltage sense pin
Switching frequency is controlled by monitoring output voltage.
This pin is also used as Feedback pin during internal feedback function.
58
VOUT
Output
Voltage output pin for heat radiation
59
PGND
Ground
Ground pin of Power MOSFET for heat radiation
60
PVIN
Power
supply
Power supply pin for heat radiation
61
LX
Output
Power MOSFET output pin for heat radiation
62
AGND
Ground
Ground pin for heat radiation
Note : Detailed pin descriptions are provided in the OPERATION and APPLICATION INFORMATION section.
PIN FUNCTIONS (Continued)
Doc No. TA4-EA-06262
Revision. 2
Established : 2014-07-03
Revised
: 2014-07-08


Similar Part No. - ERJ3GEY0R00V

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ERJ3GEY0R00V PANASONICBATTERY-ERJ3GEY0R00V Datasheet
1Mb / 28P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
logo
NXP Semiconductors
ERJ3GEY0R00V NXP-ERJ3GEY0R00V Datasheet
497Kb / 16P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 5, 3/2016
logo
Panasonic Semiconductor
ERJ3GEY0R00V PANASONIC-ERJ3GEY0R00V Datasheet
1Mb / 33P
   3 A Synchronous DC-DC Step down Regulator
ERJ3GEY0R00V PANASONIC-ERJ3GEY0R00V Datasheet
607Kb / 20P
   5 to 25 V, VOUT = 1.2 to 22 V, 2-channel DC-DC Controller IC with Step down regulation
2013-06-28
ERJ3GEY0R00V PANASONIC-ERJ3GEY0R00V Datasheet
1Mb / 43P
   10 A Synchronous DC-DC Step down Regulator
More results

Similar Description - ERJ3GEY0R00V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
NN30320A PANASONIC-NN30320A Datasheet
1Mb / 33P
   3 A Synchronous DC-DC Step down Regulator
NN30332A PANASONIC-NN30332A Datasheet
1Mb / 43P
   10 A Synchronous DC-DC Step down Regulator
logo
Panasonic Battery Group
NN30 PANASONICBATTERY-NN30 Datasheet
228Kb / 2P
   Synchronous DC/DC Step-Down Regulator
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
   1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
logo
Semtech Corporation
SC195B SEMTECH-SC195B Datasheet
614Kb / 19P
   3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
logo
Eutech Microelectronics...
EUP3260 EUTECH-EUP3260 Datasheet
90Kb / 1P
   1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
EUP3290 EUTECH-EUP3290 Datasheet
761Kb / 1P
   1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
logo
Fairchild Semiconductor
FAN8060 FAIRCHILD-FAN8060 Datasheet
507Kb / 13P
   1.2MHz, 1A Synchronous Step-Down DC/DC Regulator
logo
Semtech Corporation
SC195 SEMTECH-SC195 Datasheet
338Kb / 18P
   3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
SC195 SEMTECH-SC195_10 Datasheet
497Kb / 20P
   3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com