Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NN31001A Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # NN31001A
Description  7 A Synchronous DC-DC Step down Regulator,
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

NN31001A Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button NN31001A Datasheet HTML 3Page - Panasonic Semiconductor NN31001A Datasheet HTML 4Page - Panasonic Semiconductor NN31001A Datasheet HTML 5Page - Panasonic Semiconductor NN31001A Datasheet HTML 6Page - Panasonic Semiconductor NN31001A Datasheet HTML 7Page - Panasonic Semiconductor NN31001A Datasheet HTML 8Page - Panasonic Semiconductor NN31001A Datasheet HTML 9Page - Panasonic Semiconductor NN31001A Datasheet HTML 10Page - Panasonic Semiconductor NN31001A Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
NN31001A
Page 7 of 33
Product Standards
Parameter
Symbol
Condition
Limits
Unit Note
Min
Typ
Max
DC-DC Characteristics
Load regulation1
VLOA1
IOUT = 10 mA to 7 A
VMODE = 0 V
—2.0
%
*1
Load regulation2
VLOA2
IOUT = 10 mA to 7 A
VMODE = VREG
—1.0
%
*1
Line regulation
VLIN
PVIN = 6 V to 28 V
VMODE = VREG
IOUT = 2.0 A
0.1
0.3
%/V
Output ripple voltage 1
VRL1
IOUT = 10 mA
VMODE = 0 V
—30
mV
[p-p]
*1
Output ripple voltage 2
VRL2
IOUT = 10 mA
VMODE = VREG
—15
mV
[p-p]
*1
Output ripple voltage 3
VRL3
IOUT = 3.5 A
VMODE = VREG
—10
mV
[p-p]
*1
Load transient response 1
V
TR1
IOUT = 100 mA to 3.5 A
t = 0.5 A / µs
VMODE = 0 V or VREG
—15
mV
*1
Load transient response 2
V
TR2
IOUT = 3.5 A to 100 mA
t = 0.5 A / µs
VMODE = 0 V or VREG
—20
mV
*1
Minimum Input and output voltage
difference
VDIFF
VDIFF =VIN –VOUT
—2.5
V
*1
Note :
*1 : Typical design value
ELECTRICAL CHARACTERISTICS (Continued)
CO = 22 µF 3, VOUT Setting = 1.0 V, VIN = AVIN = PVIN = 12 V, Switching Frequency = 600 kHz
VMODE = VREG (FCCM), Ta = 25 C  2 C unless otherwise noted.
Doc No. TA4-EA-06262
Revision. 2
Established : 2014-07-03
Revised
: 2014-07-08


Similar Part No. - NN31001A

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
NN30 PANASONICBATTERY-NN30 Datasheet
228Kb / 2P
   Synchronous DC/DC Step-Down Regulator
NN30195A PANASONICBATTERY-NN30195A Datasheet
1Mb / 27P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
NN30196A PANASONICBATTERY-NN30196A Datasheet
1Mb / 27P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
NN30295A PANASONICBATTERY-NN30295A Datasheet
1Mb / 27P
   DC-DC Step down Regulator comprising of Controller IC and Power MOSFET with I2C Interface
NN30310AA PANASONICBATTERY-NN30310AA Datasheet
1Mb / 27P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
More results

Similar Description - NN31001A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
NN30320A PANASONIC-NN30320A Datasheet
1Mb / 33P
   3 A Synchronous DC-DC Step down Regulator
NN30332A PANASONIC-NN30332A Datasheet
1Mb / 43P
   10 A Synchronous DC-DC Step down Regulator
logo
Panasonic Battery Group
NN30 PANASONICBATTERY-NN30 Datasheet
228Kb / 2P
   Synchronous DC/DC Step-Down Regulator
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
   1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
logo
Semtech Corporation
SC195B SEMTECH-SC195B Datasheet
614Kb / 19P
   3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
logo
Eutech Microelectronics...
EUP3260 EUTECH-EUP3260 Datasheet
90Kb / 1P
   1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
EUP3290 EUTECH-EUP3290 Datasheet
761Kb / 1P
   1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
logo
Fairchild Semiconductor
FAN8060 FAIRCHILD-FAN8060 Datasheet
507Kb / 13P
   1.2MHz, 1A Synchronous Step-Down DC/DC Regulator
logo
Semtech Corporation
SC195 SEMTECH-SC195 Datasheet
338Kb / 18P
   3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
SC195 SEMTECH-SC195_10 Datasheet
497Kb / 20P
   3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com