Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMK325AB7106MM-T Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # UMK325AB7106MM-T
Description  10 A Synchronous DC-DC Step down Regulator
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UMK325AB7106MM-T Datasheet(HTML) 4 Page - Panasonic Semiconductor

  UMK325AB7106MM-T Datasheet HTML 1Page - Panasonic Semiconductor UMK325AB7106MM-T Datasheet HTML 2Page - Panasonic Semiconductor UMK325AB7106MM-T Datasheet HTML 3Page - Panasonic Semiconductor UMK325AB7106MM-T Datasheet HTML 4Page - Panasonic Semiconductor UMK325AB7106MM-T Datasheet HTML 5Page - Panasonic Semiconductor UMK325AB7106MM-T Datasheet HTML 6Page - Panasonic Semiconductor UMK325AB7106MM-T Datasheet HTML 7Page - Panasonic Semiconductor UMK325AB7106MM-T Datasheet HTML 8Page - Panasonic Semiconductor UMK325AB7106MM-T Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
NN30332A
Page 4 of 42
Product Standards
Parameter
Symbol
Condition
Limits
Unit Note
Min
Typ
Max
Current Consumption
Consumption current at active
(Normal Mode)
IVDDACTN
VEN = 5 V, IOUT = 0 A
RFB1 = 27 k
RFB2 = 36 k
VLP = 1 V , VFB = 0.62 V
450
900
µA
Consumption current at active
(Low Power Mode)
IVDDACTL
VEN = 5 V, IOUT = 0 A
RFB1 = 27 k
RFB2 = 36 k
VLP = 0 V, VFB = 0.62 V
80
130
µA
V5 Consumption current at standby
IV5STB
V5 = 5 V, VEN = 0 V
2
4
µA
AVIN/PVIN Consumption current at
standby
IVINSTB
AVIN = PVIN = 7.4 V
VEN = 0 V
—1
2
µA
Logic Pin Characteristics
EN pin Low-level input voltage
VENL
——
0.3
V
EN pin High-level input voltage
VENH
1.5
5.0
V
EN pin leakage current
ILEAKEN
VEN = 5 V
3
7
µA
LP pin Low-level input voltage
VLPL
——
0.49
V
LP pin High-level input voltage
VLPH
0.72
V5
V—
LP pin leakage current
ILEAKLP
VLP = 1 V
2
4
µA
FSEL pin Low-level input voltage
VFSELL
——
0.3
V
FSEL pin High-level input voltage
VFSELH
V5
 0.7
—V5
V—
FSEL pin leakage current
ILEAKFS
VFSEL = 5 V
5
10
µA
ELECRTRICAL CHARACTERISTICS
CO = 22 µF 4, LO = 1 µH, VOUT Setting = 1.05 V, VIN = AVIN = PVIN = 12 V, V5 = 5 V,
Switching Frequency = 430 kHz, VLP = 1 V (Normal Mode),
Ta = 25 C  2 C unless otherwise noted.
Doc No. TA4-EA-06197
Revision. 3
Established : 2013-07-29
Revised
: 2014-02-18


Similar Part No. - UMK325AB7106MM-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
UMK325AB7106MM-T TAIYO-YUDEN-UMK325AB7106MM-T Datasheet
301Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
logo
Panasonic Semiconductor
UMK325AB7106MM-T PANASONIC-UMK325AB7106MM-T Datasheet
1Mb / 33P
   3 A Synchronous DC-DC Step down Regulator
UMK325AB7106MM-T PANASONIC-UMK325AB7106MM-T Datasheet
1Mb / 36P
   7 A Synchronous DC-DC Step down Regulator,
More results

Similar Description - UMK325AB7106MM-T

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
NN30320A PANASONIC-NN30320A Datasheet
1Mb / 33P
   3 A Synchronous DC-DC Step down Regulator
NN31001A PANASONIC-NN31001A Datasheet
1Mb / 36P
   7 A Synchronous DC-DC Step down Regulator,
logo
Infineon Technologies A...
TLF51801ELV INFINEON-TLF51801ELV Datasheet
1Mb / 29P
   10 A synchronous DC/DC Step-Down Controller
Rev. 1.0.1, 2013-04-15
IFX81481ELV INFINEON-IFX81481ELV Datasheet
1Mb / 29P
   10 A synchronous DC/DC Step-Down Controller
Rev. 1.0, 2013-09-02
logo
Panasonic Battery Group
NN30 PANASONICBATTERY-NN30 Datasheet
228Kb / 2P
   Synchronous DC/DC Step-Down Regulator
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
   1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
logo
Semtech Corporation
SC195B SEMTECH-SC195B Datasheet
614Kb / 19P
   3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
logo
Eutech Microelectronics...
EUP3260 EUTECH-EUP3260 Datasheet
90Kb / 1P
   1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
EUP3290 EUTECH-EUP3290 Datasheet
761Kb / 1P
   1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
logo
Fairchild Semiconductor
FAN8060 FAIRCHILD-FAN8060 Datasheet
507Kb / 13P
   1.2MHz, 1A Synchronous Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com