Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM188R72A104KA35L Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # GRM188R72A104KA35L
Description  3 A Synchronous DC-DC Step down Regulator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

GRM188R72A104KA35L Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button GRM188R72A104KA35L Datasheet HTML 3Page - Panasonic Semiconductor GRM188R72A104KA35L Datasheet HTML 4Page - Panasonic Semiconductor GRM188R72A104KA35L Datasheet HTML 5Page - Panasonic Semiconductor GRM188R72A104KA35L Datasheet HTML 6Page - Panasonic Semiconductor GRM188R72A104KA35L Datasheet HTML 7Page - Panasonic Semiconductor GRM188R72A104KA35L Datasheet HTML 8Page - Panasonic Semiconductor GRM188R72A104KA35L Datasheet HTML 9Page - Panasonic Semiconductor GRM188R72A104KA35L Datasheet HTML 10Page - Panasonic Semiconductor GRM188R72A104KA35L Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
NN30320A
Page 7 of 32
Product Standards
Parameter
Symbol
Condition
Limits
Unit Note
Min
Typ
Max
Protection
DC-DC Over Current
Protection Limit
ILMT
——
4.5
A
*1
DC-DC Short Circuit
Protection Threshold
Ishort
V
FB = 0.6 V to 0.0 V
50
60
70
%
Thermal Shut Down (TSD)
Threshold
T
TSDTH
130
C
*1
Thermal Shut Down (TSD)
Hysteresis
T
TSDHYS
——
34
C
*1
Soft Start Timing
SS Charge Current
ISSCH
V
SS = 0.3 V
1.1
2.3
3.5
µA
SS Discharge Resistance
(Shut down)
RSSDCH
V
EN = 0 V
5
10
k
Switching Frequency
DC-DC Switching Frequency 1
fSW1
I
OUT = 1.5 A
210
kHz
*1
DC-DC Switching Frequency 2
fSW2
I
OUT = 1.5 A
430
kHz
*1
DC-DC Switching Frequency 3
fSW3
I
OUT = 1.5 A
650
kHz
*1
Note :
*1 : Typical design value
ELECTRICAL CHARACTERISTICS (Continued)
C
O = 22 µF  2, LO = 1 µH, VOUT Setting = 1.2 V, VIN = AVIN = PVIN = 12 V,
Switching Frequency = 650 kHz, V
MODE = VREG (FCCM)
T
a = 25 C  2 C unless otherwise noted.
Doc No. TA4-EA-06187
Revision. 2
Established : 2013-06-20
Revised
: 2015-02-08


Similar Part No. - GRM188R72A104KA35L

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
GRM188R72A104KA35L PANASONICBATTERY-GRM188R72A104KA35L Datasheet
1Mb / 28P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
logo
Panasonic Semiconductor
GRM188R72A104KA35L PANASONIC-GRM188R72A104KA35L Datasheet
1Mb / 43P
   10 A Synchronous DC-DC Step down Regulator
More results

Similar Description - GRM188R72A104KA35L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
NN30332A PANASONIC-NN30332A Datasheet
1Mb / 43P
   10 A Synchronous DC-DC Step down Regulator
NN31001A PANASONIC-NN31001A Datasheet
1Mb / 36P
   7 A Synchronous DC-DC Step down Regulator,
logo
Panasonic Battery Group
NN30 PANASONICBATTERY-NN30 Datasheet
228Kb / 2P
   Synchronous DC/DC Step-Down Regulator
logo
STMicroelectronics
ST1S40 STMICROELECTRONICS-ST1S40_V01 Datasheet
849Kb / 30P
   3 A DC step-down switching regulator
August 2019
ST1S40 STMICROELECTRONICS-ST1S40 Datasheet
1Mb / 29P
   3 A DC step-down switching regulator
ST1S31 STMICROELECTRONICS-ST1S31 Datasheet
1Mb / 35P
   3 A DC step-down switching regulator
March 2016 Rev 4
ST1S40IPUR STMICROELECTRONICS-ST1S40IPUR Datasheet
1Mb / 30P
   3 A DC step-down switching regulator
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
   1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
logo
Analog Devices
ADP2116 AD-ADP2116 Datasheet
2Mb / 36P
   Configurable, Dual 3 A/Single 6 A, Synchronous, Step-Down DC-to-DC Regulator
REV. 0
logo
Semtech Corporation
SC195B SEMTECH-SC195B Datasheet
614Kb / 19P
   3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com