Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NN30320A Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # NN30320A
Description  3 A Synchronous DC-DC Step down Regulator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

NN30320A Datasheet(HTML) 1 Page - Panasonic Semiconductor

  NN30320A Datasheet HTML 1Page - Panasonic Semiconductor NN30320A Datasheet HTML 2Page - Panasonic Semiconductor NN30320A Datasheet HTML 3Page - Panasonic Semiconductor NN30320A Datasheet HTML 4Page - Panasonic Semiconductor NN30320A Datasheet HTML 5Page - Panasonic Semiconductor NN30320A Datasheet HTML 6Page - Panasonic Semiconductor NN30320A Datasheet HTML 7Page - Panasonic Semiconductor NN30320A Datasheet HTML 8Page - Panasonic Semiconductor NN30320A Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
NN30320A
Page 1 of 32
Product Standards
3 A Synchronous DC-DC Step down Regulator
(V
IN = 4.5 V to 28 V, VOUT = 0.75 V to 5.5 V)
 High-Speed Response DC-DC Step Down Regulator
Circuit that employs Hysteretic Control System
 Two 20 m
 (Typ) MOSFETs
for High Efficiency at 3 A
 Skip (discontinuous) mode for Light Load Efficiency
 Maximum Output Current : 3 A
 Input Voltage Range : AV
IN = 4.5 V to 28 V,
PV
IN = 4.5 V to 28 V
 Output Voltage Range : 0.75 V to 5.5 V
 Selectable Switching Frequency
: 210 kHz, 430 kHz, 650 kHz
 Adjustable Soft Start
 Low Operating and Standby Quiescent Current
 Power Good Indication for Output Over and
Under Voltage
 Built-in Under Voltage Lockout (UVLO),
Thermal Shut Down (TSD),
Over Voltage Detection (OVD),
Under Voltage Detection (UVD),
Over Current Protection (OCP),
Short Circuit Protection (SCP)
 24 pin Plastic Quad Flat Non-leaded Package Heat
Slug Down (QFN Type)
(Size : 4 mm
 4 mm  0.7 mm, 0.5 mm pitch)
FEATURES
DESCRIPTION
NN30320A is a synchronous DC-DC Step down
Regulator (1-ch) comprising of a Controller IC and two
power MOSFETs and employs the hysteretic control
system.
By this system, when load current changes suddenly,
it responds at high speed and minimizes the changes
of output voltage.
Since it is possible to use capacitors with small
capacitance and it is unnecessary to add external parts
for system phase compensation, this IC realizes
downsizing of set and reducing in the number of
external parts. Output voltage is adjustable by user.
Maximum current is 3 A.
High Current Distributed Power Systems such as
・HDDs (Hard Disk Drives)
・SSDs (Solid State Drives)
・PCs
・Game consoles
・Servers
・Security Cameras
・Network TVs
・Home Appliances
・OA Equipment
etc.
APPLICATIONS
APPLICATION CIRCUIT EXAMPLE
EFFICIENCY CURVE
Note : The application circuit is an example. The operation of
the mass production set is not guaranteed. Sufficient
evaluation and verification is required in the design of
the mass production set. The Customer is fully
responsible for the incorporation of the above
illustrated application circuit in the design of the
equipment.
http://www.semicon.panasonic.co.jp/en/
VFB
VREG
EN
PGOOD
BST
LX
PGND
AGND
SS
AVIN
PVIN
VREG
AVIN
NN30320A
PVIN
VOUT
V
OUT = 1.2 V
1 µH
100 k
22 µF
 2
0.1 µF
1.5 k
1.5 k
1 µF
10 nF
Condition :
V
IN = 12 V, VOUT Setting = 1.05 V, 1.2 V, 1.8 V, 3.3 V, 5.0 V,
Switching Frequency = 650 kHz, FCCM / Skip mode,
L
O = 1 µH, CO = 44 µF (22 µF  2)
Doc No. TA4-EA-06187
Revision. 2
Established : 2013-06-20
Revised
: 2015-02-08


Similar Part No. - NN30320A

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
NN30310AA PANASONICBATTERY-NN30310AA Datasheet
1Mb / 27P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
NN30312A PANASONICBATTERY-NN30312A Datasheet
1Mb / 28P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
logo
Panasonic Semiconductor
NN30332A PANASONIC-NN30332A Datasheet
1Mb / 43P
   10 A Synchronous DC-DC Step down Regulator
NN30332A-VB PANASONIC-NN30332A-VB Datasheet
1Mb / 43P
   10 A Synchronous DC-DC Step down Regulator
More results

Similar Description - NN30320A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
NN30332A PANASONIC-NN30332A Datasheet
1Mb / 43P
   10 A Synchronous DC-DC Step down Regulator
NN31001A PANASONIC-NN31001A Datasheet
1Mb / 36P
   7 A Synchronous DC-DC Step down Regulator,
logo
Panasonic Battery Group
NN30 PANASONICBATTERY-NN30 Datasheet
228Kb / 2P
   Synchronous DC/DC Step-Down Regulator
logo
STMicroelectronics
ST1S40 STMICROELECTRONICS-ST1S40_V01 Datasheet
849Kb / 30P
   3 A DC step-down switching regulator
August 2019
ST1S40 STMICROELECTRONICS-ST1S40 Datasheet
1Mb / 29P
   3 A DC step-down switching regulator
ST1S31 STMICROELECTRONICS-ST1S31 Datasheet
1Mb / 35P
   3 A DC step-down switching regulator
March 2016 Rev 4
ST1S40IPUR STMICROELECTRONICS-ST1S40IPUR Datasheet
1Mb / 30P
   3 A DC step-down switching regulator
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
   1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
logo
Analog Devices
ADP2116 AD-ADP2116 Datasheet
2Mb / 36P
   Configurable, Dual 3 A/Single 6 A, Synchronous, Step-Down DC-to-DC Regulator
REV. 0
logo
Semtech Corporation
SC195B SEMTECH-SC195B Datasheet
614Kb / 19P
   3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com