Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z86L70 Datasheet(PDF) 5 Page - Zilog, Inc.

Part # Z86L70
Description  IR/Low-Voltage Microcontroller
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L70 Datasheet(HTML) 5 Page - Zilog, Inc.

  Z86L70 Datasheet HTML 1Page - Zilog, Inc. Z86L70 Datasheet HTML 2Page - Zilog, Inc. Z86L70 Datasheet HTML 3Page - Zilog, Inc. Z86L70 Datasheet HTML 4Page - Zilog, Inc. Z86L70 Datasheet HTML 5Page - Zilog, Inc. Z86L70 Datasheet HTML 6Page - Zilog, Inc. Z86L70 Datasheet HTML 7Page - Zilog, Inc. Z86L70 Datasheet HTML 8Page - Zilog, Inc. Z86L70 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
Z86L70/71/75/C71
Zilog
IR/Low-Voltage Microcontroller
DS97LVO0500
P R E L I M I N A R Y
1-5
1
ABSOLUTE MAXIMUM RATINGS
Stresses greater than those listed under Absolute Maxi-
mum Ratings may cause permanent damage to the de-
vice. This is a stress rating only; operation of the device at
any condition above those indicated in the operational sec-
tions of these specifications is not implied. Exposure to ab-
solute maximum rating conditions for an extended period
may affect device reliability.
STANDARD TEST CONDITIONS
The characteristics listed below apply for standard test
conditions as noted. All voltages are referenced to GND.
Positive current flows into the referenced pin (Figure 5).
CAPACITANCE
TA = 25°C, VCC = GND = 0V, f = 1.0 MHz, unmeasured pins returned to GND.
Symbol
Description
Min
Max
Units
VCC
Supply Voltage (*)
-0.3
+7.0
V
TSTG
Storage Temp.
-65
°
+150
°
C
TA
Oper. Ambient
Temp.
†C
Notes:
* Voltage on all pins with respect to GND.
† See Ordering Information
Figure 5. Test Load Diagram
From Output
Under Test
150 pF
I
Parameter
Max
Input capacitance
12 pF
Output capacitance
12 pF
I/O capacitance
12 pF


Similar Part No. - Z86L70

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L7103ZEM ZILOG-Z86L7103ZEM Datasheet
45Kb / 7P
   ICEBOX FAMILY IN-CIRCUIT EMULATOR-L71
Z86L72 ZILOG-Z86L72 Datasheet
364Kb / 71P
   IR MICROCONTROLLER
Z86L7208FSC ZILOG-Z86L7208FSC Datasheet
364Kb / 71P
   IR MICROCONTROLLER
Z86L7208PSC ZILOG-Z86L7208PSC Datasheet
364Kb / 71P
   IR MICROCONTROLLER
Z86L7208VSC ZILOG-Z86L7208VSC Datasheet
364Kb / 71P
   IR MICROCONTROLLER
More results

Similar Description - Z86L70

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L88 ZILOG-Z86L88 Datasheet
599Kb / 66P
   IR/Low-Voltage Microcontroller
logo
Maxim Integrated Produc...
Z86L88 MAXIM-Z86L88 Datasheet
438Kb / 80P
   Low-Voltage IR Microcontroller
Rev 0; 4/09
logo
Zilog, Inc.
Z86L78 ZILOG-Z86L78 Datasheet
296Kb / 59P
   IR/Low-Voltage Microcontroller
Z86C72 ZILOG-Z86C72 Datasheet
364Kb / 71P
   IR MICROCONTROLLER
Z86L79 ZILOG-Z86L79 Datasheet
301Kb / 58P
   Low-Voltage Microcontroller
logo
ATMEL Corporation
T2526 ATMEL-T2526_06 Datasheet
230Kb / 14P
   Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526 Datasheet
224Kb / 14P
   Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526_09 Datasheet
262Kb / 14P
   Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526 Datasheet
234Kb / 12P
   LOW-VOLTAGE IR RECEIVER ASSP
ATA2536T ATMEL-ATA2536T_14 Datasheet
729Kb / 14P
   Low-voltage IR Receiver ASSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com