Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z86L43 Datasheet(PDF) 6 Page - Zilog, Inc.

Part # Z86L43
Description  CMOS Z8 CONSUMER CONTROLLER PROCESSOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L43 Datasheet(HTML) 6 Page - Zilog, Inc.

Back Button Z86L43 Datasheet HTML 2Page - Zilog, Inc. Z86L43 Datasheet HTML 3Page - Zilog, Inc. Z86L43 Datasheet HTML 4Page - Zilog, Inc. Z86L43 Datasheet HTML 5Page - Zilog, Inc. Z86L43 Datasheet HTML 6Page - Zilog, Inc. Z86L43 Datasheet HTML 7Page - Zilog, Inc. Z86L43 Datasheet HTML 8Page - Zilog, Inc. Z86L43 Datasheet HTML 9Page - Zilog, Inc. Z86L43 Datasheet HTML 10Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Z86L33/L43
CP96LVO1501
Pin #
Symbol
Function
Direction
1-2
P05-06
Port 0, Pins 5,6
In/Output
3-4
P14-15
Port 1, Pins 4,5
In/Output
5
P07
Port 0, Pin 7
In/Output
6-7
V
CC
Power Supply
8-9
P16-17
Port 1 Pins 6,7
In/Output
10
XTAL2
Crystal, Oscillator Clock Output
11
XTAL1
Crystal, Oscillator Clock Input
12-14 P31-33
Port 3, Pins 1,2,3
Input
15
P34
Port 3, Pin 4
Output
16
/AS
Address Strobe
Output
17
R//RL
ROM/ROMless Control
Input
18
/RESET
Reset
Input
19
P35
Port 3, Pin 5
Output
20
P37
Port 3, Pin 7
Output
Pin #
Symbol
Function
Direction
21
P36
Port 3, Pin 6
Output
22
P30
Port 3, Pin 0
Input
23-24 P00-01
Port 0, Pins 0,1
In/Output
25-26 P10-11
Port 1, Pins 0,1
In/Output
27
P02
Port 0, Pin 2
In/Output
28-29 GND
Ground
30-31 P12-13
Port 1, Pins 2,3
In/Output
32
P03
Port 0, Pin 3
In/Output
33-37 P20-24
Port 2, Pins 0,1,2,3,4
In/Output
38
/DS
Data Strobe
Output
39
N/C
Not Connected
40
R//W
Read/Write
Output
41-43 P25-27
Port 2, Pins 5,6,7
In/Output
44
P04
Port 0, Pin 4
In/Output
PIN DESCRIPTION
(Continued)
44-Pin QFP Pin Assignments
44-Pin QFP Pin Identification
34
35
36
37
38
39
40
41
42
43
44
21
20
19
18
17
16
15
14
13
12
22
33 32 31 30 29 28 27 26 25 24 23
123456789
10 11
Z86L43
P21
P22
P23
P24
/DS
N/C
R//W
P25
P26
P27
P04
P30
P36
P37
P35
/RESET
R//RL
/AS
P34
P33
P32
P31


Similar Part No. - Z86L43

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L02 ZILOG-Z86L02 Datasheet
1Mb / 37P
   Two On-Board Comparators
Z86L04 ZILOG-Z86L04 Datasheet
165Kb / 26P
   Z8 8-Bit Cost-Effective Microcontrollers
Z86L0408PSC ZILOG-Z86L0408PSC Datasheet
165Kb / 26P
   Z8 8-Bit Cost-Effective Microcontrollers
Z86L0408SSC ZILOG-Z86L0408SSC Datasheet
165Kb / 26P
   Z8 8-Bit Cost-Effective Microcontrollers
Z86L08 ZILOG-Z86L08 Datasheet
165Kb / 26P
   Z8 8-Bit Cost-Effective Microcontrollers
More results

Similar Description - Z86L43

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C33 ZILOG-Z86C33 Datasheet
114Kb / 16P
   CMOS Z8 CONSUMER CONTROLLER PROCESSOR
Z86C30 ZILOG-Z86C30 Datasheet
128Kb / 17P
   CMOS Z8 CONSUMER CONTROLLER PROCESSOR
Z86233 ZILOG-Z86233 Datasheet
122Kb / 18P
   CMOS Z8 8K ROM CONSUMER CONTROLLER PROCESSOR
Z87233 ZILOG-Z87233 Datasheet
868Kb / 71P
   CMOS Z8-R MCU Consumer Controller Processor
Z87C33 ZILOG-Z87C33 Datasheet
862Kb / 72P
   CMOS Z8짰 MCU Consumer Controller Processor
Z86C95 ZILOG-Z86C95 Datasheet
147Kb / 18P
   CMOS Z8 DIGITAL SIGNAL PROCESSOR (DSP)
Z86116 ZILOG-Z86116 Datasheet
60Kb / 9P
   CMOS Z8 PN MODULATOR WIRELESS CONTROLLER
Z86E15 ZILOG-Z86E15 Datasheet
700Kb / 26P
   CMOS Z8 8-Bit OTP Keyboad Controller
Z86C11 ZILOG-Z86C11 Datasheet
658Kb / 21P
   CMOS Z8 Microcontroller
Z86C61 ZILOG-Z86C61 Datasheet
388Kb / 46P
   CMOS Z8 MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com