Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z86C8416VEC Datasheet(PDF) 3 Page - Zilog, Inc.

Part # Z86C8416VEC
Description  Z8 MCU MICROCONTROLLERS
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C8416VEC Datasheet(HTML) 3 Page - Zilog, Inc.

  Z86C8416VEC Datasheet HTML 1Page - Zilog, Inc. Z86C8416VEC Datasheet HTML 2Page - Zilog, Inc. Z86C8416VEC Datasheet HTML 3Page - Zilog, Inc. Z86C8416VEC Datasheet HTML 4Page - Zilog, Inc. Z86C8416VEC Datasheet HTML 5Page - Zilog, Inc. Z86C8416VEC Datasheet HTML 6Page - Zilog, Inc. Z86C8416VEC Datasheet HTML 7Page - Zilog, Inc. Z86C8416VEC Datasheet HTML 8Page - Zilog, Inc. Z86C8416VEC Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
Z86C83/C84
Z8
® MCU Microcontrollers
DS96DZ80203
3
1
PIN DESCRIPTION
Table 1. Z86C83 28-Pin DIP, SOIC Pin Identification*
No
Symbol
Function
Direction
1-7
P21-P27
or AC1-AC7
Port 2, Bit 1-7
Analog In 1-7
Input/Output
8
/RESET
Reset
Input
9
XTAL1
Oscillator Clock
Input
10
XTAL2
Oscillator Clock
Output
11
GND
Ground
12
V
CC
Power
13-15
P31-P33
Port 3, Bits 1-3
Input
16
P34
Port 3, Bit 4
Output
17
P36
Port 3, Bit 6
Output
18
P35
Port 3, Bit 5
Output
19-25
P0-P06
Port 0, Bits 0-6
Input/Output
26
A
GND
Analog Ground
27
AV
CC
Analog Power
28
P20
or AC0
Port 2, Bit 0
Analog In 0
Input/Output
Note:
* DIP and SOIC Pin Description and Configuration are identical.
Figure 2. Z86C83 28-Pin DIP and SOIC Pin
Configuration*
1
2
9
3
4
5
6
7
8
28
27
26
25
24
23
22
21
20
P27/AC7
P26/AC6
AVCC
P25/AC5
P24/AC4
P23/AC3
P22/AC2
P21/AC1
P20/AC0
/RESET
XTAL1
P34
XTAL2
GND
VCC
P31
P32
P33
Z86C83
10
19
AGND
P36
13
11
12
18
17
16
P04
P06
P05
P01
P35
P00
14
15
P03
P02
Standard Mode
Table 2. Z86C84 28-Pin DIP, SOIC Pin Identification*
No
Symbol
Function
Direction
1-7
P21-P27
or AC1-AC7
Port 2, Bit 1-7
Analog In 1-7
Input/Output
8
/RESET
Reset
Input
9
XTAL1
Oscillator Clock
Input
10
XTAL2
Oscillator Clock
Output
11
GND
Ground
12
V
CC
Power
13-15 P31-P33
Port 3, Bits 1-3
Input
16
P34
Port 3, Bit 4
Output
17
P36
Port 3, Bit 6
Output
18
P35
Port 3, Bit 5
Output
19-21 P0-P02
Port 0, Bits 0-3
Input/Output
22
VDLO
D/A Ref. Volt.,Low
Input
23
VDHI
D/A Ref. Volt.,High
Input
24-25 DAC2-1
D/A Converter
Output
26
A
GND
Analog Ground
27
AV
CC
Analog Power
28
P20
or AC0
Port 2, Bit 0
Analog In 0
Input/Output
Note:
* DIP and SOIC Pin Description and Configuration are identical
Figure 3. Z86C84 28-Pin DIP and SOIC Pin
Configuration*
1
2
9
3
4
5
6
7
8
28
27
26
25
24
23
22
21
20
P27/AC7
P26/AC6
AVCC
P25/AC5
P24/AC4
P23/AC3
P22/AC2
P21/AC1
P20/AC0
/RESET
XTAL1
P34
XTAL2
GND
VCC
P31
P32
P33
Z86C84
10
19
AGND
P36
13
11
12
18
17
16
VDHI
DAC1
P01
P35
P00
14
15
VDLO
P02
* Standard Mode
DAC2


Similar Part No. - Z86C8416VEC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C89 ZILOG-Z86C89 Datasheet
96Kb / 14P
   ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
Z86C89PLCC ZILOG-Z86C89PLCC Datasheet
96Kb / 14P
   ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
Z86C89QFP ZILOG-Z86C89QFP Datasheet
96Kb / 14P
   ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
More results

Similar Description - Z86C8416VEC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E33 ZILOG-Z86E33 Datasheet
45Kb / 10P
   CMOS Z8 OTP Microcontrollers
Z86E0412PSG1866 ZILOG-Z86E0412PSG1866 Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
Z86C9116VSC ZILOG-Z86C9116VSC Datasheet
824Kb / 56P
   COMS Z8 ROMLess Microcontrollers
Z86C9116PSG ZILOG-Z86C9116PSG Datasheet
824Kb / 56P
   CMOS Z8 ROMLess Microcontrollers
Z86E09 ZILOG-Z86E09 Datasheet
305Kb / 38P
   Z8 CMOS OTP Microcontrollers
Z86E0412PEG ZILOG-Z86E0412PEG Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
Z8673312PSG ZILOG-Z8673312PSG Datasheet
1Mb / 84P
   CMOS Z8 OTP Microcontrollers
Z86E03 ZILOG-Z86E03 Datasheet
66Kb / 9P
   CMOS Z8 OTP MICROCONTROLLERS
Z86C91 ZILOG-Z86C91 Datasheet
789Kb / 56P
   CMOS Z8 ROMLess Microcontrollers
Z86E04 ZILOG-Z86E04 Datasheet
214Kb / 44P
   CMOS Z8 OTP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com