Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1701090150 Datasheet(PDF) 1 Page - AAEON Technology

Part # 1701090150
Description  gigabit ethernet
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

1701090150 Datasheet(HTML) 1 Page - AAEON Technology

  1701090150 Datasheet HTML 1Page - AAEON Technology 1701090150 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
03-13
Note: All specifications are subject to change without notice.
03
Features
Specifications
GENE-BSW5
Packing List
Product DVD
GENE-BSW5 with Passive Heatsink
Onboard Intel® Pentium®/Celeron® N3000 Series Processor SoC
DDR3L 1600/1066 SODIMM x 1, Up to 8 GB
Gigabit Ethernet x 2
Multiple Display in 18/24-bit 2CH LVDS, VGA, HDMI (optional,
occupied with LVDS x 1 )
AC97 2.3 Code 2CH Audio
Mini-Card x 1 (Full-Size), half-size co-layout with mSATA
mSATA x 1
USB3.0 x 4, USB2.0 x 1. RS-232 x 4, RS-232/422/485 x 2, Digital I/O
8-bit
+12V DC in, AT/ATX
3.5” SubCompact Board with Intel® Pentium & Celeron® N3000 Series Processor SoC
System
Form Factor
3.5'' SubCompact Board
CPU
Intel® Braswell M/D SoC Processor
CPU Frequency
TBD
Chipset
Intel® Braswell M/D SoC Processor
Memory Type
DDR3L 1600/1066, SODIMM x 1
Max. Memory Capacity
Up to 8 GB
BIOS
UEFI
Wake on LAN
Yes
Watchdog Timer
255 Levels
Power Requirement
+12V
Power Supply Type
AT/ ATX
Power Consumption
(Typical)
TBD
Dimension (L x W)
5.75" x 4" (146mm x 101.7mm)
Operating Temperature
32°F ~ 140°F (0°C ~ 60°C)
Storage Temperature
-40°F ~ 176°F (-40°C ~ 81°C)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
MTBF (Hours)
TBD
Certification
CE/FCC
Display
VGA/LCD Controller
Braswell M/D SoC
Video Output
Combination in 3 independent display:
LVDS x 2 + VGA
(HDMI is optional, shared with LVDS2)
Backlight inverter supply
PWM
2 x PWM 5V/12V for LVDS x 2
I/O
Ethernet
Realtek RTL-8111E, 10/100/1000Base, RJ-45 x2
Audio
High Definition Audio Interface
USB Port
USB3.0 x 4
USB2.0 x 1
Serial Port
RS-232/422/485 x 2, RS-232 x 4
Parallel Port
SPP/EPP/ECP x 1 (Option, share with DIO)
HDD Interface
SATA 3.0 x 1
FDD Interface
SSD
Expansion Slot
Mini Card x 2 and default is
1. mSATA x 1 (half-size)
2. miniCard x 1(Full-size)
PWM LCD Support
8 Bit
DIO
x 1
TPM
Touch
x 1 (USB interface)
Optional Accessories
Part Number Description
QTY
1702150155
(TF)Power Cable.15P SATA(F).2P 2.0mm Housing(PH).15cm
1
170220020B
(TF)Power Cable.20P ATX(M).4P 5.08mm Housing(F).+3P 2.5mm Housing
(XH).20cm
1
1709070500
(TF)SATA CABLE.7P Pitch 1.27mm.50cm
1
170204010R
(TF)Power Cable.Double 4P 5.08mm Housing(M).10cm
1
1709100254
(TF)PHONE JACK Cable.3P AUDIO JACK.1*10P 1.25mm HOUSING(F).25cm
1
1701090150
(TF)Flat Cable.D-Sub 9(M).9P Housing.9P 1.25mm pitch Housing.15cm
5
1701260200
(TF)Flat Cable.25P D-SUB FEMALE.26P 2.00mm Pitch Housing.20cm
1
1703120130
(TF)LPC cable.12P.to 12P 1.0mm Housing.13cm
1
1700050207
(TF)USB CABLE.1*5P Pitch=1.25mm Housinh.20cm.for PFM-945C
3
1700060152
(TF)Cable.6P 2.0mm Housing.W/O NOSE.6P MDM-6S KB&MS.15cm
1
175011901M
(TF)BATTERY.3V.w/Wire 110mm.MITSUBISHI.Longtrump.CR2032-HAT00(MLF)
1


Similar Part No. - 1701090150

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
1701090150 AAEON-1701090150 Datasheet
349Kb / 2P
   gigabit ethernet
1701090150 AAEON-1701090150 Datasheet
266Kb / 2P
   CRT, 18-bit Single Channel LVDS LCD
1701090150 AAEON-1701090150 Datasheet
342Kb / 2P
   lvds 24-bit dual channel
1701090150 AAEON-1701090150 Datasheet
380Kb / 2P
   USB2.0 x 3, USB OTG x 1, Mini-PCIe x 1 (for 3G/4G Module)
1701090150 AAEON-1701090150 Datasheet
318Kb / 2P
   gigabit ethernet
More results

Similar Description - 1701090150

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
EMB-QM77 AAEON-EMB-QM77 Datasheet
339Kb / 2P
   gigabit ethernet
COM-KB AAEON-COM-KB Datasheet
299Kb / 2P
   gigabit ethernet
COM-QM87 AAEON-COM-QM87 Datasheet
320Kb / 2P
   gigabit ethernet
AEC-6612 AAEON-AEC-6612 Datasheet
252Kb / 2P
   gigabit ethernet
EMB-B75A AAEON-EMB-B75A Datasheet
354Kb / 2P
   gigabit ethernet
GENE-BT05 AAEON-GENE-BT05 Datasheet
318Kb / 2P
   gigabit ethernet
FWS-7400 AAEON-FWS-7400 Datasheet
248Kb / 2P
   gigabit ethernet
GENE-A55E AAEON-GENE-A55E Datasheet
274Kb / 2P
   gigabit ethernet
NANOCOM-BT AAEON-NANOCOM-BT Datasheet
275Kb / 2P
   gigabit ethernet
PICO-BT01 AAEON-PICO-BT01 Datasheet
317Kb / 2P
   gigabit ethernet
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com