Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1701090150 Datasheet(PDF) 2 Page - AAEON Technology

Part # 1701090150
Description  gigabit ethernet
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

1701090150 Datasheet(HTML) 2 Page - AAEON Technology

  1701090150 Datasheet HTML 1Page - AAEON Technology 1701090150 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
02-4
www.aaeon.com
Note: All specifications are subject to change without notice.
Block Diagram
Dimension
Unit: mm
EPIC-BDU7
Ordering Information
SATA III *2
RJ-45
Fintek
Super I/O
F81866D
Smart
Fan
HW
Monitor
RS232 *4
RS232/422/485 *2
DDR3L
SO-DIMM
5th Generation
Intel® Core i
series
Processors
Intel®
GbE Ethernet
WGI211AT
Realtek
Audio Codec
ALC892
Audio
Connector
BIOS
KB/MS
DP Port C
NPX
DP to LVDS
PTN3460
SATA
HD Audio
DIO 16bit/
LPT
Intel®
GbE Ethernet
WGI218LM
RJ-45
PCIe to PCI Bridge
(Option)
PCI
PCI-104
mSATA
/1st Mini Card
w/SIM
Touch controller
(Option)
2nd DisplayPort
Audio
Amplifier
2nd Mini
Card
TPM
(Option)
SPI
Chrontel
DP to VGA
CH7517A
VGA
1st DisplayPort
NPX
DP to LVDS
PTN3460
1st 18/24bit 2CH LVDS
eDP
RGB
LVDS
2nd 18/24bit 2CH LVDS
USB 3.0 *2
USB 2.0 *4
PCIe
PCIe
PCIe
PCIe/USB
SATA/PCIe/USB
USB
USB
eDP
DP Port B
Channel A
LVDS
Touch
Part Number
CPU
Memory
Thermal
Display
LVDS
Storage
LAN
USB
RS-232
RS-232/422/485
Expansion Slot
Power
Power Temp
Others
EPIC-BDU7-A11-0001
Dual Core i3-5010U
(2.1GHz)
DDR3L
(Max 8GB)
Heat
Spreader
LVDS + CRT + DP
LVDS1 18/24
bit 2CH
SATA x 1,
mSATA x 1
GbE x 2
USB3.0 x 2
UBS2.0 x 4
4
2
Mini Card x 1
9~24V (ATX)
0°C ~ 60°C
DIO 16-bit,
Audio
EPIC-BDU7-A11-0002
Dual Core i5-5350U
(1.8GHz)
DDR3L
(Max 8GB)
Heat
Spreader
LVDS + CRT + DP
LVDS1 18/24
bit 2CH
SATA x 1,
mSATA x 1
GbE x 2
USB3.0 x 2
UBS2.0 x 4
4
2
Mini Card x 1
9~24V (ATX)
0°C ~ 60°C
DIO 16-bit,
Audio


Similar Part No. - 1701090150

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
1701090150 AAEON-1701090150 Datasheet
342Kb / 2P
   lvds 24-bit dual channel
1701090150 AAEON-1701090150 Datasheet
266Kb / 2P
   CRT, 18-bit Single Channel LVDS LCD
1701090150 AAEON-1701090150 Datasheet
279Kb / 2P
   gigabit ethernet
1701090150 AAEON-1701090150 Datasheet
380Kb / 2P
   USB2.0 x 3, USB OTG x 1, Mini-PCIe x 1 (for 3G/4G Module)
1701090150 AAEON-1701090150 Datasheet
318Kb / 2P
   gigabit ethernet
More results

Similar Description - 1701090150

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
EMB-QM77 AAEON-EMB-QM77 Datasheet
339Kb / 2P
   gigabit ethernet
COM-KB AAEON-COM-KB Datasheet
299Kb / 2P
   gigabit ethernet
COM-QM87 AAEON-COM-QM87 Datasheet
320Kb / 2P
   gigabit ethernet
AEC-6612 AAEON-AEC-6612 Datasheet
252Kb / 2P
   gigabit ethernet
EMB-B75A AAEON-EMB-B75A Datasheet
354Kb / 2P
   gigabit ethernet
GENE-BT05 AAEON-GENE-BT05 Datasheet
318Kb / 2P
   gigabit ethernet
GENE-BSW5 AAEON-GENE-BSW5 Datasheet
279Kb / 2P
   gigabit ethernet
FWS-7400 AAEON-FWS-7400 Datasheet
248Kb / 2P
   gigabit ethernet
GENE-A55E AAEON-GENE-A55E Datasheet
274Kb / 2P
   gigabit ethernet
NANOCOM-BT AAEON-NANOCOM-BT Datasheet
275Kb / 2P
   gigabit ethernet
PICO-BT01 AAEON-PICO-BT01 Datasheet
317Kb / 2P
   gigabit ethernet
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com