Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPIC-BT07 Datasheet(PDF) 1 Page - AAEON Technology

Part # EPIC-BT07
Description  lvds 24-bit dual channel
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

EPIC-BT07 Datasheet(HTML) 1 Page - AAEON Technology

  EPIC-BT07 Datasheet HTML 1Page - AAEON Technology EPIC-BT07 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
02-7
www.aaeon.com
02
Features
Specifications
EPIC Board with Intel® Atom™/ Celeron® Processor SoC
System
Form Factor
EPIC
Processor
Onboard Intel® Atom™ E3845/ Celeron® J1900/N2807 Processor SoC
Up to 2.0 GHz
System Memory
204-pin SODIMM DDR3L 1333 MHz up to 8 GB
Chipset
Intel® Atom™ E3845/ Celeron® J1900/N2807 Processor SoC
I/O Chipset
Fintek 81866D
Ethernet
Intel® i211 Gigabit Ethernet, RJ-45 x 2
BIOS
AMI/SPI
Wake On LAN
Yes
Watchdog Timer
1-255 steps by software program
H/W Status Monitoring
Monitoring system temperature, voltage status
Expansion Interface
MiniCard x 1, SIM x 1
PCI-104 x 1 (optional)
16bit DIO co-lay LPT
SMbus x 1, I2C x 1 (optional),
TPM(optional), Touch Controller 4/5/8 (optional)
PS/2 x 1
Battery
Lithium battery
Power Requirement
+12V or 9-24V AT/ATX(default)
Power Consumption
(Typical)
Intel® Celeron® J1900 (2.0GHz), 8GB DDR3L 1600 RAM
0.99A@12VDC
System Cooling
Heat-Spreader, heat-sink optional
Board Size
4.5" x 6.5" (115mm x 165mm)
Gross Weight
1.2 lb (0.5 Kg)
Operation Temperature
32°F ~ 140°F( 0°C ~ 60°C)
Storage Temperature
-40 °F ~ 176 °F (-40 °C ~ 80 °C)
Operation Humidity
0% ~ 90% relative humidity, non-condensing
MTBF
110,000
Display
Supports dual simultaneous display
Chipset
Intel® Atom™ E3845/ Celeron® J1900/N2907 Processor SoC
Resolutions
CRT up to 2048 x 1152 @60 Hz
LCD up to 1920 x 1200 @60 Hz
HDMI up to 1920 x1080
LCD Interface
18/24-bit Dual-Channel LVDS
I/O
Storage
SATA 3.0 Gb/s x 1, mSATA/ Mini-Card x 1, SD x 1 (optional for I-Sku)
Serial Port
COM1, 4, 5, 6 : RS-232 x 4
COM2, 3 : RS-232/422/485 x 1 (Ring/ +5V/ +12V)
USB
USB 3.0 x 1, USB 2.0 x 5
USB 1/2 total support 1.5A on rear I/O
Digital I/O
Supports 16-bit (Programmable 8-in/8-out) co-lay LPT
Audio
Line-in, Line-out, Mic-in , 2W Audio Amp.
Packing List
1709070500
SATA Cable
1702150155
SATA Power Cable
M10BT07000
Heat-Spreader
Product DVD
EPIC-BT07
EPIC-BT07
Onboard Intel® Atom™ E3845/ Celeron® J1900, N2807
Processor SoC
DDR3L 1333Mhz SoDIMM x 1, Up to 8GB
LVDS 24-bit Dual Channel
Dual Display Configuration: VGA+ LVDS, VGA + HDMI or HDMI
+ LVDS
SATA 3.0Gb/s x 1, mSATA/ MiniCard x 1, SD Slot x 1 (Optional
for i-SKU)
USB 3.0 x 1, USB2.0 x 5, RS-232 x 4, RS-232/422/485 x 2
(COM2, COM3)
MiniCard x 1, SIM x 1, PCI-104 (Optional)
16-bit Digital IO/LPT, SMBus x 1, I2C (Optional)
Audio 2Ch, 2W Audio Amp., TPM (Optional), Touch Controller
(Optional)
9-24VDC Wide Range or 12VDC Power Input
SoC Processor on Solder Side Design
Optional Accessories
Part Number
Description
QTY
170204010R
2-Pin Power in to 4-Pin Housing Cable
1
1709100254
Audio Cable
1
1701260200
DIO/LPT Cable
1
1700050207
USB Cable
4
1700060155
PS/2 KB/Mouse Cable
1
1701090150
COM Cable
4
M16BT07000
Metal, Al, Heat Sink, 165*95*14mm, Silver, EPIC-BT07
1
2015/08/7
DIO/LPT
COM x 2
USB2.0 x 1
LAN x 2
VGA
SATA x 1
PS/2
COM x 4
Front I/O
USB x 4
SD (Optional)
DC-in
Amp.
Audio
mSATA/Mini Card
PCI-104(optional)
Mini-Card
RAM
LVDS
USB3.0 x 1
HDMI


Similar Part No. - EPIC-BT07

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
EPIC-BDU7 AAEON-EPIC-BDU7 Datasheet
349Kb / 2P
   gigabit ethernet
More results

Similar Description - EPIC-BT07

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PER-T061 AAEON-PER-T061 Datasheet
182Kb / 1P
   Support 24-bit Dual-channel LVDS
logo
List of Unclassifed Man...
IB970 ETC2-IB970 Datasheet
832Kb / 2P
   24-bit dual channel LVDS (IB970RF / IB970F)
IB905 ETC2-IB905 Datasheet
528Kb / 1P
   Supports DVI-I and LVDS( 24-bit dual channel)
IB965 ETC2-IB965 Datasheet
822Kb / 2P
   24-bit dual channel LVDS iSMART - for EuP/ErP power saving,
logo
AAEON Technology
GENE-LN05REV.B AAEON-GENE-LN05REV.B Datasheet
289Kb / 2P
   CRT, 18/24-bit Single Channel LVDS LCD
logo
List of Unclassifed Man...
IB884T ETC2-IB884T Datasheet
941Kb / 1P
   Supports CRT and LVDS (24-bit single channel)
IB884T-11 ETC2-IB884T-11 Datasheet
941Kb / 1P
   Supports CRT and LVDS (24-bit single channel)
logo
Integrated Device Techn...
IDTV105ADAG IDT-IDTV105ADAG Datasheet
324Kb / 19P
   DUAL-CHANNEL,TRIPLE 10-BIT LVDS TRANSMITTER
logo
Renesas Technology Corp
IDTV105A RENESAS-IDTV105A Datasheet
498Kb / 20P
   DUAL-CHANNEL,TRIPLE 10-BIT LVDS TRANSMITTER
2019
logo
Axiomtek Co., Ltd.
MANO825 AXIOMTEK-MANO825_14 Datasheet
454Kb / 2P
   DualView with VGA & 24-bit LVDS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com