Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COM-QM87-A10 Datasheet(PDF) 2 Page - AAEON Technology

Part # COM-QM87-A10
Description  gigabit ethernet
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

COM-QM87-A10 Datasheet(HTML) 2 Page - AAEON Technology

  COM-QM87-A10 Datasheet HTML 1Page - AAEON Technology COM-QM87-A10 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
06-2
www.aaeon.com
Note: All specifications are subject to change without notice.
Unit: mm
Block Diagram
Dimension
Unit: mm
COM-QM87
Ordering Information
Part Number
COM Express
Type
CPU
Memory
Display
LVDS
Storage
LAN
USB
UART
Expansion
Slot
Power
Power
Temp
Others
COM-QM87-A10
6 (COM.0 Rev 2.1)
4th Gen. Intel® Core™ i5-4400E/2.7 GHz
(BGA1364)
DDR3L SODIMM x 2
up to 16 GB
CRT, LVDS,
DDI, eDP/LVDS
18/24b 2CH (LVDS
shared with eDP)
SATA x 4
GbE x 1
USB3.0 x 4
USB2.0 x 8
2 (Tx/Rx)
PCI-E[x1] x 7
PCI-E[x16] x 1
12V
0
°C~60°C
COM-QM87-A10-0001
6 (COM.0 Rev 2.1)
4th Gen. Intel® Core™ i5-4402E/1.6 GHz
(BGA1364)
DDR3L SODIMM x 2
up to 16 GB
CRT, LVDS,
DDI, eDP/LVDS
18/24b 2CH (LVDS
shared with eDP)
SATA x 4
GbE x 1
USB3.0 x 4
USB2.0 x 8
2 (Tx/Rx)
PCI-E[x1] x 7
PCI-E[x16] x 1
12V
0
°C~60°C
COM-QM87-A10-0002
6 (COM.0 Rev 2.1)
4th Gen. Intel® Core™ i7-4700EQ/2.4 GHz
(BGA1364)
DDR3L SODIMM x 2
up to 16 GB
CRT, LVDS,
DDI, eDP/LVDS
18/24b 2CH (LVDS
shared with eDP)
SATA x 4
GbE x 1
USB3.0 x 4
USB2.0 x 8
2 (Tx/Rx)
PCI-E[x1] x 7
PCI-E[x16] x 1
12V
0
°C~60°C
Intel®
PCH/QM87
DDR3L SO-DIMM * 2
Channel A/ B
USB 2.0 * 8
PCIe
USB 3.0 * 4
PEG [x16]
TYPE 6
RGB
ITE
EC
IT8518
GPIO
SMBus
SPI
LPC
COM Port * 2
PCIe[x1] * 7
Intel®
GbE Ethernet
I218LM
GBE
DDI0/ DDI1/ DDI2
4th Generation
Intel® Core
i3/i5/i7
Processors
TPM
(Option)
HD Audio
SATA * 4
I2C
BIOS
SPI


Similar Part No. - COM-QM87-A10

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
COM-QM57 AAEON-COM-QM57 Datasheet
273Kb / 2P
   COM Express Type 2 CPU Module with Onboard Intel Core i7/ i5/ Celeron짰 Processor
COM-QM77 AAEON-COM-QM77 Datasheet
276Kb / 2P
   COM Express Type 6 CPU Module
COM-QM77 AAEON-COM-QM77 Datasheet
276Kb / 2P
   COM Express Type 6 CPU Module
COM-QM77-B AAEON-COM-QM77-B Datasheet
334Kb / 2P
   Dual-Channel DDR3 1333/1600 MHz SODIMM x 2, Up to 16 GB
COM-QM77-B10 AAEON-COM-QM77-B10 Datasheet
276Kb / 2P
   COM Express Type 6 CPU Module
More results

Similar Description - COM-QM87-A10

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
EMB-QM77 AAEON-EMB-QM77 Datasheet
339Kb / 2P
   gigabit ethernet
COM-KB AAEON-COM-KB Datasheet
299Kb / 2P
   gigabit ethernet
AEC-6612 AAEON-AEC-6612 Datasheet
252Kb / 2P
   gigabit ethernet
EMB-B75A AAEON-EMB-B75A Datasheet
354Kb / 2P
   gigabit ethernet
GENE-BT05 AAEON-GENE-BT05 Datasheet
318Kb / 2P
   gigabit ethernet
GENE-BSW5 AAEON-GENE-BSW5 Datasheet
279Kb / 2P
   gigabit ethernet
FWS-7400 AAEON-FWS-7400 Datasheet
248Kb / 2P
   gigabit ethernet
GENE-A55E AAEON-GENE-A55E Datasheet
274Kb / 2P
   gigabit ethernet
NANOCOM-BT AAEON-NANOCOM-BT Datasheet
275Kb / 2P
   gigabit ethernet
PICO-BT01 AAEON-PICO-BT01 Datasheet
317Kb / 2P
   gigabit ethernet
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com