Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z86C89QFP Datasheet(PDF) 11 Page - Zilog, Inc.

Part # Z86C89QFP
Description  ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C89QFP Datasheet(HTML) 11 Page - Zilog, Inc.

Back Button Z86C89QFP Datasheet HTML 6Page - Zilog, Inc. Z86C89QFP Datasheet HTML 7Page - Zilog, Inc. Z86C89QFP Datasheet HTML 8Page - Zilog, Inc. Z86C89QFP Datasheet HTML 9Page - Zilog, Inc. Z86C89QFP Datasheet HTML 10Page - Zilog, Inc. Z86C89QFP Datasheet HTML 11Page - Zilog, Inc. Z86C89QFP Datasheet HTML 12Page - Zilog, Inc. Z86C89QFP Datasheet HTML 13Page - Zilog, Inc. Z86C89QFP Datasheet HTML 14Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
AC CHARACTERISTICS
Additional Timing Table
No
Symbol
Parameter
V
CC
T
A = 0°C to 70°CTA = -40°C to 105°C
Units
Notes
Note[6]
8 MHz
12 MHz
8 MHz
12 MHz
Min Max
Min Max
Min Max
Min Max
1
TpC
Input Clock Period
3.3V
125 100000
83
100000
125 100000
83
100000
ns
[1]
5.0V
125 100000
83
100000
125 100000
83
100000
ns
[1]
2
TrC,TfC
Clock Input Rise
3.3V
25
15
25
15
ns
[1]
and Fall Times
5.0V
25
15
25
15
ns
[1]
3
TwC
Input Clock Width
3.3V
37
26
37
26
ns
[1]
5.0V
37
26
37
26
ns
[1]
4
TwTinL
Timer Input
3.3V
100
100
100
100
ns
[1]
Low Width
5.0V
70
70
70
70
ns
[1]
5
TwTinH
Timer Input
3.3V
3TpC
3TpC
3TpC
3TpC
[1]
High Width
5.0V
3TpC
3TpC
3TpC
3TpC
[1]
6
TpTin
Timer Input Period 3.3V
8TpC
8TpC
8TpC
8TpC
[1]
5.0V
8TpC
8TpC
8TpC
8TpC
[1]
7
TrTin,TfTinTimer Input Rise
3.3V
100
100
100
100
ns
[1]
and Fall Timers
5.0V
100
100
100
100
ns
[1]
8A
TwIL
Interrupt Request
3.3V
100
100
100
100
ns
[1,2]
Low Time
5.0V
70
70
70
70
ns
[1,2]
8B
TwIL
Int. Request
3.3V
3TpC
3TpC
3TpC
3TpC
[1,3]
Low Time
5.0V
3TpC
3TpC
3TpC
3TpC
[1,3]
9
TwIH
Interrupt Request
3.3V
3TpC
3TpC
3TpC
3TpC
[1,2]
Input High Time
5.0V
3TpC
3TpC
3TpC
3TpC
[1,2]
10
Twsm
STOP Mode
3.3V
12
12
12
12
ns
Recovery Width Spec
5.0V 12
12
12
12
ns
3.3V
5TpC
[7]
5.0V
5TpC
[8]


Similar Part No. - Z86C89QFP

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C83 ZILOG-Z86C83 Datasheet
957Kb / 46P
   Z8 MCU MICROCONTROLLERS
Z86C8316PEC ZILOG-Z86C8316PEC Datasheet
957Kb / 46P
   Z8 MCU MICROCONTROLLERS
Z86C8316PSC ZILOG-Z86C8316PSC Datasheet
957Kb / 46P
   Z8 MCU MICROCONTROLLERS
Z86C8316SEC ZILOG-Z86C8316SEC Datasheet
957Kb / 46P
   Z8 MCU MICROCONTROLLERS
Z86C8316SSC ZILOG-Z86C8316SSC Datasheet
957Kb / 46P
   Z8 MCU MICROCONTROLLERS
More results

Similar Description - Z86C89QFP

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8609316PSG ZILOG-Z8609316PSG Datasheet
362Kb / 18P
   ROMLESS CMOS 8-BIT Z8 MCU
logo
ATMEL Corporation
TS80C31X2 ATMEL-TS80C31X2_08 Datasheet
375Kb / 42P
   8-bit CMOS Microcontroller ROMless
TS80C31X2 ATMEL-TS80C31X2 Datasheet
601Kb / 42P
   8-bit CMOS Microcontroller ROMless
logo
Zilog, Inc.
Z86317 ZILOG-Z86317 Datasheet
59Kb / 8P
   CMOS Z8 8-BIT MICROCONTROLLER
Z86C9116PSG ZILOG-Z86C9116PSG Datasheet
824Kb / 56P
   CMOS Z8 ROMLess Microcontrollers
Z86C91 ZILOG-Z86C91 Datasheet
789Kb / 56P
   CMOS Z8 ROMLess Microcontrollers
logo
Siemens Semiconductor G...
SDA30C263 SIEMENS-SDA30C263 Datasheet
6Mb / 120P
   8-Bit Microcontroller ROMLESS
SDA30C163-2 SIEMENS-SDA30C163-2 Datasheet
6Mb / 95P
   8-bIT Microcontroller, ROMLESS
SDA30C164 SIEMENS-SDA30C164 Datasheet
7Mb / 100P
   8-bIT Microcontroller, ROMLESS
logo
NXP Semiconductors
OM5202 PHILIPS-OM5202 Datasheet
93Kb / 11P
   ROMless 8-bit microcontroller
December 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com