Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z86C8316VEC Datasheet(PDF) 8 Page - Zilog, Inc.

Part # Z86C8316VEC
Description  Z8 MCU MICROCONTROLLERS
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C8316VEC Datasheet(HTML) 8 Page - Zilog, Inc.

Back Button Z86C8316VEC Datasheet HTML 4Page - Zilog, Inc. Z86C8316VEC Datasheet HTML 5Page - Zilog, Inc. Z86C8316VEC Datasheet HTML 6Page - Zilog, Inc. Z86C8316VEC Datasheet HTML 7Page - Zilog, Inc. Z86C8316VEC Datasheet HTML 8Page - Zilog, Inc. Z86C8316VEC Datasheet HTML 9Page - Zilog, Inc. Z86C8316VEC Datasheet HTML 10Page - Zilog, Inc. Z86C8316VEC Datasheet HTML 11Page - Zilog, Inc. Z86C8316VEC Datasheet HTML 12Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
Z86C83/C84
Z8
® MCU Microcontrollers
8
DS96DZ80203
I
CC2
Standby Current
3.0V
8
15
1
µA STOP Mode V
IN = OV,
V
CC WDT is not Running
6,11,15
5.5V
10
20
2
µA STOP Mode V
IN = OV,
V
CC WDT is not Running
6,11,15
3.0V
500
600
310
µA STOP Mode V
IN = OV,
V
CC WDT is Running
6,11,14,
15
5.5V
800
1000
600
µA STOP Mode V
IN = OV,
V
CC WDT is Running
6,11,14,
15
V
ICR
Input Common
Mode
3.0
0
V
CC-1.0V
0
V
CC-1.5V
V
10
Voltage Range
5.5
0
V
CC-1.0V
0
V
CC-1.5V
V
10
I
ALL
Auto Latch Low
Current
3.0V
8
10
5
µA OV < V
IN < VCC
9
5.5V
15
20
11
µA OV < V
IN < VCC
9
I
ALH
Auto Latch High
Current
3.0V
-5
-7
-3
µA OV < V
IN < VCC
9
5.5V
-8
-10
-6
µA OV < V
IN < VCC
9
V
LV
V
CC Low-Voltage
Protection Voltage
2.0
3.3
2.2
3.6
3.0
V
2
MHz max Int. CLK Freq.
7
Notes:
1. I
CC1
Typical
Max
Unit
Freq
Clock-Driven
0.3 mA
5
mA
8 MHz
2. GND = 0V.
3. 3.0V V
CC voltage specification guarantees 3.3V ±0.3V, and 5.5V VCC voltage specification guarantees 5.0V ±0.5V.
4. All outputs unloaded, I/O pins floating, inputs at rail.
5. CL1 = CL2 = 100 pF.
6. Same as note [4] except inputs at V
CC.
7. The V
LV increases as the temperature decreases.
8. Standard Mode (not Low EMI).
9. Auto Latch (mask option) selected.
10. For analog comparator, inputs when analog comparators are enabled.
11. Clock must be forced Low, when XTAL 1 is clock-driven and XTAL2 is floating.
12. Excludes clock pins.
13. Typicals are at V
CC = 5.0V and 3.3V.
14. Internal RC selected.
15. Combined Digital and Analog V
CC supply current.
Sym Parameter
V
CC
Note 3
T
A = 0° C
to +70
°C
T
A = –40°C
to +105
°C
Typical
[13]
@ 25
°C Units Conditions
Notes
Min
Max
Min
Max


Similar Part No. - Z86C8316VEC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C89 ZILOG-Z86C89 Datasheet
96Kb / 14P
   ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
Z86C89PLCC ZILOG-Z86C89PLCC Datasheet
96Kb / 14P
   ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
Z86C89QFP ZILOG-Z86C89QFP Datasheet
96Kb / 14P
   ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
More results

Similar Description - Z86C8316VEC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E33 ZILOG-Z86E33 Datasheet
45Kb / 10P
   CMOS Z8 OTP Microcontrollers
Z86E0412PSG1866 ZILOG-Z86E0412PSG1866 Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
Z86C9116VSC ZILOG-Z86C9116VSC Datasheet
824Kb / 56P
   COMS Z8 ROMLess Microcontrollers
Z86C9116PSG ZILOG-Z86C9116PSG Datasheet
824Kb / 56P
   CMOS Z8 ROMLess Microcontrollers
Z86E09 ZILOG-Z86E09 Datasheet
305Kb / 38P
   Z8 CMOS OTP Microcontrollers
Z86E0412PEG ZILOG-Z86E0412PEG Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
Z8673312PSG ZILOG-Z8673312PSG Datasheet
1Mb / 84P
   CMOS Z8 OTP Microcontrollers
Z86E03 ZILOG-Z86E03 Datasheet
66Kb / 9P
   CMOS Z8 OTP MICROCONTROLLERS
Z86C91 ZILOG-Z86C91 Datasheet
789Kb / 56P
   CMOS Z8 ROMLess Microcontrollers
Z86E04 ZILOG-Z86E04 Datasheet
214Kb / 44P
   CMOS Z8 OTP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com