Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRVTS10110EMFST3G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NRVTS10110EMFST3G
Description  Very Low Leakage Trench-based Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NRVTS10110EMFST3G Datasheet(HTML) 3 Page - ON Semiconductor

  NRVTS10110EMFST3G Datasheet HTML 1Page - ON Semiconductor NRVTS10110EMFST3G Datasheet HTML 2Page - ON Semiconductor NRVTS10110EMFST3G Datasheet HTML 3Page - ON Semiconductor NRVTS10110EMFST3G Datasheet HTML 4Page - ON Semiconductor NRVTS10110EMFST3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NTS10100EMFS, NRVTS10100EMFS
http://onsemi.com
3
TYPICAL CHARACTERISTICS
80
90
100 110 120 130 140 150 160 170
100
1,000
10,000
0.1
1
10
100
1.E−07
1.E−06
1.E−05
1.E−04
1.E−03
1.E−02
1.E−01
1.E+00
0
10
20304050
60708090
100
0.1
1.0
10.0
100.0
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
0.1
1.0
10.0
100.0
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
Figure 1. Typical Instantaneous Forward
Characteristics
Figure 2. Maximum Instantaneous Forward
Characteristics
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
Figure 3. Typical Reverse Characteristics
Figure 4. Maximum Reverse Characteristics
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
Figure 5. Typical Junction Capacitance
Figure 6. Current Derating
VR, REVERSE VOLTAGE (V)
TC, CASE TEMPERATURE (°C)
TA = 125°C
TA = 150°C
TA = 25°C
TJ = 25°C
RqJC = 2.0°C/W
Square Wave
DC
TA = 175°C
TA = −55°C
TA = 25°C
TA = −55°C
TA = 125°C
TA = 150°C
TA = 175°C
TA = 175°C
TA = 150°C
TA = 125°C
TA = 25°C
1.E−07
1.E−06
1.E−05
1.E−04
1.E−03
1.E−02
1.E−01
1.E+00
0
10
2030405060
708090 100
TA = 150°C
TA = 175°C
TA = 125°C
TA = 25°C
25
20
15
10
5
0


Similar Part No. - NRVTS10110EMFST3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NRVTS10100MFS ONSEMI-NRVTS10100MFS Datasheet
66Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
April, 2014 ??Rev. 0
NRVTS10100MFST1G ONSEMI-NRVTS10100MFST1G Datasheet
66Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
April, 2014 ??Rev. 0
NRVTS10100MFST3G ONSEMI-NRVTS10100MFST3G Datasheet
66Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
April, 2014 ??Rev. 0
NRVTS10100PFS ONSEMI-NRVTS10100PFS Datasheet
214Kb / 6P
   Schottky Barrier Rectifier, Trench-based
February, 2020 ??Rev. 0
NRVTS10100PFST3G ONSEMI-NRVTS10100PFST3G Datasheet
214Kb / 6P
   Schottky Barrier Rectifier, Trench-based
February, 2020 ??Rev. 0
More results

Similar Description - NRVTS10110EMFST3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTS10120EMFS ONSEMI-NTS10120EMFS Datasheet
69Kb / 5P
   Very Low Leakage Trench-based Schottky Rectifier
June, 2014 ??Rev. 0
NTST40H120ECTG ONSEMI-NTST40H120ECTG Datasheet
67Kb / 5P
   Very Low Leakage Trench-based Schottky Rectifier
July, 2015 ??Rev. 1
NRVTS8120EMFS ONSEMI-NRVTS8120EMFS Datasheet
63Kb / 5P
   Very Low Leakage Trench-based Schottky Rectifier
July, 2016 ??Rev. 0
NTS12120EMFS ONSEMI-NTS12120EMFS Datasheet
111Kb / 5P
   Very Low Leakage Trench-based Schottky Rectifier
March, 2014 ??Rev. 1
NTS12100EMFS ONSEMI-NTS12100EMFS Datasheet
69Kb / 5P
   Very Low Leakage Trench-based Schottky Rectifier
September, 2014 ??Rev. 2
NTSV20H120ECT ONSEMI-NTSV20H120ECT Datasheet
108Kb / 5P
   Low Leakage Trench-based Schottky Rectifier
November, 2014 ??Rev. 1
NRVTSS3100E ONSEMI-NRVTSS3100E Datasheet
66Kb / 5P
   Low Leakage Trench-based Schottky Rectifier
December, 2014 ??Rev. 0
NTSS3100 ONSEMI-NTSS3100 Datasheet
66Kb / 5P
   Low Leakage Trench-based Schottky Rectifier
December, 2014 ??Rev. 0
NRVTSS5100E ONSEMI-NRVTSS5100E_16 Datasheet
72Kb / 6P
   Low Leakage Trench-based Schottky Rectifier
November, 2016 ??Rev. 1
NRVTSS5100E ONSEMI-NRVTSS5100E Datasheet
116Kb / 6P
   Low Leakage Trench-based Schottky Rectifier
January, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com