Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z86C9524VSC Datasheet(PDF) 1 Page - Zilog, Inc.

Part # Z86C9524VSC
Description  CMOS Z8 DIGITAL SIGNAL PROCESSOR (DSP)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C9524VSC Datasheet(HTML) 1 Page - Zilog, Inc.

  Z86C9524VSC Datasheet HTML 1Page - Zilog, Inc. Z86C9524VSC Datasheet HTML 2Page - Zilog, Inc. Z86C9524VSC Datasheet HTML 3Page - Zilog, Inc. Z86C9524VSC Datasheet HTML 4Page - Zilog, Inc. Z86C9524VSC Datasheet HTML 5Page - Zilog, Inc. Z86C9524VSC Datasheet HTML 6Page - Zilog, Inc. Z86C9524VSC Datasheet HTML 7Page - Zilog, Inc. Z86C9524VSC Datasheet HTML 8Page - Zilog, Inc. Z86C9524VSC Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
Z86C95 DSP
CPS DC-4067-13
GENERAL DESCRIPTION
The Z86C95 MCU (Microcontroller Unit ) introduces a new
level of sophistication to Superintegration™ ICs. The
Z86C95 is a member of the Z8® single-chip microcontroller
family incorporating a CMOS ROMless Z8 microcontroller
with an embedded DSP processor for digital servo control.
The DSP slave processor can perform 16-bit x 16-bit
multiplicates and accumulates in one clock cycle. Addi-
tionally, the Z86C95 is further enhanced with a hardwired
16-bitx16-bit multiplier and a 32-bit/16-bit divider, three
16-bit counter timers with capture and compare registers,
a half flash 8-channel 8-bit A/D converter with a 2
µsec
conversion time, an 8-bit DAC with 1/4 programmable gain
stage, UART, serial peripheral interface, and a PWM
output channel (Functional Block Diagram). It is fabricated
using CMOS technology and offered in an 80-pin QFP, 84-
pin PLCC, or 100-pin VQFP package.
The Z86C95 provides up to 16 output address lines thus
permitting an address space of up to 64 Kbytes of data and
program memory each. Eight address outputs (AD7-AD0)
are provided by a multiplexed, 8-bit, Address/Data bus.
The remaining 8 bits are provided via output address bits
A15-A8.
DC-4067-13
(5-17-94)
There are 256 registers located on chip and organized as
236 general-purpose registers, 16 control and status reg-
isters, and four I/O port registers. The register file can be
divided into sixteen groups of 16 working registers each.
Configuration of the registers in this manner allows the use
of short format instructions; in addition, any of the indi-
vidual registers can be accessed directly. Also, the Z86C95
contains 512 bytes of DSP Program RAM and 128 words
of DSP data RAM.
Notes:
All Signals with a preceding front slash, "/", are active Low, e.g.:
B//W (WORD is active Low); /B/W (BYTE is active Low, only).
Power connections follow conventional descriptions below:
Connection
Circuit
Device
Power
V
CC
V
DD
Ground
GND
V
SS
OPERATING ERRATA
Z86C95
CMOS Z8® DIGITAL
SIGNAL PROCESSOR (DSP)
CUSTOMER PROCUREMENT SPECIFICATION
This notice only applies to devices top marked "Z86C9524
ASC/FSC/VSC" with a date code of 9237 or later.
1.
A DSP load to the DAC Register fails below approxi-
mately V
CC = 4.7V.
2.
Clipping occurs in the linearity of the DAC with a 100K
load at about 3.3V output (VDHI = 3.5V).
3.
I
CC1 at HALT Mode will show a current of 17-18 mA,
then will jump to 40-70 mA, and will settle between 17-
24 mA. Settling time is about 10-15 seconds.
4.
I
CC2 at STOP Mode and DSP Pause will show a current
of 1-2 mA, then will jump to 5-7 mA, and will settle at 3-
4 mA. Settling time is about 10-15 seconds.
The following operating errata only applies to devices
topmarked with "Z86C95 ASC/FSC/VSC."
1.
ICC1 at HALT Mode will show a current of 17-18 mA,
then will jump to 40-70 mA, and will settle between 17-
24 mA. Settling time is about 10-15 seconds.
2.
ICC2 at STOP Mode and DSP Pause will show a
current of 1-2 mA, then will jump to 5-7 mA, and will
settle at 3-4 mA. Settling time is about 10-15 seconds.
The following operating errata only applies to devices
topmarked with "Z86C9540 ASC/FSC/VSC or SL 1636."
1.
ICC1 at HALT Mode will show a current of 17-18 mA,
then will jump to 40-70 mA, and will settle between 17-
24 mA. Settling time is about 10-15 seconds.


Similar Part No. - Z86C9524VSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C90 ZILOG-Z86C90 Datasheet
96Kb / 14P
   ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
Z86C9012PSC ZILOG-Z86C9012PSC Datasheet
96Kb / 14P
   ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
Z86C9012VSC ZILOG-Z86C9012VSC Datasheet
96Kb / 14P
   ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
Z86C90PLCC ZILOG-Z86C90PLCC Datasheet
96Kb / 14P
   ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
Z86C90QFP ZILOG-Z86C90QFP Datasheet
96Kb / 14P
   ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
More results

Similar Description - Z86C9524VSC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST18952 STMICROELECTRONICS-ST18952 Datasheet
357Kb / 67P
   DIGITAL SIGNAL PROCESSOR DSP CHIP
logo
Zilog, Inc.
Z89320 ZILOG-Z89320 Datasheet
77Kb / 7P
   16-BIT DSP DIGITAL SIGNAL PROCESSOR
logo
NXP Semiconductors
SAA7705H PHILIPS-SAA7705H Datasheet
1Mb / 60P
   Car radio Digital Signal Processor DSP
1999 Aug 16
SAA8110G PHILIPS-SAA8110G Datasheet
232Kb / 36P
   Digital Signal Processor DSP for cameras
1997 Jun 13
SAA7706H PHILIPS-SAA7706H Datasheet
271Kb / 52P
   Car radio Digital Signal Processor (DSP)
2001 Mar 05
logo
Sharp Corporation
LR38666Y SHARP-LR38666Y Datasheet
203Kb / 38P
   CMOS digital signal processor
logo
Zilog, Inc.
Z86C33 ZILOG-Z86C33 Datasheet
114Kb / 16P
   CMOS Z8 CONSUMER CONTROLLER PROCESSOR
Z86L33 ZILOG-Z86L33 Datasheet
223Kb / 16P
   CMOS Z8 CONSUMER CONTROLLER PROCESSOR
Z86C30 ZILOG-Z86C30 Datasheet
128Kb / 17P
   CMOS Z8 CONSUMER CONTROLLER PROCESSOR
logo
STMicroelectronics
D950-CORE STMICROELECTRONICS-D950-CORE Datasheet
560Kb / 89P
   16-Bit Fixed Point Digital Signal Processor DSP Core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com