Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRVTS8100MFST1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NRVTS8100MFST1G
Description  Very Low Forward Voltage Trench-based Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NRVTS8100MFST1G Datasheet(HTML) 1 Page - ON Semiconductor

  NRVTS8100MFST1G Datasheet HTML 1Page - ON Semiconductor NRVTS8100MFST1G Datasheet HTML 2Page - ON Semiconductor NRVTS8100MFST1G Datasheet HTML 3Page - ON Semiconductor NRVTS8100MFST1G Datasheet HTML 4Page - ON Semiconductor NRVTS8100MFST1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2014
November, 2014 − Rev. 1
1
Publication Order Number:
NTS8100MFS/D
NTS8100MFS,
NRVTS8100MFS
Very Low Forward Voltage
Trench-based Schottky
Rectifier
Features
Fine Lithography Trench−based Schottky Technology for Very Low
Forward Voltage and Low Leakage
Fast Switching with Exceptional Temperature Stability
Low Power Loss and Lower Operating Temperature
Higher Efficiency for Achieving Regulatory Compliance
Low Thermal Resistance
High Surge Capability
NRV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
These are Pb−Free and Halide−Free Devices
Typical Applications
Switching Power Supplies including Notebook / Netbook Adapters,
ATX and Flat Panel Display
High Frequency and DC−DC Converters
Freewheeling and OR−ing diodes
Reverse Battery Protection
Instrumentation
Mechanical Characteristics:
Case: Epoxy, Molded
Epoxy Meets Flammability Rating UL 94−0 @ 0.125 in.
Lead Finish: 100% Matte Sn (Tin)
Lead and Mounting SurfaceTemperature for Soldering Purposes:
260
°C Max. for 10 Seconds
Device Meets MSL 1 Requirements
Device
Package
Shipping†
ORDERING INFORMATION
NTS8100MFST1G
SO−8 FL
(Pb−Free)
1500 /
Tape & Reel
SCHOTTKY BARRIER
RECTIFIERS
8 AMPERES
100 VOLTS
http://onsemi.com
1,2,3
5,6
SO−8 FLAT LEAD
CASE 488AA
STYLE 2
TS8100
= Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
ZZ
= Lot Traceability
MARKING
DIAGRAM
TS8100
AYWWZZ
A
A
A
Not Used
C
C
1
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NTS8100MFST3G
SO−8 FL
(Pb−Free)
5000 /
Tape & Reel
NRVTS8100MFST1G
SO−8 FL
(Pb−Free)
1500 /
Tape & Reel
NRVTS8100MFST3G
SO−8 FL
(Pb−Free)
5000 /
Tape & Reel


Similar Part No. - NRVTS8100MFST1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NRVTS8100PFS ONSEMI-NRVTS8100PFS Datasheet
214Kb / 6P
   Schottky Barrier Rectifier, Trench-based
August, 2020 ??Rev. 1
NRVTS8100PFST3G ONSEMI-NRVTS8100PFST3G Datasheet
214Kb / 6P
   Schottky Barrier Rectifier, Trench-based
August, 2020 ??Rev. 1
More results

Similar Description - NRVTS8100MFST1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTST30100SG ONSEMI-NTST30100SG Datasheet
128Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
May, 2010 ??Rev. 0
NRTST40H100CT ONSEMI-NRTST40H100CT Datasheet
60Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
May, 2016 ??Rev. 0
NTSV30120CT ONSEMI-NTSV30120CT Datasheet
86Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 1
NTS245ESF ONSEMI-NTS245ESF Datasheet
112Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
July, 2014 ??Rev. P0
NTS245SF ONSEMI-NTS245SF Datasheet
64Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 0
NTS10100MFS ONSEMI-NTS10100MFS Datasheet
66Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
April, 2014 ??Rev. 0
NTS12100MFS ONSEMI-NTS12100MFS Datasheet
68Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
April, 2014 ??Rev. 2
NTSJ3080CTG ONSEMI-NTSJ3080CTG Datasheet
128Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
November, 2011 ??Rev. 0
NTSV30100SG ONSEMI-NTSV30100SG Datasheet
103Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
June, 2012 ??Rev. 0
NTSJ30U80CTG ONSEMI-NTSJ30U80CTG Datasheet
128Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
November, 2011 ??Rev. 0
NTST40120CT ONSEMI-NTST40120CT Datasheet
117Kb / 8P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 6
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com