Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTS245ESF Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTS245ESF
Description  Very Low Forward Voltage Trench-based Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTS245ESF Datasheet(HTML) 2 Page - ON Semiconductor

  NTS245ESF Datasheet HTML 1Page - ON Semiconductor NTS245ESF Datasheet HTML 2Page - ON Semiconductor NTS245ESF Datasheet HTML 3Page - ON Semiconductor NTS245ESF Datasheet HTML 4Page - ON Semiconductor NTS245ESF Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NTS245ESF, NRVTS245ESF, NTSM245ESF, NRVTSM245ESF
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
45
V
Average Rectified Forward Current
(TL = TBD°C)
IO
2.0
A
Peak Repetitive Forward Current
(Square Wave, 20 kHz, TL = TBD°C)
IFRM
4.0
A
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions Halfwave, Single Phase, 60 Hz)
IFSM
50
A
Storage and Operating Junction Temperature Range (Note 1)
Tstg, TJ
−65 to +175
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. The heat generated must be less than the thermal conductivity from
Junction−to−Ambient: dPD/dTJ < 1/RqJA.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction−to−Lead (Note 2)
YJCL
23
°C/W
Thermal Resistance, Junction−to−Ambient (Note 2)
RqJA
85
°C/W
Thermal Resistance, Junction−to−Ambient (Note 3)
RqJA
330
°C/W
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Maximum Instantaneous Forward Voltage (Note 4)
(IF = 2.0 A, TJ = 25°C)
(IF = 2.0 A, TJ = 125°C)
VF
0.62
0.55
V
Maximum Instantaneous Reverse Current (Note 4)
(Rated dc Voltage, TJ = 25°C)
(Rated dc Voltage, TJ = 125°C)
IR
50
6
mA
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Mounted with 700 mm2 copper pad size (Approximately 1 in2) 1 oz FR4 Board.
3. Mounted with pad size approximately 20 mm2 copper, 1 oz FR4 Board.
4. Pulse Test: Pulse Width ≤ 380 ms, Duty Cycle ≤ 2.0%.


Similar Part No. - NTS245ESF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTS245SF ONSEMI-NTS245SF Datasheet
64Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 0
NTS245SFT1G ONSEMI-NTS245SFT1G Datasheet
64Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 0
NTS245SFT3G ONSEMI-NTS245SFT3G Datasheet
64Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 0
More results

Similar Description - NTS245ESF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTST30100SG ONSEMI-NTST30100SG Datasheet
128Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
May, 2010 ??Rev. 0
NRTST40H100CT ONSEMI-NRTST40H100CT Datasheet
60Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
May, 2016 ??Rev. 0
NTSV30120CT ONSEMI-NTSV30120CT Datasheet
86Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 1
NTS245SF ONSEMI-NTS245SF Datasheet
64Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 0
NTS10100MFS ONSEMI-NTS10100MFS Datasheet
66Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
April, 2014 ??Rev. 0
NTS12100MFS ONSEMI-NTS12100MFS Datasheet
68Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
April, 2014 ??Rev. 2
NTSJ3080CTG ONSEMI-NTSJ3080CTG Datasheet
128Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
November, 2011 ??Rev. 0
NTSV30100SG ONSEMI-NTSV30100SG Datasheet
103Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
June, 2012 ??Rev. 0
NTSJ30U80CTG ONSEMI-NTSJ30U80CTG Datasheet
128Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
November, 2011 ??Rev. 0
NTST40120CT ONSEMI-NTST40120CT Datasheet
117Kb / 8P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 6
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com