Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCT51SN095T1 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCT51SN095T1
Description  Ultra Small Temperature Switch with Pin-Selectable Hysteresis
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCT51SN095T1 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCT51SN095T1 Datasheet HTML 3Page - ON Semiconductor NCT51SN095T1 Datasheet HTML 4Page - ON Semiconductor NCT51SN095T1 Datasheet HTML 5Page - ON Semiconductor NCT51SN095T1 Datasheet HTML 6Page - ON Semiconductor NCT51SN095T1 Datasheet HTML 7Page - ON Semiconductor NCT51SN095T1 Datasheet HTML 8Page - ON Semiconductor NCT51SN095T1 Datasheet HTML 9Page - ON Semiconductor NCT51SN095T1 Datasheet HTML 10Page - ON Semiconductor NCT51SN095T1 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NCT51, NCT52
http://onsemi.com
7
TYPICAL CHARACTERISTICS
Figure 9. SOT–23 Thermal Step Response
in Perfluorinated Fluid
5 sec/div
20 sec/div
Figure 10. SOT–23 Thermal Step Response
in Still Air
Mounted On 0.75 in2
of 2 oz. Copper
+15
°C/div
Mounted On 0.75 in2
of 2 oz. Copper
+100
°C
+25
°C
+12.5
°C/div
+100
°C
+25
°C


Similar Part No. - NCT51SN095T1

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
NCT5532D NUVOTON-NCT5532D Datasheet
3Mb / 302P
   Nuvoton LPC I/O
NCT5569D NUVOTON-NCT5569D Datasheet
3Mb / 231P
   Nuvoton LPC I/O
NCT5577D NUVOTON-NCT5577D Datasheet
3Mb / 327P
   LPC I/O
NCT5605Y NUVOTON-NCT5605Y Datasheet
747Kb / 20P
   SMBus GPIO Controller
NCT5655W NUVOTON-NCT5655W Datasheet
836Kb / 26P
   16-bit I2C-bus and SMBus GPIO controller with interrupt
More results

Similar Description - NCT51SN095T1

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC6501P120VCTTRG MICROCHIP-TC6501P120VCTTRG Datasheet
261Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501P120VCTTRG MICROCHIP-TC6501P120VCTTRG Datasheet
261Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501P115VCTTR MICROCHIP-TC6501P115VCTTR Datasheet
272Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501 MICROCHIP-TC6501 Datasheet
326Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
2004
TC6501 MICROCHIP-TC6501_13 Datasheet
254Kb / 16P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
11/29/12
TC6501P115VCTTR MICROCHIP-TC6501P115VCTTR Datasheet
262Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
MCP9501 MICROCHIP-MCP9501 Datasheet
338Kb / 20P
   Temperature Switch with Selectable Hysteresis
2011
logo
Richtek Technology Corp...
RT9726 RICHTEK-RT9726 Datasheet
115Kb / 8P
   High-Voltage Hysteresis Selectable Temperature Switch
logo
ON Semiconductor
MAX6501 ONSEMI-MAX6501 Datasheet
125Kb / 12P
   Ultra Small Temperature Switch
February, 2003 - Rev. 2
logo
Texas Instruments
TPS22934 TI-TPS22934 Datasheet
982Kb / 25P
[Old version datasheet]   ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH WITH HYSTERESIS CONTROL INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com