Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCT51SN055T1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCT51SN055T1
Description  Ultra Small Temperature Switch with Pin-Selectable Hysteresis
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCT51SN055T1 Datasheet(HTML) 3 Page - ON Semiconductor

  NCT51SN055T1 Datasheet HTML 1Page - ON Semiconductor NCT51SN055T1 Datasheet HTML 2Page - ON Semiconductor NCT51SN055T1 Datasheet HTML 3Page - ON Semiconductor NCT51SN055T1 Datasheet HTML 4Page - ON Semiconductor NCT51SN055T1 Datasheet HTML 5Page - ON Semiconductor NCT51SN055T1 Datasheet HTML 6Page - ON Semiconductor NCT51SN055T1 Datasheet HTML 7Page - ON Semiconductor NCT51SN055T1 Datasheet HTML 8Page - ON Semiconductor NCT51SN055T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NCT51, NCT52
http://onsemi.com
3
PIN DESCRIPTION
NCT51
NCT52
Name
Description
1,2
1,2
GND
Ground. Ground both pins together close to the chip. Pin 2 provides the lowest thermal
resistance to the die.
3
3
HYST
Hysteresis Input. Connect HYST to GND for +2
°C hysteresis, or connect to VCC for +10°C
hysteresis.
4
4
VCC
Supply Input (+2.7 V to +5.5 V). Recommend 100 pF or greater Coupling capacitor from VCC
to GND.
5
TOVER
Open–Drain, Active–Low Output. TOVER goes low when the die temperature exceeds the
factory–programmed temperature threshold. Connect to a 100 K
Ω pull–up resistor. May be
pulled up to a voltage higher than VCC.
5
TOVER
Push/Pull Active–High Output. TOVER goes high when the die temperature exceeds the
factory–programmed temperature threshold.
TUNDER
Open–Drain, Active–Low Output. TUNDER goes low when the die temperature goes below
the factory–programmed temperature threshold. Connect to a 100 K
Ω pull–up resistor. May
be pulled up to a voltage higher than VCC.
TUNDER
Push/Pull Active–High Output. TUNDER goes high when the die temperature is below the
factory–programmed temperature threshold.
Typical Operating Circuit
GND
NCT52
GND
VCC
VCC
GND HYST
TOVER
INT
µP
100 pF
+2.7 V to +5.5 V
DETAILED DESCRIPTION
The NCT51 and NCT52 integrate a temperature sensor
with a factory–programmed threshold switch. A logic signal
is asserted when the die temperature crosses the factory
programmed threshold. An external hysteresis input pin
allows the user to select either 2
°C or 10°C hysteresis to give
further flexibility to the design of the application. The NCT51
and NCT52 are intended for a temperature range from 45
°C
to 115
°C in a 10°C increment. The NCT51 has an open drain
output and the NCT52 has a push/pull output stage.
The NCT51 is intended for applications with a
microprocessor reset input. The NCT52 is intended for
applications of turning on a fan or heater element.
Hysteresis Input
To prevent the output from “chattering’’ at or near the trip
point temperature, a selectable HYST input pin is provided.
Hysteresis can be externally selected at 2
°C (HYST = GND)
or 10
°C (HYST = VDD) by means of the CMOS compatible
HYST input pin. Do not let the HYST pin float as this could
cause increase supply current. The hysteresis does not
depend on the part’s programmed trip threshold.
Table 1. Factory–Programmed Threshold Range
Part Number
Threshold (TTH) Range
NCT51
+45
°C t TTH t +115°C
NCT52
+45
°C t TTH t +115°C
Thermal Considerations
With a very low 17
µA supply current, the NCT51 and
NCT52 dissipates very little power. Thus, the die
temperature is basically the same as the package
temperature. To minimize the error in temperature readings,
the load current should be limited to a few milliamps. As an
example, the typical thermal resistance of a 5–Pin SOT–23A
package is 140
°C/W. If the NCT51 had to sink 1.0 mA, and
the output voltage is guaranteed to be less than 0.3 V, then
an additional 0.3 mW of power is dissipated within the IC.
This corresponds to a 0.042
°C rise in die temperature in the
5–Pin SOT–23A.


Similar Part No. - NCT51SN055T1

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
NCT5532D NUVOTON-NCT5532D Datasheet
3Mb / 302P
   Nuvoton LPC I/O
NCT5569D NUVOTON-NCT5569D Datasheet
3Mb / 231P
   Nuvoton LPC I/O
NCT5577D NUVOTON-NCT5577D Datasheet
3Mb / 327P
   LPC I/O
NCT5605Y NUVOTON-NCT5605Y Datasheet
747Kb / 20P
   SMBus GPIO Controller
NCT5655W NUVOTON-NCT5655W Datasheet
836Kb / 26P
   16-bit I2C-bus and SMBus GPIO controller with interrupt
More results

Similar Description - NCT51SN055T1

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC6501P120VCTTRG MICROCHIP-TC6501P120VCTTRG Datasheet
261Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501P120VCTTRG MICROCHIP-TC6501P120VCTTRG Datasheet
261Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501P115VCTTR MICROCHIP-TC6501P115VCTTR Datasheet
272Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501 MICROCHIP-TC6501 Datasheet
326Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
2004
TC6501 MICROCHIP-TC6501_13 Datasheet
254Kb / 16P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
11/29/12
TC6501P115VCTTR MICROCHIP-TC6501P115VCTTR Datasheet
262Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
MCP9501 MICROCHIP-MCP9501 Datasheet
338Kb / 20P
   Temperature Switch with Selectable Hysteresis
2011
logo
Richtek Technology Corp...
RT9726 RICHTEK-RT9726 Datasheet
115Kb / 8P
   High-Voltage Hysteresis Selectable Temperature Switch
logo
ON Semiconductor
MAX6501 ONSEMI-MAX6501 Datasheet
125Kb / 12P
   Ultra Small Temperature Switch
February, 2003 - Rev. 2
logo
Texas Instruments
TPS22934 TI-TPS22934 Datasheet
982Kb / 25P
[Old version datasheet]   ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH WITH HYSTERESIS CONTROL INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com