Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z86C2116PSC Datasheet(PDF) 8 Page - Zilog, Inc.

Part # Z86C2116PSC
Description  8K ROM Z8 CMOS MICROCONTROLLER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C2116PSC Datasheet(HTML) 8 Page - Zilog, Inc.

Back Button Z86C2116PSC Datasheet HTML 4Page - Zilog, Inc. Z86C2116PSC Datasheet HTML 5Page - Zilog, Inc. Z86C2116PSC Datasheet HTML 6Page - Zilog, Inc. Z86C2116PSC Datasheet HTML 7Page - Zilog, Inc. Z86C2116PSC Datasheet HTML 8Page - Zilog, Inc. Z86C2116PSC Datasheet HTML 9Page - Zilog, Inc. Z86C2116PSC Datasheet HTML 10Page - Zilog, Inc. Z86C2116PSC Datasheet HTML 11Page - Zilog, Inc. Z86C2116PSC Datasheet HTML 12Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
\8
Z86C21 MCU
WITH
8K ROM
PIN FUNCTIONS (Continued)
Port 1 (P17-P10). Port 1 is an 8-bit, byte programmable,
bidirectional, TTL compatible port. It has multiplexed Ad-
dress (A7-A0) and Data (D7-D0) ports. For Z86C21, these
eight I/O lines can be programmed as Input or Output lines
or can be configured under software control as an ad-
dress/data port for interfacing external memory. When
used as an I/O port, Port 1 can be placed under handshake
control. In this configuration, Port 3 line P33 and P34 are
used as the handshake controls RDY1 and /DAV1.
Memory locations greater than 8192 are referenced through
Port 1. To interface external memory, Port 1 is programmed
for the multiplexed Address/Data mode. If more than 256
external locations are required, Port 0 must output the
additional lines.
Port 1 can be placed in a high-impedance state along with
Port 0, /AS, /DS and R//W, allowing the MCU to share
common resource in multiprocessor and DMA applica-
tions. Data transfers are controlled by assigning P33 as a
Bus Acknowledge input, and P34 as a Bus request output
(Figure 6).
OEN
Out
In
PAD
Port 1
(AD7-AD0)
Z86C21
MCU
TTL Level Shifter
Auto Latch
R
≈ 500 KΩ
8
Handshake Controls
/DAV1 and RDY1
(P33 and P34)
Figure 6. Port 1 Configuration


Similar Part No. - Z86C2116PSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C27 ZILOG-Z86C27 Datasheet
125Kb / 9P
   CMOS Z8 MICROCONTROLLER
Z86C28 ZILOG-Z86C28 Datasheet
403Kb / 13P
   CMOS 8-Bit Low-Cost 4K-ROM Microcontrollers
More results

Similar Description - Z86C2116PSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C66 ZILOG-Z86C66 Datasheet
279Kb / 10P
   CMOS Z8 16K ROM Microcontroller
Z86C63 ZILOG-Z86C63 Datasheet
143Kb / 17P
   CMOS Z8 32K ROM MICROCONTROLLER
Z86233 ZILOG-Z86233 Datasheet
122Kb / 18P
   CMOS Z8 8K ROM CONSUMER CONTROLLER PROCESSOR
Z86C11 ZILOG-Z86C11 Datasheet
658Kb / 21P
   CMOS Z8 Microcontroller
Z86C61 ZILOG-Z86C61 Datasheet
388Kb / 46P
   CMOS Z8 MICROCONTROLLER
Z86C47 ZILOG-Z86C47 Datasheet
106Kb / 8P
   CMOS Z8 MICROCONTROLLER
Z86C27 ZILOG-Z86C27 Datasheet
125Kb / 9P
   CMOS Z8 MICROCONTROLLER
Z86C96 ZILOG-Z86C96 Datasheet
124Kb / 11P
   CMOS Z8 MICROCONTROLLER
Z86E47 ZILOG-Z86E47 Datasheet
111Kb / 8P
   CMOS Z8 8BIT MICROCONTROLLER
Z86E23 ZILOG-Z86E23 Datasheet
71Kb / 6P
   CMOS Z8 OTP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com