Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z86C43 Datasheet(PDF) 8 Page - Zilog, Inc.

Part # Z86C43
Description  CMOS Z8 CONSUMER CONTROLLER PROCESSOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C43 Datasheet(HTML) 8 Page - Zilog, Inc.

Back Button Z86C43 Datasheet HTML 4Page - Zilog, Inc. Z86C43 Datasheet HTML 5Page - Zilog, Inc. Z86C43 Datasheet HTML 6Page - Zilog, Inc. Z86C43 Datasheet HTML 7Page - Zilog, Inc. Z86C43 Datasheet HTML 8Page - Zilog, Inc. Z86C43 Datasheet HTML 9Page - Zilog, Inc. Z86C43 Datasheet HTML 10Page - Zilog, Inc. Z86C43 Datasheet HTML 11Page - Zilog, Inc. Z86C43 Datasheet HTML 12Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Z86C33/C43
CP95DZ80202
DC ELECTRICAL CHARACTERISTICS
T
A = 0° CTA = –40°C
V
CC
to +70
°C
to +105
°C Typical [13]
Sym Parameter
Note [3]
Min
Max
Min
Max
@ 25
°C Units Conditions
Notes
Max Input Voltage
3.0V
7
7
V
I
IN < 250 µA
5.5V
7
7
V
I
IN < 250 µA
V
CH
Clock Input High Voltage 3.0V
0.7 V
CC
V
CC+0.3
0.7 V
CC
V
CC+0.3
1.3
V
Driven by External Clock Generator
5.5V
0.7 V
CC
V
CC+0.3
0.7 V
CC
V
CC+0.3
2.5
V
Driven by External Clock Generator
V
CL
Clock Input Low Voltage
3.0V
GND-0.3 0.2 V
CC
GND-0.3 0.2 V
CC
0.7
V
Driven by External Clock Generator
5.5V
GND-0.3 0.2 V
CC
GND-0.3 0.2 V
CC
1.5
V
Driven by External Clock Generator
V
IH
Input High Voltage
3.0V
0.7 V
CC
V
CC+0.3
0.7 V
CC
V
CC+0.3
1.3
V
5.5V
0.7 V
CC
V
CC+0.3
0.7 V
CC
V
CC+0.3
2.5
V
V
IL
Input Low Voltage
3.0V
GND-0.3 0.2 V
CC
GND-0.3 0.2 V
CC
0.7
V
5.5V
GND-0.3 0.2 V
CC
GND-0.3 0.2 V
CC
1.5
V
V
OH1
Output High Voltage
3.0V
V
CC-0.4
V
CC-0.4
3.1
V
I
OH = -2.0 mA
[8]
5.5V
V
CC-0.4
V
CC-0.4
4.8
V
I
OH = -2.0 mA
[8]
V
OL1
Output Low Voltage
3.0V
0.6
0.6
0.2
V
I
OL = +4.0 mA
[8]
5.5V
0.4
0.4
0.1
V
I
OL = +4.0 mA
[8]
V
OL2
Output Low Voltage
3.0V
1.2
1.2
0.3
V
I
OL = +6 mA
[8]
5.5V
1.2
1.2
0.3
V
I
OL = +12 mA
[8]
V
RH
Reset Input High Voltage 3.0V
.8 V
CC
V
CC
.8 V
CC
V
CC
1.5
V
5.5V
.8 V
CC
V
CC
.8 V
CC
V
CC
2.1
V
V
Rl
Reset Input Low Voltage
3.0V
GND-0.3 0.2 V
CC
GND-0.3 0.2 V
CC
1.1
V
5.5V
GND-0.3 0.2 V
CC
GND-0.3 0.2 V
CC
1.7
V
V
OFFSET
Comparator Input Offset
3.0V
25
25
10
mV
[10]
Voltage
5.5V
25
25
10
mV
[10]
I
IL
Input Leakage
3.0V
-1
2
-1
2
<1
µAV
IN = OV, VCC
5.5V
-1
2
-1
2
<1
µAV
IN = OV, VCC
I
OL
Output Leakage
3.0V
-1
1
-1
2
<1
µAV
IN = OV, VCC
5.5V
-1
1
-1
2
<1
µAV
IN = OV, VCC
I
IR
Reset Input Current
3.0V
-130
-130
-25
µA
5.5V
-180
-180
-40
µA
I
CC
Supply Current
3.0V
20
20
7
mA
@ 16 MHz
[4]
5.5V
25
25
20
mA
@ 16 MHz
[4]
3.0V
15
15
5
mA
@ 12 MHz
[4]
5.5V
20
20
15
mA
@ 12 MHz
[4]
I
CC1
Standby Current
3.0V
4.5
4.5
2.0
mA
HALT Mode V
IN = OV, VCC @ 16 MHz
[4]
5.5V
8
8
3.7
mA
HALT Mode V
IN = OV, VCC @ 16 MHz
[4]
3.0V
3.4
3.4
1.5
mA
Clock Divide-by-16 @ 16 MHz
[4]
5.5V
7.0
7.0
2.9
mA
Clock Divide-by-16 @ 16 MHz
[4]
I
CC2
Standby Current
3.0V
8
8
1
µA
STOP Mode V
IN = OV,
[6,11]
V
CC WDT is not Running
5.5V
10
10
2
µA
STOP Mode V
IN = OV,
[6,11]
V
CC WDT is not Running
3.0V
500
600
310
µA
STOP Mode V
IN = OV,
[6,11,14]
V
CC WDT is Running
5.5V
800
1000
600
µA
STOP Mode V
IN = OV,
[6,11,14]
V
CC WDT is Running


Similar Part No. - Z86C43

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C40 ZILOG-Z86C40 Datasheet
128Kb / 17P
   CMOS Z8 CONSUMER CONTROLLER PROCESSOR
Z86C40 ZILOG-Z86C40 Datasheet
1Mb / 348P
   General-Purpose Register File. Flexible I/O. Analog Inputs
Z86C4016PSG ZILOG-Z86C4016PSG Datasheet
1Mb / 348P
   Z86E3016PSG
Z86C44 ZILOG-Z86C44 Datasheet
1Mb / 70P
   CMOS Z8 MCUs WITH ASCI UART OFFER EFFICIENT, COST-EFFECTIVE DESIGN FLEXIBILITY
Z86C45 ZILOG-Z86C45 Datasheet
1Mb / 70P
   CMOS Z8 MCUs WITH ASCI UART OFFER EFFICIENT, COST-EFFECTIVE DESIGN FLEXIBILITY
More results

Similar Description - Z86C43

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L33 ZILOG-Z86L33 Datasheet
223Kb / 16P
   CMOS Z8 CONSUMER CONTROLLER PROCESSOR
Z86C30 ZILOG-Z86C30 Datasheet
128Kb / 17P
   CMOS Z8 CONSUMER CONTROLLER PROCESSOR
Z86233 ZILOG-Z86233 Datasheet
122Kb / 18P
   CMOS Z8 8K ROM CONSUMER CONTROLLER PROCESSOR
Z87233 ZILOG-Z87233 Datasheet
868Kb / 71P
   CMOS Z8-R MCU Consumer Controller Processor
Z87C33 ZILOG-Z87C33 Datasheet
862Kb / 72P
   CMOS Z8짰 MCU Consumer Controller Processor
Z86C95 ZILOG-Z86C95 Datasheet
147Kb / 18P
   CMOS Z8 DIGITAL SIGNAL PROCESSOR (DSP)
Z86116 ZILOG-Z86116 Datasheet
60Kb / 9P
   CMOS Z8 PN MODULATOR WIRELESS CONTROLLER
Z86E15 ZILOG-Z86E15 Datasheet
700Kb / 26P
   CMOS Z8 8-Bit OTP Keyboad Controller
Z86C11 ZILOG-Z86C11 Datasheet
658Kb / 21P
   CMOS Z8 Microcontroller
Z86C61 ZILOG-Z86C61 Datasheet
388Kb / 46P
   CMOS Z8 MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com