Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z86C97 Datasheet(PDF) 5 Page - Zilog, Inc.

Part # Z86C97
Description  CMOS Z8 MICROCONTROLLER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C97 Datasheet(HTML) 5 Page - Zilog, Inc.

  Z86C97 Datasheet HTML 1Page - Zilog, Inc. Z86C97 Datasheet HTML 2Page - Zilog, Inc. Z86C97 Datasheet HTML 3Page - Zilog, Inc. Z86C97 Datasheet HTML 4Page - Zilog, Inc. Z86C97 Datasheet HTML 5Page - Zilog, Inc. Z86C97 Datasheet HTML 6Page - Zilog, Inc. Z86C97 Datasheet HTML 7Page - Zilog, Inc. Z86C97 Datasheet HTML 8Page - Zilog, Inc. Z86C97 Datasheet HTML 9Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Z86C27/C97
CPS DC-2974-04
AC CHARACTERISTICS
Timing Diagrams
XTAL1
1
2
2
3
3
External Clock
Tin
7
5
4
6
Counter Timer
DC CHARACTERISTICS
T
A=0°C to +70°C; VCC=+4.5 V to +5.5 V; FOSC=4 MHz
T
A=0°C to +70°C
Typical
Symbol Parameter
Min
Max
@ 25
°C Units Conditions
V
IL
Input Voltage Low
0
0.2 V
CC
1.48
V
V
ILC
Input XTAL/Osc In Low
0.07 V
CC
0.98
V
External Clock Generator Driven
V
IH
Input Voltage
0.7 V
CC
V
CC
3.0
V
V
IHC
Input XTAL/Osc in High
0.8 V
CC
V
CC
3.2
V
External Clock Generator Driven
V
HY
Schmitt Hysteresis
0.1 V
CC
0.8
V
V
PU
Maximum Pull-up Voltage
12
V
[2]
V
OL
Output Voltage Low
0.4
0.16
V
I
OL=1.00 mA
0.4
0.19
V
I
OL=3.2 mA, [1]
0.4
0.19
V
I
OL=0.75 mA [2]
1.5
1.00
V
I
OL=10 mA [1]
V
00-01
AFC Level 01 In
0.45 V
CC
1.9
V
V
01-11
AFC Level 11 In
0.5 V
CC
0.75 V
CC
3.12
V
V
OH
Output Voltage High
V
CC–0.4
4.75
V
I
OH= –0.75 mA
I
IR
Reset Input Current
–80
–46
µAV
RL=0 V
I
IL
Input Leakage
–3.0
3.0
0.01
µA
0 V,V
CC
I
OL
Tri-State Leakage
–3.0
3.0
0.02
µA
0 V,V
CC
I
CC
Supply Current
20
13.2
mA
All inputs at rail
I
CC1
6
3.2
mA
All inputs at rail
I
CC2
10
0
µA
All inputs at rail
Notes:
[1] Port 5
[2] PWM Open-Drain


Similar Part No. - Z86C97

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C90 ZILOG-Z86C90 Datasheet
96Kb / 14P
   ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
Z86C9012PSC ZILOG-Z86C9012PSC Datasheet
96Kb / 14P
   ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
Z86C9012VSC ZILOG-Z86C9012VSC Datasheet
96Kb / 14P
   ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
Z86C90PLCC ZILOG-Z86C90PLCC Datasheet
96Kb / 14P
   ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
Z86C90QFP ZILOG-Z86C90QFP Datasheet
96Kb / 14P
   ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
More results

Similar Description - Z86C97

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C11 ZILOG-Z86C11 Datasheet
658Kb / 21P
   CMOS Z8 Microcontroller
Z86C61 ZILOG-Z86C61 Datasheet
388Kb / 46P
   CMOS Z8 MICROCONTROLLER
Z86C47 ZILOG-Z86C47 Datasheet
106Kb / 8P
   CMOS Z8 MICROCONTROLLER
Z86C96 ZILOG-Z86C96 Datasheet
124Kb / 11P
   CMOS Z8 MICROCONTROLLER
Z86E47 ZILOG-Z86E47 Datasheet
111Kb / 8P
   CMOS Z8 8BIT MICROCONTROLLER
Z86E23 ZILOG-Z86E23 Datasheet
71Kb / 6P
   CMOS Z8 OTP MICROCONTROLLER
Z86E64 ZILOG-Z86E64 Datasheet
91Kb / 12P
   CMOS Z8 OTP Microcontroller
Z86E22 ZILOG-Z86E22 Datasheet
276Kb / 10P
   CMOS Z8 OTP MICROCONTROLLER
Z86E21 ZILOG-Z86E21 Datasheet
162Kb / 12P
   CMOS Z8 OTP MICROCONTROLLER
Z86E02SL1925 ZILOG-Z86E02SL1925 Datasheet
75Kb / 18P
   CMOS Z8 OTP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com