Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z86C27 Datasheet(PDF) 4 Page - Zilog, Inc.

Part # Z86C27
Description  CMOS Z8 MICROCONTROLLER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C27 Datasheet(HTML) 4 Page - Zilog, Inc.

  Z86C27 Datasheet HTML 1Page - Zilog, Inc. Z86C27 Datasheet HTML 2Page - Zilog, Inc. Z86C27 Datasheet HTML 3Page - Zilog, Inc. Z86C27 Datasheet HTML 4Page - Zilog, Inc. Z86C27 Datasheet HTML 5Page - Zilog, Inc. Z86C27 Datasheet HTML 6Page - Zilog, Inc. Z86C27 Datasheet HTML 7Page - Zilog, Inc. Z86C27 Datasheet HTML 8Page - Zilog, Inc. Z86C27 Datasheet HTML 9Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Z86C27/C97
CPS DC-2974-04
Symbol
Parameters
Min
Max
Units
Notes
V
CC
Power Supply Voltage †
–0.3
+7
V
V
I
Input Voltage
–0.3
V
CC +0.3
V
V
I
Input Voltage
–0.3
V
CC +0.3
V
[1]
V
O
Output Voltage
–0.3
V
CC +8.0
V
[2]
I
OH
Output Current High
–10
mA
1 pin
I
OH
Output Current High
–100
mA
all total
I
OL
Output Current Low
20
mA
1 pin
I
OL
Output Current Low
40
mA
[3] (1 pin)
I
OL
Output Current Low,all total
200
mA
T
A
Operating Temperature
††
T
STG
Storage Temperature
–65
+150
C
From Output
Under Test
RLL
VDD
RLH
150 pF
STANDARD TEST CONDITIONS
The characteristics listed below apply for standard test
conditions as noted. All voltages are referenced to GND.
Positive current flows into the referenced pin (see Test
Load Diagram).
Notes:
[1] Port 2 open-drain
[2] PWM open-drain outputs
[3] Port 5
† Voltage on all pins with respect to GND.
†† See Ordering Information
CAPACITANCE
T
A=25°C, VCC=GND=0 V, Freq=1.0 MHz, unmeasured pins to GND.
Test Load Diagram
ABSOLUTE MAXIMUM RATINGS
Stress greater than those listed under Absolute Maximum
Ratings may cause permanent damage to the device. This
is a stress rating only; operation of the device at any
condition above those indicated in the operational sec-
tions of these specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods
may affect device reliability.
Parameter
Max
Units
Input capacitance
10
pF
Output capacitance
20
pF
I/O capacitance
25
pF
AFC
IN input capacitance
10
pF


Similar Part No. - Z86C27

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C21 ZILOG-Z86C21 Datasheet
413Kb / 35P
   8K ROM Z8 CMOS MICROCONTROLLER
Z86C2112FEC ZILOG-Z86C2112FEC Datasheet
413Kb / 35P
   8K ROM Z8 CMOS MICROCONTROLLER
Z86C2112FSC ZILOG-Z86C2112FSC Datasheet
413Kb / 35P
   8K ROM Z8 CMOS MICROCONTROLLER
Z86C2112PEC ZILOG-Z86C2112PEC Datasheet
413Kb / 35P
   8K ROM Z8 CMOS MICROCONTROLLER
Z86C2112PSC ZILOG-Z86C2112PSC Datasheet
413Kb / 35P
   8K ROM Z8 CMOS MICROCONTROLLER
More results

Similar Description - Z86C27

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C11 ZILOG-Z86C11 Datasheet
658Kb / 21P
   CMOS Z8 Microcontroller
Z86C61 ZILOG-Z86C61 Datasheet
388Kb / 46P
   CMOS Z8 MICROCONTROLLER
Z86C47 ZILOG-Z86C47 Datasheet
106Kb / 8P
   CMOS Z8 MICROCONTROLLER
Z86C96 ZILOG-Z86C96 Datasheet
124Kb / 11P
   CMOS Z8 MICROCONTROLLER
Z86E47 ZILOG-Z86E47 Datasheet
111Kb / 8P
   CMOS Z8 8BIT MICROCONTROLLER
Z86E23 ZILOG-Z86E23 Datasheet
71Kb / 6P
   CMOS Z8 OTP MICROCONTROLLER
Z86E64 ZILOG-Z86E64 Datasheet
91Kb / 12P
   CMOS Z8 OTP Microcontroller
Z86E22 ZILOG-Z86E22 Datasheet
276Kb / 10P
   CMOS Z8 OTP MICROCONTROLLER
Z86E21 ZILOG-Z86E21 Datasheet
162Kb / 12P
   CMOS Z8 OTP MICROCONTROLLER
Z86E02SL1925 ZILOG-Z86E02SL1925 Datasheet
75Kb / 18P
   CMOS Z8 OTP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com