Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z86217 Datasheet(PDF) 3 Page - Zilog, Inc.

Part # Z86217
Description  CMOS Z8 8-BIT MICROCONTROLLERS (POINTING DEVICE/TRACKBALL)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86217 Datasheet(HTML) 3 Page - Zilog, Inc.

  Z86217 Datasheet HTML 1Page - Zilog, Inc. Z86217 Datasheet HTML 2Page - Zilog, Inc. Z86217 Datasheet HTML 3Page - Zilog, Inc. Z86217 Datasheet HTML 4Page - Zilog, Inc. Z86217 Datasheet HTML 5Page - Zilog, Inc. Z86217 Datasheet HTML 6Page - Zilog, Inc. Z86217 Datasheet HTML 7Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Z86217/C17
CP95KEY1000
3
PRELIMINARY
STANDARD TEST CONDITIONS
CAPACITANCE
T
A = GND = 0V, f = 1.0 MHz, unmeasured pins to GND
Parameter
Max
Input capacitance
10 pF
Output capacitance
20 pF
I/O capacitance
25 pF
V
dd SPECIFICATION
V
dd = 3.0V to 5.5V
ABSOLUTE MAXIMUM RATINGS
Sym
Parameter
Min
Max
Units
V
DD
Supply Voltage (*)
–0.3
+7
V
T
STG
Storage Temp
–65
°
+150
°
C
T
A
Oper Ambient Temp
C
Stress greater than those listed under Absolute Maximum
Ratings may cause permanent damage to the device. This
is a stress rating only; operation of the device at any
condition above those indicated in the operational sec-
tions of these specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods
may affect device reliability.
Notes:
* Voltages on all pins with respect to GND
† See Ordering Information
The characteristics listed below apply for standard test
conditions as noted. All voltages are referenced to GND.
Positive current flows into the referenced pin (Test Load).
Test Load Diagram
From Output
Under Test
150 pF
I


Similar Part No. - Z86217

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86227 ZILOG-Z86227 Datasheet
65Kb / 8P
   40-PIN LOW-COST DIGITAL TELEVISION CONTROLLER (4LDTC)
Z86227-04PSC ZILOG-Z86227-04PSC Datasheet
65Kb / 8P
   40-PIN LOW-COST DIGITAL TELEVISION CONTROLLER (4LDTC)
Z86228 ZILOG-Z86228 Datasheet
87Kb / 7P
   LINE 21 CLOSED CAPTION CONTROLLER (L21C)
Z8622812PSC ZILOG-Z8622812PSC Datasheet
258Kb / 7P
   LINE 21 CLOSED CAPTION CONTROLLER(L21C)
Z8622812PSG ZILOG-Z8622812PSG Datasheet
258Kb / 7P
   LINE 21 CLOSED CAPTION CONTROLLER (L21C)
More results

Similar Description - Z86217

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E33 ZILOG-Z86E33 Datasheet
45Kb / 10P
   CMOS Z8 OTP Microcontrollers
Z86L04 ZILOG-Z86L04 Datasheet
165Kb / 26P
   Z8 8-Bit Cost-Effective Microcontrollers
Z86E0412PSG1866 ZILOG-Z86E0412PSG1866 Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
Z86C9116PSG ZILOG-Z86C9116PSG Datasheet
824Kb / 56P
   CMOS Z8 ROMLess Microcontrollers
Z86E09 ZILOG-Z86E09 Datasheet
305Kb / 38P
   Z8 CMOS OTP Microcontrollers
Z86E0412PEG ZILOG-Z86E0412PEG Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
Z86C05 ZILOG-Z86C05 Datasheet
877Kb / 29P
   CMOS Z8 8-Bit Low-Cost 1K/2K-ROM Microcontrollers
Z8673312PSG ZILOG-Z8673312PSG Datasheet
1Mb / 84P
   CMOS Z8 OTP Microcontrollers
Z86E03 ZILOG-Z86E03 Datasheet
66Kb / 9P
   CMOS Z8 OTP MICROCONTROLLERS
Z86317 ZILOG-Z86317 Datasheet
59Kb / 8P
   CMOS Z8 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com