Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4531AID Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # THS4531AID
Description  Ultra Low-Power, Rail-to-Rail Output, Fully Differential Amplifier
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4531AID Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS4531AID Datasheet HTML 7Page - Texas Instruments THS4531AID Datasheet HTML 8Page - Texas Instruments THS4531AID Datasheet HTML 9Page - Texas Instruments THS4531AID Datasheet HTML 10Page - Texas Instruments THS4531AID Datasheet HTML 11Page - Texas Instruments THS4531AID Datasheet HTML 12Page - Texas Instruments THS4531AID Datasheet HTML 13Page - Texas Instruments THS4531AID Datasheet HTML 14Page - Texas Instruments THS4531AID Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
THS4531A
www.ti.com
SLOS823C – DECEMBER 2012 – REVISED JANUARY 2016
7.7 Typical Characteristics
Table 3. Table Of Graphs
Description
VS = 2.7 V
VS = 5 V
Small-signal frequency response
Figure 1
Figure 34
Large-signal frequency response
Figure 2
Figure 35
Large- and small- signal pulse response
Figure 3
Figure 36
Single-ended slew rate vs VOUT step
Figure 4
Figure 37
Differential slew rate vs VOUT step
Figure 5
Figure 38
Overdrive recovery
Figure 6
Figure 39
10-kHz FFT on audio analyzer
Figure 7
Figure 40
Harmonic distortion vs Frequency
Figure 8
Figure 41
Harmonic distortion vs Output voltage at 1 MHz
Figure 9
Figure 42
Harmonic distortion vs Gain at 1 MHz
Figure 10
Figure 43
Harmonic distortion vs Load at 1 MHz
Figure 11
Figure 44
Harmonic distortion vs VOCM at 1 MHz
Figure 12
Figure 45
Two-tone, 2nd and 3rd order intermodulation distortion vs Frequency
Figure 13
Figure 46
Single-ended output voltage swing vs Load resistance
Figure 14
Figure 47
Single-ended output saturation voltage vs Load current
Figure 15
Figure 48
Main amplifier differential output impedance vs Frequency
Figure 16
Figure 49
Frequncy response vs CLOAD
Figure 17
Figure 50
RO vs CLOAD
Figure 18
Figure 51
Rejection ratio vs Frequency
Figure 19
Figure 52
Turnon time
Figure 20
Figure 53
Turnoff time
Figure 21
Figure 54
Input-referred voltage noise and current noise spectral density
Figure 22
Figure 55
Main amplifier differential open-loop gain and phase vs Frequency
Figure 23
Figure 56
Output balance error vs Frequency
Figure 24
Figure 57
VOCM small signal frequency response
Figure 25
Figure 58
VOCM large and small signal pulse response
Figure 26
Figure 59
VOCM input impedance vs frequency
Figure 27
Figure 60
Count vs input offset current
Figure 28
Figure 61
Count vs input offset current temperature drift
Figure 29
Figure 62
Input offset current vs temperature
Figure 30
Figure 63
Count vs input offset voltage
Figure 31
Figure 64
Count vs input offset voltage temperature drift
Figure 32
Figure 65
Input offset voltage vs temperature
Figure 33
Figure 66
Copyright © 2012–2016, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: THS4531A


Similar Part No. - THS4531AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4531AID TI-THS4531AID Datasheet
1Mb / 50P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
National Semiconductor ...
THS4531AID NSC-THS4531AID Datasheet
1Mb / 51P
   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
Texas Instruments
THS4531AIDGK TI-THS4531AIDGK Datasheet
1Mb / 50P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
National Semiconductor ...
THS4531AIDGK NSC-THS4531AIDGK Datasheet
1Mb / 51P
   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
Texas Instruments
THS4531AIDGKR TI-THS4531AIDGKR Datasheet
1Mb / 50P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
More results

Similar Description - THS4531AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4531 TI1-THS4531_14 Datasheet
1Mb / 56P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4532 TI-THS4532 Datasheet
1Mb / 44P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
National Semiconductor ...
THS4531 NSC-THS4531 Datasheet
1Mb / 55P
   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
Texas Instruments
THS4531A TI-THS4531A Datasheet
1Mb / 50P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4532 TI1-THS4532_16 Datasheet
1Mb / 58P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4531 TI1-THS4531 Datasheet
1Mb / 54P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
National Semiconductor ...
THS4531A NSC-THS4531A Datasheet
1Mb / 51P
   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4532 NSC-THS4532 Datasheet
1Mb / 44P
   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
Texas Instruments
THS4532 TI1-THS4532 Datasheet
1Mb / 44P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4531A TI1-THS4531A Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4531 TI-THS4531_15 Datasheet
1Mb / 55P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com