Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4521IDGKT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # THS4521IDGKT
Description  Fully Differential Amplifier
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4521IDGKT Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS4521IDGKT Datasheet HTML 6Page - Texas Instruments THS4521IDGKT Datasheet HTML 7Page - Texas Instruments THS4521IDGKT Datasheet HTML 8Page - Texas Instruments THS4521IDGKT Datasheet HTML 9Page - Texas Instruments THS4521IDGKT Datasheet HTML 10Page - Texas Instruments THS4521IDGKT Datasheet HTML 11Page - Texas Instruments THS4521IDGKT Datasheet HTML 12Page - Texas Instruments THS4521IDGKT Datasheet HTML 13Page - Texas Instruments THS4521IDGKT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 65 page
background image
THS4521, THS4522, THS4524
SBOS458H – DECEMBER 2008 – REVISED JUNE 2015
www.ti.com
7.6 Electrical Characteristics: VS+ – VS– = 5 V
At VS+ = 5 V, VS– = 0 V, VOCM = open, VOUT = 2 VPP (differential), RF = 1 kΩ, RL = 1 kΩ differential, G = 1 V/V, single-ended
input, differential output, input and output referenced to midsupply, unless otherwise noted.
TEST
PARAMETER
TEST CONDITIONS
LEVEL(1)
MIN
TYP
MAX
UNIT
AC PERFORMANCE
VOUT = 100 mVPP, G = 1
C
145
MHz
VOUT = 100 mVPP, G = 2
C
50
MHz
Small-signal bandwidth
VOUT = 100 mVPP, G = 5
C
20
MHz
VOUT = 100 mVPP, G = 10
C
9.5
MHz
Gain bandwidth product
VOUT = 100 mVPP, G = 10
C
95
MHz
Large-signal bandwidth
VOUT = 2 VPP, G = 1
C
145
MHz
Bandwidth for 0.1-dB flatness
VOUT = 2 VPP, G = 1
C
30
MHz
Rising slew rate (differential)
VOUT = 2-V Step, G = 1, RL = 200 Ω
C
490
V/
μs
Falling slew rate (differential)
VOUT = 2-V Step, G = 1, RL = 200 Ω
C
600
V/
μs
Overshoot
VOUT = 2-V Step, G = 1, RL = 200 Ω
C
1%
Undershoot
VOUT = 2-V Step, G = 1, RL = 200 Ω
C
2.6%
Rise time
VOUT = 2-V Step, G = 1, RL = 200 Ω
C
3.4
ns
Fall time
VOUT = 2-V Step, G = 1, RL = 200 Ω
C
3
ns
Settling time to 1%
VOUT = 2-V Step, G = 1, RL = 200 Ω
C
10
ns
HARMONIC DISTORTION
f = 1 MHz, VOUT = 2 VPP, G = 1
C
–85
dBc
2nd harmonic
f = 1 kHz, VOUT = 1 VRMS, G = 1
(2),
C
–133
dBc
differential input
f = 1 MHz, VOUT = 2 VPP, G = 1
C
–91
dBc
3rd harmonic
f = 1 kHz, VOUT = 1 VRMS, G = 1
(2),
C
–141
dBc
differential input
Two-tone, f1 = 2 MHz, f2 = 2.2 MHz,
Second-order intermodulation distortion
C
–86
dBc
VOUT = 2-VPP envelope
Two-tone, f1 = 2 MHz, f2 = 2.2 MHz,
Third-order intermodulation distortion
C
–93
dBc
VOUT = 2-VPP envelope
Input voltage noise
f > 10 kHz
C
4.6
nV/
√Hz
Input current noise
f > 100 kHz
C
0.6
pA/
√Hz
VOUT = 5 VPP, 20 Hz to 22 kHz BW,
SNR
C
123
dBc
differential input
f = 1 kHz , VOUT = 5 VPP, 20 Hz to 22 kHz
THD+N
C
112
dBc
BW, differential input
Overdrive recovery time
Overdrive = ±0.5 V
C
75
ns
Output balance error
VOUT = 100 mV, f < 2 MHz, VIN differential
C
–57
dB
Closed-loop output impedance
f = 1 MHz (differential)
C
0.3
Channel-to-channel crosstalk (THS4522. THS4524)
f = 10 kHz, measured differentially
C
–125
dB
DC PERFORMANCE
Open-loop voltage gain (AOL)
A
100
119
dB
TA = +25°C
A
±0.24
±2
mV
Input-referred offset voltage
TA = –40°C to +85°C
B
±0.5
±3.5
mV
Input offset voltage drift(3)
TA = –40°C to +85°C
C
±2
μV/°C
TA = +25°C
B
0.7
0.9
μA
Input bias current(4)
TA = –40°C to +85°C
B
0.9
1.1
μA
Input bias current drift(3)
TA = –40°C to +85°C
B
±1.8
±2.2
nA/°C
(1)
Test levels: (A) 100% tested at 25°C. Over temperature limits set by characterization and simulation. (B) Limits set by characterization
and simulation. (C) Typical value only for information.
(2)
Not directly measurable; calculated using noise gain of 101 as described in the Applications section, Audio Performance.
(3)
Input offset voltage drift, input bias current drift, input offset current drift, and VOCM drift are average values calculated by taking data at
the maximum-range ambient-temperature end points, computing the difference, and dividing by the temperature range. Maximum drift is
set by the distribution of a large sampling of devices. Drift is not specified by a test or a quality assurance (QA) sample test.
(4)
Input bias current is positive out of the device.
10
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: THS4521 THS4522 THS4524


Similar Part No. - THS4521IDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4521IDGKT TI-THS4521IDGKT Datasheet
1Mb / 43P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521IDGKT TI-THS4521IDGKT Datasheet
1Mb / 48P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521IDGKT TI-THS4521IDGKT Datasheet
1Mb / 48P
[Old version datasheet]   VERY LOW POWER,NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
More results

Similar Description - THS4521IDGKT

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL6203ITLX BELLING-BL6203ITLX Datasheet
251Kb / 17P
   Fully differential amplifier
logo
Linear Technology
LTC6363 LINER-LTC6363 Datasheet
452Kb / 8P
   Fully Differential Amplifier
logo
Texas Instruments
THS4541 TI1-THS4541 Datasheet
2Mb / 62P
[Old version datasheet]   Fully Differential Amplifier
AMC1200BDUBR TI1-AMC1200BDUBR Datasheet
903Kb / 24P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200_1108 TI-AMC1200_1108 Datasheet
511Kb / 23P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200STDUBRQ1 TI1-AMC1200STDUBRQ1 Datasheet
901Kb / 23P
[Old version datasheet]   Fully Differential Isolation Amplifier
AMC1301 TI1-AMC1301 Datasheet
365Kb / 8P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200-Q1 TI-AMC1200-Q1_15 Datasheet
823Kb / 24P
[Old version datasheet]   Fully Differential Isolation Amplifier
AMC1200-Q1 TI1-AMC1200-Q1_16 Datasheet
1Mb / 30P
[Old version datasheet]   Fully-Differential Isolation Amplifier
LMH6552 TI1-LMH6552_14 Datasheet
730Kb / 30P
[Old version datasheet]   1.5 GHz Fully Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com