Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS3125ID Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # THS3125ID
Description  Low-Noise, High-Speed, 450-mA Current Feedback Amplifiers
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3125ID Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS3125ID Datasheet HTML 6Page - Texas Instruments THS3125ID Datasheet HTML 7Page - Texas Instruments THS3125ID Datasheet HTML 8Page - Texas Instruments THS3125ID Datasheet HTML 9Page - Texas Instruments THS3125ID Datasheet HTML 10Page - Texas Instruments THS3125ID Datasheet HTML 11Page - Texas Instruments THS3125ID Datasheet HTML 12Page - Texas Instruments THS3125ID Datasheet HTML 13Page - Texas Instruments THS3125ID Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
1
10
100
0.01
0.1
1
10
100
f − Frequency − kHz
In−
In+
Vn
VCC = ±5 V to ±15 V
TA = 25°C
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
1
2
3
4
5
6
7
8
9
3rd Harmonic
G = 2,
VCC = ±15 V,
f = 1 MHz,
RF = 470 Ω,
RL = 50 Ω
VPP − Peak-to-Peak Output Voltage − V
5th Harmonic
4th Harmonic
2nd Harmonic
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0.1
1
10
3rd Harmonic
G = 2,
VCC = ±15 V,
VO(PP) = 8 V,
RF = 470 Ω,
RL = 50 Ω
f − Frequency − MHz
5th Harmonic
2nd Harmonic
4th Harmonic
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
3rd Harmonic
G = 2,
VCC = ±5 V,
f = 1 MHz,
RF = 470 Ω,
RL = 50 Ω
VPP − Peak-to-Peak Output Voltage − V
4th Harmonic
2nd Harmonic
5th Harmonic
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0.1
1
10
100
3rd Harmonic
G = 2,
VCC = ±5 V,
VO(PP) = 2 V,
RF = 470 Ω,
RL = 50 Ω
f − Frequency − MHz
5th Harmonic
2nd Harmonic
4th Harmonic
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0.1
1
10
100
3rd Harmonic
G = 2,
VCC = ±15 V,
VO(PP) = 2 V,
RF = 470 Ω,
RL = 50 Ω
f − Frequency − MHz
5th Harmonic
2nd Harmonic
4th Harmonic
THS3122, THS3125
SLOS382E – SEPTEMBER 2001 – REVISED MAY 2015
www.ti.com
Typical Characteristics (continued)
Figure 14. Harmonic Distortion vs Frequency
Figure 13. Harmonic Distortion vs Frequency
Figure 15. Harmonic Distortion vs Frequency
Figure 16. Harmonic Distortion vs Peak-to-Peak Output
Voltage
Figure 17. Harmonic Distortion vs Peak-to-Peak Output
Figure 18. Voltage Noise and Current Noise vs Frequency
Voltage
10
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: THS3122 THS3125


Similar Part No. - THS3125ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3125ID TI-THS3125ID Datasheet
664Kb / 20P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, 450 mA CURRENT FEEDBACK AMPLIFIERS
THS3125IDR TI-THS3125IDR Datasheet
664Kb / 20P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, 450 mA CURRENT FEEDBACK AMPLIFIERS
THS3125IDRG4 TI-THS3125IDRG4 Datasheet
664Kb / 20P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, 450 mA CURRENT FEEDBACK AMPLIFIERS
More results

Similar Description - THS3125ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3122 TI-THS3122 Datasheet
664Kb / 20P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, 450 mA CURRENT FEEDBACK AMPLIFIERS
THS3115CPWP TI1-THS3115CPWP Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
logo
Burr-Brown (TI)
THS3112 BURR-BROWN-THS3112 Datasheet
371Kb / 14P
   LOW-NOISE, HIGH-SPEED CURRENT FEEDBACK AMPLIFIERS
logo
Texas Instruments
THS3110IDGN TI-THS3110IDGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3110 TI1-THS3110_14 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI-THS3120 Datasheet
916Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_14 Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_16 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3001 TI-THS3001 Datasheet
633Kb / 32P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com