Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA836IDBVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA836IDBVR
Description  Operational Amplifiers
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA836IDBVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA836IDBVR Datasheet HTML 4Page - Texas Instruments OPA836IDBVR Datasheet HTML 5Page - Texas Instruments OPA836IDBVR Datasheet HTML 6Page - Texas Instruments OPA836IDBVR Datasheet HTML 7Page - Texas Instruments OPA836IDBVR Datasheet HTML 8Page - Texas Instruments OPA836IDBVR Datasheet HTML 9Page - Texas Instruments OPA836IDBVR Datasheet HTML 10Page - Texas Instruments OPA836IDBVR Datasheet HTML 11Page - Texas Instruments OPA836IDBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
OPA836, OPA2836
SLOS712G – JANUARY 2011 – REVISED OCTOBER 2015
www.ti.com
Electrical Characteristics: VS = 2.7 V (continued)
Test conditions unless otherwise noted: VS+ = +2.7 V, VS– = 0 V, VOUT = 1 VPP, RF = 0 Ω, RL = 2 kΩ, G = 1 V/V, input and
output referenced to mid-supply, VIN_CM = mid-supply – 0.5 V. TA = 25°C, unless otherwise noted.
TEST
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(1)
AC PERFORMANCE (continued)
Current noise 1/f corner frequency
31.7
kHz
C
Overdrive recovery time, over/under
Overdrive = 0.5 V
55/60
ns
C
Closed-loop output impedance
f = 100 kHz
0.02
Ω
C
Channel-to-channel crosstalk (OPA2836)
f = 10 kHz
–120
dB
C
DC PERFORMANCE
Open-loop voltage gain (AOL)
100
125
dB
A
TA = 25°C
–400
±65
400
A
TA = 0°C to 70°C
–680
680
Input referred offset voltage
µV
TA = –40°C to 85°C
–760
760
B
TA = –40°C to 125°C
–1060
1060
TA = 0°C to 70°C
–6.2
±1
6.2
Input offset voltage drift(2)
TA = –40°C to 85°C
–6
±1
6
µV/°C
B
TA = –40°C to 125°C
–6.6
±1.1
6.6
TA = 25°C
300
650
1000
A
TA = 0°C to 70°C
190
1400
Input bias current(3)
nA
TA = –40°C to 85°C
120
1500
B
TA = –40°C to 125°C
120
1800
TA = 0°C to 70°C
–2
±0.33
2
Input bias current drift(2)
TA = –40°C to 85°C
–1.9
±0.32
1.9
nA/°C
B
TA = –40°C to 125°C
–2.1
±0.37
2.1
TA = 25°C
–180
±30
180
A
TA = 0°C to 70°C
–200
±30
200
Input offset current
nA
TA = –40°C to 85°C
–215
±30
215
B
TA = –40°C to 125°C
–240
±30
240
TA = 0°C to 70°C
–460
±77
460
Input offset current drift(2)
TA = –40°C to 85°C
–575
±95
575
pA/°C
B
TA = –40°C to 125°C
–600
±100
600
INPUT
TA = 25°C,
–0.2
0
V
A
<3-dB degradation in CMRR limit
Common-mode input range low
TA = –40°C to 125°C,
–0.2
0
V
B
<3-dB degradation in CMRR limit
TA = 25°C,
1.5
1.6
V
A
<3-dB degradation in CMRR limit
Common-mode input range high
TA = –40°C to 125°C,
1.5
1.6
V
B
<3-dB degradation in CMRR limit
TA = 25°C,
–0.3 to
Input linear operating voltage range
V
C
<6-dB degradation in THD
1.75
Common-mode rejection ratio
91
114
dB
A
Input impedance common mode
200 || 1.2
k
Ω || pF
C
Input impedance differential mode
200 || 1
k
Ω || pF
C
(2)
Input Offset Voltage Drift, Input Bias Current Drift, and Input Offset Current Drift are average values calculated by taking data at the end
points, computing the difference, and dividing by the temperature range.
(3)
Current is considered positive out of the pin.
8
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: OPA836 OPA2836


Similar Part No. - OPA836IDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA836IDBVR TI1-OPA836IDBVR Datasheet
1Mb / 49P
[Old version datasheet]   Very Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OCTOBER2011
OPA836IDBVR TI1-OPA836IDBVR Datasheet
2Mb / 54P
[Old version datasheet]   Very Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
More results

Similar Description - OPA836IDBVR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com