Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA657UG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA657UG4
Description  1.6-GHz, Low-Noise, FET-Input Operational Amplifier
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA657UG4 Datasheet(HTML) 1 Page - Texas Instruments

  OPA657UG4 Datasheet HTML 1Page - Texas Instruments OPA657UG4 Datasheet HTML 2Page - Texas Instruments OPA657UG4 Datasheet HTML 3Page - Texas Instruments OPA657UG4 Datasheet HTML 4Page - Texas Instruments OPA657UG4 Datasheet HTML 5Page - Texas Instruments OPA657UG4 Datasheet HTML 6Page - Texas Instruments OPA657UG4 Datasheet HTML 7Page - Texas Instruments OPA657UG4 Datasheet HTML 8Page - Texas Instruments OPA657UG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Frequency(Hz)
116
106
96
86
76
66
100k
1M
10M
50M
10MHzBandwidth
OPA657
(12pF)
l
-V
b
200k
V
O
0.1pF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
OPA657
SBOS197F – DECEMBER 2001 – REVISED AUGUST 2015
OPA657 1.6-GHz, Low-Noise, FET-Input Operational Amplifier
1 Features
3 Description
The OPA657 device combines a high-gain bandwidth,
1
High Gain Bandwidth Product: 1.6 GHz
low-distortion, voltage-feedback operational amplifier
High Bandwidth 275 MHz (G = 10)
with a low-voltage noise JFET-input stage to offer a
Slew Rate 700 V/µs (G = 10, 1-V Step)
very high dynamic range amplifier for high-precision
ADC (analog-to-digital converter) driving or wideband
Available in High Grade With Improved DC
transimpedance applications. Photodiode applications
Specifications
see
improved
noise
and
bandwidth
using
this
Operating Temperature Range: –40°C to 85°C
decompensated, high-gain bandwidth amplifier.
Low-Input Offset Voltage: ±250 µV
Very low level signals can be significantly amplified in
Low-Input Bias Current: 2 pA
a
single
OPA657
gain
stage
with
exceptional
Low-Input Voltage Noise: 4.8 nV/
√Hz
bandwidth and accuracy. Having a high 1.6-GHz gain
bandwidth product gives greater than 10-MHz signal
High-Output Current: 70 mA
bandwidths up to gains of 160 V/V (44 dB). The very
Fast Overdrive Recovery
low input bias current and capacitance supports this
performance
even
for
relatively
high
source
2 Applications
impedances.
Wideband Photodiode Amplifier
Broadband photodetector applications benefit from
Wafer Scanning Equipment
the low-voltage noise JFET inputs for the OPA657.
The JFET input contributes virtually no current noise
ADC Input Amplifier
while for broadband applications, a low voltage noise
Test and Measurement Front End
is also required. The low 4.8 nV/
√Hz input voltage
High Gain Precision Amplifier
noise provides exceptional input sensitivity for higher
bandwidth applications. The example shown below
Optical Time Domain Reflectometry (OTDR)
gives a total equivalent input noise current of 1.8
pA/
√Hz over a 10-MHz bandwidth.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SOT-23 (5)
2.90 mm × 1.60 mm
OPA657
SOIC (8)
4.90 mm × 3.91 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Frequency Response of 200-k
Ω Transimpedance
Wideband Photodiode Transimpedance Amplifier
Amplifier
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OPA657UG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA657U TI-OPA657U Datasheet
390Kb / 20P
[Old version datasheet]   1.6GHz, Low-Noise, FET-Input OPERATIONAL AMPLIFIER
OPA657U/2K5 TI-OPA657U/2K5 Datasheet
390Kb / 20P
[Old version datasheet]   1.6GHz, Low-Noise, FET-Input OPERATIONAL AMPLIFIER
OPA657UB TI-OPA657UB Datasheet
390Kb / 20P
[Old version datasheet]   1.6GHz, Low-Noise, FET-Input OPERATIONAL AMPLIFIER
OPA657UB/2K5 TI-OPA657UB/2K5 Datasheet
390Kb / 20P
[Old version datasheet]   1.6GHz, Low-Noise, FET-Input OPERATIONAL AMPLIFIER
More results

Similar Description - OPA657UG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA657-DIE TI1-OPA657-DIE Datasheet
94Kb / 5P
[Old version datasheet]   1.6-GHz, Low-Noise, FET-Input Operational Amplifier
logo
NEC
UPC4071 NEC-UPC4071 Datasheet
278Kb / 10P
   LOW NOISE J-FET INPUT OPERATIONAL AMPLIFIER????
logo
Texas Instruments
OPA657 TI-OPA657 Datasheet
390Kb / 20P
[Old version datasheet]   1.6GHz, Low-Noise, FET-Input OPERATIONAL AMPLIFIER
logo
Torex Semiconductor
XC2401A8167R-G TOREX-XC2401A8167R-G Datasheet
315Kb / 16P
   1.6 GHz Low Noise Amplifier
XC2401A8167R-G TOREX-XC2401A8167R-G_12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
XC2401A8167R-G-12 TOREX-XC2401A8167R-G-12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
XC2401A8167R-G TOREX-XC2401A8167R-G_15 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
logo
Renesas Technology Corp
UPC834 RENESAS-UPC834 Datasheet
504Kb / 8P
   Low Noise J-FET Input Quad Operational Amplifier
2019.11.12
logo
NEC
UPC4074 NEC-UPC4074 Datasheet
277Kb / 10P
   LOW NOISE J-FET INPUT QUAD OPERATIONAL AMPLIFIER??????
logo
Renesas Technology Corp
PC4074 RENESAS-PC4074_15 Datasheet
249Kb / 11P
   J-FET INPUT LOW-NOISE QUAD OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com