Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6551MM Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6551MM
Description  Differential, High-Speed Op Amp
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6551MM Datasheet(HTML) 3 Page - Texas Instruments

  LMH6551MM Datasheet HTML 1Page - Texas Instruments LMH6551MM Datasheet HTML 2Page - Texas Instruments LMH6551MM Datasheet HTML 3Page - Texas Instruments LMH6551MM Datasheet HTML 4Page - Texas Instruments LMH6551MM Datasheet HTML 5Page - Texas Instruments LMH6551MM Datasheet HTML 6Page - Texas Instruments LMH6551MM Datasheet HTML 7Page - Texas Instruments LMH6551MM Datasheet HTML 8Page - Texas Instruments LMH6551MM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
-
4
+OUT
5
-OUT
3
6
V+
V-
NC
2
7
VCM
+
1
8
-IN
+IN
LMH6551
www.ti.com
SNOSAK7D – FEBRUARY 2005 – REVISED JANUARY 2015
6 Pin Configuration and Functions
D and DGK Package
8-Pin SOIC and VSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
-IN
1
I
Negative Input
VCM
2
I
Output Common-Mode Voltage
V+
3
P
Positive Supply
+OUT
4
O
Positive Output
-OUT
5
O
Negative Output
V-
6
P
Negative Supply
NC
7
No Connection
+IN
8
I
Positive Input
7 Specifications
7.1 Absolute Maximum Ratings
(1) (2) (3)
MIN
MAX
UNIT
Supply Voltage
13.2
V
Common-Mode Input Voltage
±Vs
V
Maximum Input Current (pins 1, 2, 7, 8)
30
mA
Maximum Output Current (pins 4, 5)
See (4)
Maximum Junction Temperature
150
°C
Storage Temperature, Tstg
−65
150
°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Recommended Operating Conditions indicate
conditions for which the device is intended to be functional, but specific performance is not ensured. For ensured specifications, see the
Electrical Characteristics tables.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
For Soldering Information, see Product Folder at www.ti.com and SNOA549.
(4)
The maximum output current (IOUT) is determined by device power dissipation limitations.
7.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Machine model (MM)
±200
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH6551


Similar Part No. - LMH6551MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6551MM NSC-LMH6551MM Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551MM TI1-LMH6551MM Datasheet
1Mb / 28P
[Old version datasheet]   LMH6551 Differential, High Speed Op Amp
logo
National Semiconductor ...
LMH6551MM NSC-LMH6551MM Datasheet
1Mb / 28P
   LMH6551 Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551MM/NOPB TI1-LMH6551MM/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LMH6551 Differential, High Speed Op Amp
logo
National Semiconductor ...
LMH6551MMNOPB NSC-LMH6551MMNOPB Datasheet
1Mb / 28P
   LMH6551 Differential, High Speed Op Amp
More results

Similar Description - LMH6551MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
   Differential, High Speed Op Amp
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI-LMH6551Q_15 Datasheet
1Mb / 26P
[Old version datasheet]   Differential, High Speed Op Amp
LMH6551Q TI1-LMH6551Q Datasheet
520Kb / 20P
[Old version datasheet]   Differential, High Speed Op Amp
November 29, 2011
logo
National Semiconductor ...
LMH6550 NSC-LMH6550 Datasheet
854Kb / 17P
   Differential, High Speed Op Amp
LMH6550 NSC-LMH6550_14 Datasheet
1Mb / 25P
   LMH6550 Differential, High Speed Op Amp
LMH6551 NSC-LMH6551_14 Datasheet
1Mb / 28P
   LMH6551 Differential, High Speed Op Amp
LMH6551Q-Q1 NSC-LMH6551Q-Q1 Datasheet
1Mb / 25P
   LMH6551Q Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551MAX_NOPB TI1-LMH6551MAX_NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LMH6551 Differential, High Speed Op Amp
logo
M.S. Kennedy Corporatio...
MSK0032 MSK-MSK0032 Datasheet
411Kb / 5P
   HIGH SPEED, FET INPUT DIFFERENTIAL OP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com